công cụ tìm kiếm bảng dữ liệu linh kiện điện tử
  Vietnamese  ▼
ALLDATASHEET.VN

X  

AD8691 bảng dữ liệu(PDF) 10 Page - Analog Devices

tên linh kiện AD8691
Giải thích chi tiết về linh kiện  Low Power, 3.6 MHz, Low Noise, Rail-to - Rail Output, Operational Amplifiers
Download  20 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
nhà sản xuất  AD [Analog Devices]
Trang chủ  http://www.analog.com
Logo AD - Analog Devices

AD8691 bảng dữ liệu(HTML) 10 Page - Analog Devices

Back Button AD8691 Datasheet HTML 6Page - Analog Devices AD8691 Datasheet HTML 7Page - Analog Devices AD8691 Datasheet HTML 8Page - Analog Devices AD8691 Datasheet HTML 9Page - Analog Devices AD8691 Datasheet HTML 10Page - Analog Devices AD8691 Datasheet HTML 11Page - Analog Devices AD8691 Datasheet HTML 12Page - Analog Devices AD8691 Datasheet HTML 13Page - Analog Devices AD8691 Datasheet HTML 14Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 10 / 20 page
background image
ADA4691-2/ADA4691-4/ADA4692-2/ADA4692-4
Rev. D | Page 10 of 20
10k
0.01
0.1
1
10
100
1k
0.001
100
10
1
0.1
0.01
ILOAD (mA)
ADA4692-2
VSY = ±1.35V
VOL = VOUT – (V–)
(SINKING)
TA = +125°C
TA = +85°C
TA = +25°C
TA = –40°C
Figure 21. Output Voltage (VOL) to Supply Rail vs. Load Current
120
100
80
60
40
20
0
–20
–40
–60
120
100
80
60
40
20
0
–20
–40
–60
1k
10M
1M
100k
10k
FREQUENCY (Hz)
ADA4692-2
VSY = ±1.35V
TA = 25°C
AV = –1
CL = 20pF
CL = 200pF
Figure 22. Open-Loop Gain and Phase vs. Frequency
50
–30
–20
–10
0
10
20
30
40
10
100
1k
10k
100k
1M
10M
FREQUENCY (Hz)
ADA4692-2
VSY = ±1.35V
TA = 25°C
RL = 600Ω
AV = +100
AV = +10
AV = +1
Figure 23. Closed-Loop Gain vs. Frequency
10k
0.01
0.1
1
10
100
1k
0.001
100
10
1
0.1
0.01
ILOAD (mA)
ADA4692-2
VSY = ±2.5V
VOL = VOUT – (V–)
(SINKING)
TA = +125°C
TA = –40°C
TA = +25°C
TA = +85°C
Figure 24. Output Voltage (VOL) to Supply Rail vs. Load Current
120
100
80
60
40
20
0
–20
–40
–60
120
100
80
60
40
20
0
–20
–40
–60
1k
10M
1M
100k
10k
FREQUENCY (Hz)
ADA4692-2
VSY = ±2.5V
TA = 25°C
AV = –1
CL = 20pF
CL = 200pF
Figure 25. Open-Loop Gain and Phase vs. Frequency
50
–30
–20
–10
0
10
20
30
40
10
100
1k
10k
100k
1M
10M
FREQUENCY (Hz)
ADA4692-2
VSY = ±2.5V
TA = 25°C
RL = 600Ω
AV = +100
AV = +10
AV = +1
Figure 26. Closed-Loop Gain vs. Frequency


Số phần tương tự - AD8691

nhà sản xuấttên linh kiệnbảng dữ liệuGiải thích chi tiết về linh kiện
logo
Analog Devices
AD8691 AD-AD8691 Datasheet
477Kb / 12P
   Low Cost, Low Noise, CMOS Rail-to-Rail Output Operational Amplifiers
REV. B
AD8691 AD-AD8691 Datasheet
433Kb / 12P
   Low Cost, Low Noise, CMOS Rail-to-Rail Output Operational Amplifiers
REV. C
AD8691 AD-AD8691 Datasheet
1Mb / 24P
   Ultralow Noise Amplifier at Lower Power
REV. B
AD8691 AD-AD8691 Datasheet
804Kb / 19P
   Low Power, 3.6 MHz, Low Noise, Rail-to-Rail Output, Operational Amplifiers
Rev. E
AD8691AKSZ-R2 AD-AD8691AKSZ-R2 Datasheet
477Kb / 12P
   Low Cost, Low Noise, CMOS Rail-to-Rail Output Operational Amplifiers
REV. B
More results

Mô tả tương tự - AD8691

nhà sản xuấttên linh kiệnbảng dữ liệuGiải thích chi tiết về linh kiện
logo
Analog Devices
ADA4691-2 AD-ADA4691-2_V01 Datasheet
804Kb / 19P
   Low Power, 3.6 MHz, Low Noise, Rail-to-Rail Output, Operational Amplifiers
Rev. E
logo
Texas Instruments
TLV9702 TI1-TLV9702 Datasheet
1Mb / 39P
[Old version datasheet]   Low Noise, Rail-to-Rail Output Operational Amplifiers
TL971-Q1 TI1-TL971-Q1_16 Datasheet
1Mb / 20P
[Old version datasheet]   RAIL-TO-RAIL OUTPUT, VERY LOW-NOISE OPERATIONAL AMPLIFIERS
TL971 TI-TL971 Datasheet
316Kb / 13P
[Old version datasheet]   OUTPUT RAIL-TO-RAIL VERY-LOW-NOISE OPERATIONAL AMPLIFIERS
TL971 TI-TL971_07 Datasheet
375Kb / 15P
[Old version datasheet]   OUTPUT RAIL-TO-RAIL VERY-LOW-NOISE OPERATIONAL AMPLIFIERS
TL971-Q1 TI1-TL971-Q1 Datasheet
419Kb / 15P
[Old version datasheet]   RAIL-TO-RAIL OUTPUT, VERY LOW-NOISE OPERATIONAL AMPLIFIERS
TL971 TI1-TL971 Datasheet
1Mb / 33P
[Old version datasheet]   Output Rail-To-Rail Very-Low-Noise Operational Amplifiers
TL972IPE4 TI-TL972IPE4 Datasheet
1Mb / 25P
[Old version datasheet]   OUTPUT RAIL-TO-RAIL VERY-LOW-NOISE OPERATIONAL AMPLIFIERS
TL971-Q1 TI-TL971-Q1_15 Datasheet
1Mb / 20P
[Old version datasheet]   RAIL-TO-RAIL OUTPUT, VERY LOW-NOISE OPERATIONAL AMPLIFIERS
logo
Analog Devices
ADA4691-2 AD-ADA4691-2 Datasheet
1Mb / 16P
   Dual, Low Power, Wideband, Low Noise, Rail-to-Rail Output, Operational Amplifiers
REV. A
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20


bảng dữ liệu tải về

Go To PDF Page


Link URL




Chính sách bảo mật
ALLDATASHEET.VN
Cho đến nay ALLDATASHEET có giúp ích cho doanh nghiệp của bạn hay không?  [ DONATE ] 

Alldatasheet là   |   Quảng cáo   |   Liên lạc với chúng tôi   |   Chính sách bảo mật   |   Trao đổi link   |   Tìm kiếm theo nhà sản xuất
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com