công cụ tìm kiếm bảng dữ liệu linh kiện điện tử
  Vietnamese  ▼
ALLDATASHEET.VN

X  

U1341-3 bảng dữ liệu(PDF) 10 Page - List of Unclassifed Manufacturers

tên linh kiện U1341-3
Giải thích chi tiết về linh kiện  TO CHANGE WITHOUT NOTICE ACCESSORIES
Download  17 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
nhà sản xuất  ETC2 [List of Unclassifed Manufacturers]
Trang chủ  
Logo ETC2 - List of Unclassifed Manufacturers

U1341-3 bảng dữ liệu(HTML) 10 Page - List of Unclassifed Manufacturers

Back Button U1341-3 Datasheet HTML 6Page - List of Unclassifed Manufacturers U1341-3 Datasheet HTML 7Page - List of Unclassifed Manufacturers U1341-3 Datasheet HTML 8Page - List of Unclassifed Manufacturers U1341-3 Datasheet HTML 9Page - List of Unclassifed Manufacturers U1341-3 Datasheet HTML 10Page - List of Unclassifed Manufacturers U1341-3 Datasheet HTML 11Page - List of Unclassifed Manufacturers U1341-3 Datasheet HTML 12Page - List of Unclassifed Manufacturers U1341-3 Datasheet HTML 13Page - List of Unclassifed Manufacturers U1341-3 Datasheet HTML 14Page - List of Unclassifed Manufacturers Next Button
Zoom Inzoom in Zoom Outzoom out
 10 / 17 page
background image
D
D10
APEM, PO BOX 8288, HAVERHILL, MA USA 01835-0788 TOLL FREE: (877) 246-7890 FAX: (781) 245-4531 E-mail: info@apem.com
SEALING BOOTS FOR SWITCHES
For toggle bushing 6 x 0.75 (.236 x 0.75) - 5500 series
FEATURES
G Prevents dust, sand and water from entering switches.
G Prevents ice from blocking actuator movement on toggle switches.
G Compatible with internally sealed toggle and pushbutton actuators.
G Available in a wide range of colors .
G Each boot is supplied with a sealing ring or washer.
MATERIALS AND SPECIFICATIONS
Boot material:
Neoprene or silicone (see comparative advantages below)
Nut material:
Nickel plated or matte black finished brass
Operating temperature:
Neoprene; -20
°C to 50°C
-40
°C to 85°C
Comparative
Temperature Range
Elasticity
Mechanical
Advantages
Low
High
Resistance
Silicone
Excellent
Excellent
Excellent
Poor
Neoprene
Poor
Good
Poor
Excellent
TYPES OF BOOTS - CROSS SECTIONS
* Color options available
NUT
FULL TOGGLE SILICONE BOOTS
Black
Red
Green
White
Knurled
Nickel plated
U1341
U1341-6
U1341-3
U1341-7
Knurled
Matte black
U1343
U1343-6
U1343-3
U1343-7
Hex
Nickel plated
U1302
U1302-6
U1302-3
U1302-7
Hex
Matte black
U1304
U1304-6
U1304-3
U1304-7
Full toggle*
Half toggle*
Two part* (no metal
For double sealing
(standard)
parts accessible)
EXAMPLES OF MOUNTING


Số phần tương tự - U1341-3

nhà sản xuấttên linh kiệnbảng dữ liệuGiải thích chi tiết về linh kiện
logo
List of Unclassifed Man...
U13 ETC2-U13 Datasheet
654Kb / 16P
   MISCELLANEOUS HARDWARE-ACCESSORIES
logo
C&K Components
U13 CK-COMPONENTS-U13 Datasheet
1Mb / 22P
   Miniature Rocker Lever Handle Switches
logo
List of Unclassifed Man...
U130 ETC2-U130 Datasheet
654Kb / 16P
   MISCELLANEOUS HARDWARE-ACCESSORIES
logo
Intel Corporation
U1300 INTEL-U1300 Datasheet
1Mb / 91P
   Intel Core Duo Processor and Intel Core Solo Processor on 65 nm Process
logo
Eaton All Rights Reserv...
U1302 EATON-U1302 Datasheet
1Mb / 36P
   Surge Protection
More results

Mô tả tương tự - U1341-3

nhà sản xuấttên linh kiệnbảng dữ liệuGiải thích chi tiết về linh kiện
logo
Hammond Manufacturing L...
1418JF9 HAMMOND-1418JF9 Datasheet
150Kb / 1P
   Data subject to change without notice
1418JL9 HAMMOND-1418JL9 Datasheet
155Kb / 1P
   Data subject to change without notice
1436A HAMMOND-1436A Datasheet
138Kb / 1P
   Data subject to change without notice
1438B HAMMOND-1438B Datasheet
153Kb / 1P
   Data subject to change without notice
1438S HAMMOND-1438S Datasheet
152Kb / 1P
   Data subject to change without notice
1418JC7 HAMMOND-1418JC7 Datasheet
154Kb / 1P
   DATA SUBJECT TO CHANGE WITHOUT NOTICE
1418JD9 HAMMOND-1418JD9 Datasheet
147Kb / 1P
   DATA SUBJECT TO CHANGE WITHOUT NOTICE
EJ444 HAMMOND-EJ444 Datasheet
134Kb / 1P
   Data subject to change without notice
1418JJ9 HAMMOND-1418JJ9 Datasheet
147Kb / 1P
   Data subject to change without notice
1418JK9 HAMMOND-1418JK9 Datasheet
149Kb / 1P
   Data subject to change without notice
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17


bảng dữ liệu tải về

Go To PDF Page


Link URL




Chính sách bảo mật
ALLDATASHEET.VN
Cho đến nay ALLDATASHEET có giúp ích cho doanh nghiệp của bạn hay không?  [ DONATE ] 

Alldatasheet là   |   Quảng cáo   |   Liên lạc với chúng tôi   |   Chính sách bảo mật   |   Trao đổi link   |   Tìm kiếm theo nhà sản xuất
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com