công cụ tìm kiếm bảng dữ liệu linh kiện điện tử
  Vietnamese  ▼
ALLDATASHEET.VN

X  

U1951-5 bảng dữ liệu(PDF) 6 Page - List of Unclassifed Manufacturers

tên linh kiện U1951-5
Giải thích chi tiết về linh kiện  TO CHANGE WITHOUT NOTICE ACCESSORIES
Download  17 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
nhà sản xuất  ETC2 [List of Unclassifed Manufacturers]
Trang chủ  
Logo ETC2 - List of Unclassifed Manufacturers

U1951-5 bảng dữ liệu(HTML) 6 Page - List of Unclassifed Manufacturers

Back Button U1951-5 Datasheet HTML 2Page - List of Unclassifed Manufacturers U1951-5 Datasheet HTML 3Page - List of Unclassifed Manufacturers U1951-5 Datasheet HTML 4Page - List of Unclassifed Manufacturers U1951-5 Datasheet HTML 5Page - List of Unclassifed Manufacturers U1951-5 Datasheet HTML 6Page - List of Unclassifed Manufacturers U1951-5 Datasheet HTML 7Page - List of Unclassifed Manufacturers U1951-5 Datasheet HTML 8Page - List of Unclassifed Manufacturers U1951-5 Datasheet HTML 9Page - List of Unclassifed Manufacturers U1951-5 Datasheet HTML 10Page - List of Unclassifed Manufacturers Next Button
Zoom Inzoom in Zoom Outzoom out
 6 / 17 page
background image
D
D6
APEM, PO BOX 8288, HAVERHILL, MA USA 01835-0788 TOLL FREE: (877) 246-7890 FAX: (781) 245-4531 E-mail: info@apem.com
COLOR CAP B494
PUSHBUTTON CAP A631
PUSHBUTTON CAP A632
CUSTOM MARKING
** - P1 fits all 800 Series except
K1M & K1S.
* - P2 fits all 300 & 400 Series.
* - P3 fits all PB Series.
* - Fits all 300 Series except 301
& 305. Fits 301 & 305 with S
option. Fits all 400 & PB Series.
** - Fits 800 Series with options KM,
KS, KM1 & K2M1.
Fits all PB Series.
Permanent ink marking is available
for switch caps, bezels and rocker
actuators. Consult factory with your
special requirement. Representative
samples available.
Code
Color
Code
Color
1
blue
2
black
3
green
4
gray
5
yellow
6
red
7
ivory
8
white
9
orange
STANDARD COLOR CODE
For nylon caps, actuators, bezels & bezel inserts.
To specify, add selected color code to part number. Example: A2122 is a
black A212 Cap.To specify for actuators, bezels and bezel inserts, see
'Order Format' section following specific series information in this catalog.
SWITCH GUARDS
Materials: 5056-H18 aluminum with clear or black anodize, or free machining brass withbright chrome plate.
Dimensions in inches and (millimeters). Tolerances: A & D,
±.015" B & C, ±.005"
MODEL
TH'D.
COLOR
FINISH
A
B
C
D
MG11A
10-48
NATURAL AL
PLAIN
MG11B
10-48
BLACK AL.
PLAIN
MG12A
1/4-40
NATURAL AL.
PLAIN
MG12B
1/4-40
BLACK AL.
PLAIN
.530 (13.5) .413 (10.5) .315 (8.0) .236 (6.0)
MG12C
1/4-40
CHROMED BR. PLAIN
MG12KA 1/4-40
NATURAL AL.
KNURLED
MG12KB 1/4-40
BLACK AL.
KNURLED
MG12KC 1/4-40
CHROMED BR. KNURLED
MG13A
1/4-40
NATURAL AL.
PLAIN
MG13B
1/4-40
BLACK AL.
PLAIN
.730 (18.5) .610 (15.5) .315 (8.0) .236 (6.0)
MG13C
1/4-40
CHROMED BR. PLAIN
MISCELLANEOUS PUSHBUTTON ACCESSORIES & CAPS (CONT'D.)
CAPS FOR PRINTED CIRCUIT BOARD PROCESSING
Available on models with plain bushing.
Supplied mounted on switches or separately.
Provides additional protection during pcb processing.
Series
Material
Part No.
S
Vinyl
U3012
TP
Vinyl
U3502
Outline
(.187 DIA)
(.187 DIA)
4.76 DIA
4.76 DIA
(.155 DIA)
(.155 DIA)
3.96 DIA
3.96 DIA


Số phần tương tự - U1951-5

nhà sản xuấttên linh kiệnbảng dữ liệuGiải thích chi tiết về linh kiện
logo
List of Unclassifed Man...
U1951-5 ETC2-U1951-5 Datasheet
654Kb / 16P
   MISCELLANEOUS HARDWARE-ACCESSORIES
More results

Mô tả tương tự - U1951-5

nhà sản xuấttên linh kiệnbảng dữ liệuGiải thích chi tiết về linh kiện
logo
Hammond Manufacturing L...
1418JF9 HAMMOND-1418JF9 Datasheet
150Kb / 1P
   Data subject to change without notice
1418JL9 HAMMOND-1418JL9 Datasheet
155Kb / 1P
   Data subject to change without notice
1436A HAMMOND-1436A Datasheet
138Kb / 1P
   Data subject to change without notice
1438B HAMMOND-1438B Datasheet
153Kb / 1P
   Data subject to change without notice
1438S HAMMOND-1438S Datasheet
152Kb / 1P
   Data subject to change without notice
1418JC7 HAMMOND-1418JC7 Datasheet
154Kb / 1P
   DATA SUBJECT TO CHANGE WITHOUT NOTICE
1418JD9 HAMMOND-1418JD9 Datasheet
147Kb / 1P
   DATA SUBJECT TO CHANGE WITHOUT NOTICE
EJ444 HAMMOND-EJ444 Datasheet
134Kb / 1P
   Data subject to change without notice
1418JJ9 HAMMOND-1418JJ9 Datasheet
147Kb / 1P
   Data subject to change without notice
1418JK9 HAMMOND-1418JK9 Datasheet
149Kb / 1P
   Data subject to change without notice
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17


bảng dữ liệu tải về

Go To PDF Page


Link URL




Chính sách bảo mật
ALLDATASHEET.VN
Cho đến nay ALLDATASHEET có giúp ích cho doanh nghiệp của bạn hay không?  [ DONATE ] 

Alldatasheet là   |   Quảng cáo   |   Liên lạc với chúng tôi   |   Chính sách bảo mật   |   Trao đổi link   |   Tìm kiếm theo nhà sản xuất
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com