công cụ tìm kiếm bảng dữ liệu linh kiện điện tử
  Vietnamese  ▼
ALLDATASHEET.VN

X  

1N4934 bảng dữ liệu(PDF) 1 Page - Shanghai Lunsure Electronic Tech

tên linh kiện 1N4934
Giải thích chi tiết về linh kiện  FAST RECOVERY RECTIFIER
Download  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
nhà sản xuất  CHENYI [Shanghai Lunsure Electronic Tech]
Trang chủ  http://www.cnelectr.com
Logo CHENYI - Shanghai Lunsure Electronic Tech

1N4934 bảng dữ liệu(HTML) 1 Page - Shanghai Lunsure Electronic Tech

  1N4934 Datasheet HTML 1Page - Shanghai Lunsure Electronic Tech 1N4934 Datasheet HTML 2Page - Shanghai Lunsure Electronic Tech  
Zoom Inzoom in Zoom Outzoom out
 1 / 2 page
background image
CE
1N4933 THRU 1N4937
CHENYI ELECTRONICS
FAST RECOVERY RECTIFIER
Reverse Voltage - 50 to 600 Volts
Forward Current - 1.0Amperes
FEATURES
. Plastic package has Underwrites Laboratory
Flammability Classification 94V-0
. Fast switching speed
. Construction utilizes void-free molded plastic technique
. 1.0A operation at
TA=75
with to terminal runaway
. High temperature soldering guaranteed: 250
/10 seconds,
0.375"(9.5mm)lead length,5lbs.(2.3kg)tension
MECHANICAL DATA
.
Case: JEDEC DO-41 molded plastic body
.
Terminals: lead solderable per MIL-STD-750,method 2026
.
Polarity: Color band denotes cathode end
.
Mounting Position: Any
.
Weight: 0.012 ounce, 0.34 gram
MAXIMUM RATINGS AND ELECTRICAL CHARACTERISTICS
(Ratings at 25
ambient temperature unless otherwise specified,Single phase,half wave 60Hz,resistive or inductive)
load. For capacitive load,derate current by 20%)
Symbols
1N4933
1N4934
1N4935
1N4936
1N4937
Units
Maximum repetitive peak reverse voltage
VRRM
50
100
200
400
600
Volts
Maximum RMS voltage
VRMS
35
70
140
280
420
Volts
Maximum DC blocking voltage
VDC
50
100
200
400
600
Volts
Macimum average forward rectified
current 0.375"(9.5mm)lead length at
TA=75
Peak forward surge current 8.3ms
sing-wave superimposed on rated load
(JEDEC method)
TA=75
Maximum instantaneous forward voltage at 1.0 A
VF
Volts
Maximum full load reverse current full cycle
average. 0.375"(9.5mm)lead length at
TL=55
Maximum reverse recovery time(Note 1)
Trr
ns
Typical junction Capacitance(Note 2)
CJ
pF
Notes: 1.Test conditions:IF=0.5A,IR=1.0A,Irr=0.25A.
2.Measured at 1MHz and applied reverse voltage of 4.0V Volts
A
1.3
I(AV)
Amp
IFSM
Amps
1.0
30.0
-65 to +150
Maximum DC Rreverse Current at rated DC
blocking voltage
IR
TJ
TSTG
Operating and storage temperature range
5.0
100
200.0
15.0
Copyright @ 2000 SHANGHAI CHENYI ELECTRONICS CO.,LTD
Page 1 of 2


Số phần tương tự - 1N4934

nhà sản xuấttên linh kiệnbảng dữ liệuGiải thích chi tiết về linh kiện
logo
DIOTEC Electronics Corp...
1N4934 DEC-1N4934 Datasheet
383Kb / 2P
   1 AMP FAST RECOVERY SILICON DIODES
logo
Motorola, Inc
1N4934 MOTOROLA-1N4934 Datasheet
44Kb / 2P
   FAST RECOVERY RECTIFIERS 50-600 VOLTS 1.0 AMPERE
logo
List of Unclassifed Man...
1N4934 ETC2-1N4934 Datasheet
200Kb / 2P
   FAST RECOVERY RECTIFIER
logo
Compact Technology Corp...
1N4934 CTC-1N4934 Datasheet
71Kb / 2P
   FAST RECOVERY RECTIFIERS
logo
Diodes Incorporated
1N4934 DIODES-1N4934 Datasheet
59Kb / 2P
   1.0A FAST RECOVERY RECTIFIER
DS26002 Rev. E-2
More results

Mô tả tương tự - 1N4934

nhà sản xuấttên linh kiệnbảng dữ liệuGiải thích chi tiết về linh kiện
logo
Diotech Company.
FR301 DIOTECH-FR301 Datasheet
679Kb / 2P
   FAST RECOVERY RECTIFIER
logo
Shenzhen Ping Sheng Ele...
1F1 PFS-1F1 Datasheet
161Kb / 2P
   FAST RECOVERY RECTIFIER
logo
EIC discrete Semiconduc...
RGP15A EIC-RGP15A Datasheet
115Kb / 2P
   FAST RECOVERY RECTIFIER
logo
Microsemi Corporation
1N3879 MICROSEMI-1N3879_07 Datasheet
119Kb / 2P
   Fast Recovery Rectifier
1N3890A MICROSEMI-1N3890A_07 Datasheet
121Kb / 2P
   Fast Recovery Rectifier
logo
TRANSYS Electronics Lim...
16FL5S02 TEL-16FL5S02 Datasheet
170Kb / 1P
   Fast Recovery Rectifier
logo
Galaxy Semi-Conductor H...
FR101 BILIN-FR101 Datasheet
65Kb / 2P
   FAST RECOVERY RECTIFIER
RGP10A BILIN-RGP10A Datasheet
63Kb / 2P
   FAST RECOVERY RECTIFIER
PG101 BILIN-PG101 Datasheet
62Kb / 2P
   FAST RECOVERY RECTIFIER
PR1001 BILIN-PR1001 Datasheet
54Kb / 2P
   FAST RECOVERY RECTIFIER
3JH45 BILIN-3JH45 Datasheet
57Kb / 2P
   FAST RECOVERY RECTIFIER
More results


Html Pages

1 2


bảng dữ liệu tải về

Go To PDF Page


Link URL




Chính sách bảo mật
ALLDATASHEET.VN
Cho đến nay ALLDATASHEET có giúp ích cho doanh nghiệp của bạn hay không?  [ DONATE ] 

Alldatasheet là   |   Quảng cáo   |   Liên lạc với chúng tôi   |   Chính sách bảo mật   |   Trao đổi link   |   Tìm kiếm theo nhà sản xuất
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com