công cụ tìm kiếm bảng dữ liệu linh kiện điện tử |
|
1N4006G bảng dữ liệu(PDF) 1 Page - Shanghai Lunsure Electronic Tech |
|
1N4006G bảng dữ liệu(HTML) 1 Page - Shanghai Lunsure Electronic Tech |
1 / 2 page CE 1N4001G THRU 1N4007G CHENYI ELECTRONICS GLASS PASSIVATED JUNCTION PLASTIC RECTIFIER Reverse Voltage - 50 to 1300 Volts Forward Current - 1.0Amperes FEATURES . The plastic package carries Underwrites Laboratory Flammability Classification 94V-0 . High current capability . Low reverse leakage . Glass passivated junction . Low forward voltage drop . High temperature soldering guaranteed: 250 /10 seconds, 0.375"(9.5mm)lead length,5lbs.(2.3kg) tension MECHANICAL DATA . Case: JEDEC DO-41 molded plastic body . Terminals: Plated axial lead solderable per MIL-STD-750,method 2026 . Polarity:Color band denotes cathode end . Mounting Position: Any Dimensions in inches and (millimeters) . Weight: 0.012 ounce, 0.33 gram MAXIMUM RATINGS AND ELECTRICAL CHARACTERISTICS (Ratings at 25 ambient temperature unless otherwise specified,Single phase,half wave 60Hz,resistive or inductive) load. For capacitive load,derate by 20%) Symbols 1N 4001G 1N 4002G 1N 4003G 1N 4004G 1N 4005G 1N 4006G 1N 4007G Units Maximum recurrent peak reverse voltage VRRM 50 100 200 400 600 800 1000 Volts Maximum RMS voltage VRMS 35 70 140 280 420 560 700 Volts Maximum DC blocking voltage VDC 50 100 200 400 600 800 1000 Volts Macimum average forward rectified current 0.375"(9.5mm)lead length at TA=75 Peak forward surge current 8.3ms half sing-wave superimposed on rated load (JEDEC method) Maximum instantaneous forward voltage at 1.0 A VF Volts Maximum reverse TA=25 current at rated DC blocking voltage TA=100 R JA R JL Typical junction Capacitance(Note 2) CJ pF TJ TSTG Notes: 1. Measured at 1MHz and applied reverse voltage of 4.0V DC 2.Thermal resistance from juntion to ambient and from junction lead at 0.375"(9.5mm)lead length, P.C.B. Mounted 15.0 Operating and storage temperature range -65 to +175 Typeical thermal resistance(Note 1) 50.0 /W 25.0 1.1 IR 5.0 A 50.0 I(AV) 1.0 Amp IFSM 30.0 Amps Copyright @ 2000 SHANGHAI CHENYI ELECTRONICS CO.,LTD Page 1 of 2 |
Số phần tương tự - 1N4006G |
|
Mô tả tương tự - 1N4006G |
|
|
Link URL |
Chính sách bảo mật |
ALLDATASHEET.VN |
Cho đến nay ALLDATASHEET có giúp ích cho doanh nghiệp của bạn hay không? [ DONATE ] |
Alldatasheet là | Quảng cáo | Liên lạc với chúng tôi | Chính sách bảo mật | Trao đổi link | Tìm kiếm theo nhà sản xuất All Rights Reserved©Alldatasheet.com |
Russian : Alldatasheetru.com | Korean : Alldatasheet.co.kr | Spanish : Alldatasheet.es | French : Alldatasheet.fr | Italian : Alldatasheetit.com Portuguese : Alldatasheetpt.com | Polish : Alldatasheet.pl | Vietnamese : Alldatasheet.vn Indian : Alldatasheet.in | Mexican : Alldatasheet.com.mx | British : Alldatasheet.co.uk | New Zealand : Alldatasheet.co.nz |
Family Site : ic2ic.com |
icmetro.com |