công cụ tìm kiếm bảng dữ liệu linh kiện điện tử
  Vietnamese  ▼
ALLDATASHEET.VN

X  

LMH6551QMMXNOPB bảng dữ liệu(PDF) 7 Page - National Semiconductor (TI)

[Old version datasheet] Texas Instruments acquired National semiconductor.
tên linh kiện LMH6551QMMXNOPB
Giải thích chi tiết về linh kiện  LMH6551Q Differential, High Speed Op Amp
Download  25 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
nhà sản xuất  NSC [National Semiconductor (TI)]
Trang chủ  http://www.national.com
Logo NSC - National Semiconductor (TI)

LMH6551QMMXNOPB bảng dữ liệu(HTML) 7 Page - National Semiconductor (TI)

Back Button LMH6551QMMXNOPB Datasheet HTML 3Page - National Semiconductor (TI) LMH6551QMMXNOPB Datasheet HTML 4Page - National Semiconductor (TI) LMH6551QMMXNOPB Datasheet HTML 5Page - National Semiconductor (TI) LMH6551QMMXNOPB Datasheet HTML 6Page - National Semiconductor (TI) LMH6551QMMXNOPB Datasheet HTML 7Page - National Semiconductor (TI) LMH6551QMMXNOPB Datasheet HTML 8Page - National Semiconductor (TI) LMH6551QMMXNOPB Datasheet HTML 9Page - National Semiconductor (TI) LMH6551QMMXNOPB Datasheet HTML 10Page - National Semiconductor (TI) LMH6551QMMXNOPB Datasheet HTML 11Page - National Semiconductor (TI) Next Button
Zoom Inzoom in Zoom Outzoom out
 7 / 25 page
background image
LMH6551Q
www.ti.com
SNOSB95E – NOVEMBER 2011 – REVISED MARCH 2013
3.3V Electrical Characteristics
(1) (continued)
Single ended in differential out, TA= 25°C, G = +1, VS = 3.3V, VCM = 1.65V, RF = RG = 365Ω, RL = 500Ω; Unless specified
Boldface limits apply at the temperature extremes.
Symbol
Parameter
Conditions
Min(2)
Typ(3)
Max(2)
Units
Input Characteristics (Differential)
VOSD
Input Offset Voltage
Differential Mode, VID = 0, VCM = 0
1
mV
Input Offset Voltage Average
(5)
1.6
µV/°C
Temperature Drift
IBIAS
Input Bias Current
(6)
−8
μA
Input Bias Current Average
(5)
9.5
nA/°C
Temperature Drift
Input Bias Current Difference
Difference in Bias currents between the
0.3
µA
two inputs
CMRR
Common-Mode Rejection Ratio
DC, VID = 0V
78
dBc
Input Resistance
Differential
5
M
Input Capacitance
Differential
1
pF
VICM
Input Common Mode Range
CMRR > 53 dB
+1.5
+0.3
VCMPin Input Characteristics (Common Mode Feedback Amplifier)
Input Offset Voltage
Common Mode, VID = 0
1
±5
mV
Input Offset Voltage Average
18.6
µV/°C
Temperature Drift
Input Bias Current
3
μA
VCM CMRR
VID = 0,
60
dB
1V step on VCM pin, measure VOD
Input Resistance
VCM pin to ground
25
k
Common Mode Gain
ΔVO,CM/ΔVCM
0.999
V/V
Output Performance
VOUT
Output Voltage Swing
Single Ended, Peak to Peak, VS= 3.3V,
±0.75
±0.9
V
VCM= 1.65V
IOUT
Linear Output Current
VOUT = 0V Differential
±30
±40
mA
ISC
Output Short Circuit Current
Output Shorted to Ground
200
mA
VIN = 2V Single Ended
(7)
CMVR
Output Common Mode Voltage
VID = 0, VCMpin = 1.2V and 2.1V
2.1
V
Range
1.2
Output Balance Error
ΔVOUTCommon Mode /ΔVOUTDIfferential,
−65
dB
VOUT = 1Vpp Differential, f = 10 MHz
Miscellaneous Performance
Open Loop Gain
DC, Differential
70
dB
PSRR
Power Supply Rejection Ratio
DC,
ΔVS = ±0.5V
75
dB
IS
Supply Current
RL = ∞
8
mA
(5)
Drift determined by dividing the change in parameter at temperature extremes by the total temperature change.
(6)
Negative input current implies current flowing out of the device.
(7)
The maximum output current (IOUT) is determined by device power dissipation limitations.
Copyright © 2011–2013, Texas Instruments Incorporated
Submit Documentation Feedback
7
Product Folder Links: LMH6551Q


Số phần tương tự - LMH6551QMMXNOPB

nhà sản xuấttên linh kiệnbảng dữ liệuGiải thích chi tiết về linh kiện
logo
Texas Instruments
LMH6551QMMX TI1-LMH6551QMMX Datasheet
520Kb / 20P
[Old version datasheet]   Differential, High Speed Op Amp
November 29, 2011
LMH6551QMMX/NOPB TI-LMH6551QMMX/NOPB Datasheet
1Mb / 26P
[Old version datasheet]   Differential, High Speed Op Amp
More results

Mô tả tương tự - LMH6551QMMXNOPB

nhà sản xuấttên linh kiệnbảng dữ liệuGiải thích chi tiết về linh kiện
logo
National Semiconductor ...
LMH6550 NSC-LMH6550_06 Datasheet
913Kb / 17P
   Differential, High Speed Op Amp
LMH6551 NSC-LMH6551 Datasheet
935Kb / 19P
   Differential, High Speed Op Amp
logo
Texas Instruments
LMH6551Q TI-LMH6551Q_15 Datasheet
1Mb / 26P
[Old version datasheet]   Differential, High Speed Op Amp
LMH6551Q TI1-LMH6551Q Datasheet
520Kb / 20P
[Old version datasheet]   Differential, High Speed Op Amp
November 29, 2011
LMH6551 TI1-LMH6551 Datasheet
1Mb / 32P
[Old version datasheet]   Differential, High-Speed Op Amp
logo
National Semiconductor ...
LMH6550 NSC-LMH6550 Datasheet
854Kb / 17P
   Differential, High Speed Op Amp
LMH6550 NSC-LMH6550_14 Datasheet
1Mb / 25P
   LMH6550 Differential, High Speed Op Amp
LMH6551 NSC-LMH6551_14 Datasheet
1Mb / 28P
   LMH6551 Differential, High Speed Op Amp
logo
Texas Instruments
LMH6551MAX_NOPB TI1-LMH6551MAX_NOPB Datasheet
1Mb / 28P
[Old version datasheet]   LMH6551 Differential, High Speed Op Amp
logo
M.S. Kennedy Corporatio...
MSK0032 MSK-MSK0032 Datasheet
411Kb / 5P
   HIGH SPEED, FET INPUT DIFFERENTIAL OP-AMP
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25


bảng dữ liệu tải về

Go To PDF Page


Link URL




Chính sách bảo mật
ALLDATASHEET.VN
Cho đến nay ALLDATASHEET có giúp ích cho doanh nghiệp của bạn hay không?  [ DONATE ] 

Alldatasheet là   |   Quảng cáo   |   Liên lạc với chúng tôi   |   Chính sách bảo mật   |   Trao đổi link   |   Tìm kiếm theo nhà sản xuất
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com