công cụ tìm kiếm bảng dữ liệu linh kiện điện tử
  Vietnamese  ▼
ALLDATASHEET.VN

X  

LMH6551MMNOPB bảng dữ liệu(PDF) 10 Page - National Semiconductor (TI)

[Old version datasheet] Texas Instruments acquired National semiconductor.
tên linh kiện LMH6551MMNOPB
Giải thích chi tiết về linh kiện  LMH6551 Differential, High Speed Op Amp
Download  28 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
nhà sản xuất  NSC [National Semiconductor (TI)]
Trang chủ  http://www.national.com
Logo NSC - National Semiconductor (TI)

LMH6551MMNOPB bảng dữ liệu(HTML) 10 Page - National Semiconductor (TI)

Back Button LMH6551MMNOPB Datasheet HTML 6Page - National Semiconductor (TI) LMH6551MMNOPB Datasheet HTML 7Page - National Semiconductor (TI) LMH6551MMNOPB Datasheet HTML 8Page - National Semiconductor (TI) LMH6551MMNOPB Datasheet HTML 9Page - National Semiconductor (TI) LMH6551MMNOPB Datasheet HTML 10Page - National Semiconductor (TI) LMH6551MMNOPB Datasheet HTML 11Page - National Semiconductor (TI) LMH6551MMNOPB Datasheet HTML 12Page - National Semiconductor (TI) LMH6551MMNOPB Datasheet HTML 13Page - National Semiconductor (TI) LMH6551MMNOPB Datasheet HTML 14Page - National Semiconductor (TI) Next Button
Zoom Inzoom in Zoom Outzoom out
 10 / 28 page
background image
0
10 20 30 40 50 60 70 80 90 100
-4
-3.9
-3.8
-3.7
-3.6
-3.5
-3.4
-3.3
-3.2
-3.1
-3
OUTPUT CURRENT (mA)
VIN = 3.88V SINGLE ENDED
VS = ±5V
AV = 2
RF = 730:
0.01
0.1
1
10
1000
FREQUENCY (MHz)
0.01
0.1
10
100
1
100
VS = ±5V
VIN = 0V
0 -10 -20 -30 -40 -50 -60 -70 -80 -90 -100
3
3.1
3.2
3.3
3.4
3.5
3.6
3.7
3.8
3.9
4
OUTPUT CURRENT (mA)
VIN = 3.88V SINGLE ENDED
VS = ±5V
AV = 2
RF = 730:
6
7
8
9
10
11
12
SUPPLY VOLTAGE (V)
-100
-95
-90
-85
-80
-75
-70
-65
-60
HD3
HD2
VOUT = 4 VPP
f = 5 MHz
VCM = 0V
0
5
10
15
20
25
30
35
40
FREQUENCY (MHz)
-100
-90
-80
-70
-60
-50
VS = 3.3V
VOUT = 1 VPP
VCM = 1.65V
RL = 800:
HD2
HD3
3
4
5
6
-100
-90
-80
-70
-60
-50
-40
-30
SUPPLY VOLTAGE (V)
VOUT = 2 VPP
f = 5 MHz
VCM = VS/2
HD3
HD2
LMH6551
SNOSAK7C – FEBRUARY 2005 – REVISED MARCH 2013
www.ti.com
Typical Performance Characteristics (continued)
(TA = 25°C, VS = ±5V, RL = 500Ω, RF = RG = 365Ω; Unless Specified).
Distortion
Distortion
vs.
vs.
Frequency
Supply Voltage (Split Supplies)
Figure 15.
Figure 16.
Distortion
Maximum VOUT
vs.
vs.
Supply Voltage (Single Supply)
IOUT
Figure 17.
Figure 18.
Minimum VOUT
vs.
IOUT
Closed Loop Output Impedance
Figure 19.
Figure 20.
10
Submit Documentation Feedback
Copyright © 2005–2013, Texas Instruments Incorporated
Product Folder Links: LMH6551


Số phần tương tự - LMH6551MMNOPB

nhà sản xuấttên linh kiệnbảng dữ liệuGiải thích chi tiết về linh kiện
logo
National Semiconductor ...
LMH6551MM NSC-LMH6551MM Datasheet
935Kb / 19P
   Differential, High Speed Op Amp
logo
Texas Instruments
LMH6551MM TI1-LMH6551MM Datasheet
1Mb / 28P
[Old version datasheet]   LMH6551 Differential, High Speed Op Amp
LMH6551MM TI1-LMH6551MM Datasheet
1Mb / 32P
[Old version datasheet]   Differential, High-Speed Op Amp
LMH6551MM/NOPB TI1-LMH6551MM/NOPB Datasheet
1Mb / 28P
[Old version datasheet]   LMH6551 Differential, High Speed Op Amp
logo
National Semiconductor ...
LMH6551MMX NSC-LMH6551MMX Datasheet
935Kb / 19P
   Differential, High Speed Op Amp
More results

Mô tả tương tự - LMH6551MMNOPB

nhà sản xuấttên linh kiệnbảng dữ liệuGiải thích chi tiết về linh kiện
logo
Texas Instruments
LMH6551MAX_NOPB TI1-LMH6551MAX_NOPB Datasheet
1Mb / 28P
[Old version datasheet]   LMH6551 Differential, High Speed Op Amp
logo
National Semiconductor ...
LMH6550 NSC-LMH6550_06 Datasheet
913Kb / 17P
   Differential, High Speed Op Amp
LMH6551 NSC-LMH6551 Datasheet
935Kb / 19P
   Differential, High Speed Op Amp
logo
Texas Instruments
LMH6551Q TI-LMH6551Q_15 Datasheet
1Mb / 26P
[Old version datasheet]   Differential, High Speed Op Amp
LMH6551Q TI1-LMH6551Q Datasheet
520Kb / 20P
[Old version datasheet]   Differential, High Speed Op Amp
November 29, 2011
LMH6551 TI1-LMH6551 Datasheet
1Mb / 32P
[Old version datasheet]   Differential, High-Speed Op Amp
logo
National Semiconductor ...
LMH6550 NSC-LMH6550 Datasheet
854Kb / 17P
   Differential, High Speed Op Amp
LMH6550 NSC-LMH6550_14 Datasheet
1Mb / 25P
   LMH6550 Differential, High Speed Op Amp
LMH6551Q-Q1 NSC-LMH6551Q-Q1 Datasheet
1Mb / 25P
   LMH6551Q Differential, High Speed Op Amp
logo
M.S. Kennedy Corporatio...
MSK0032 MSK-MSK0032 Datasheet
411Kb / 5P
   HIGH SPEED, FET INPUT DIFFERENTIAL OP-AMP
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28


bảng dữ liệu tải về

Go To PDF Page


Link URL




Chính sách bảo mật
ALLDATASHEET.VN
Cho đến nay ALLDATASHEET có giúp ích cho doanh nghiệp của bạn hay không?  [ DONATE ] 

Alldatasheet là   |   Quảng cáo   |   Liên lạc với chúng tôi   |   Chính sách bảo mật   |   Trao đổi link   |   Tìm kiếm theo nhà sản xuất
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com