công cụ tìm kiếm bảng dữ liệu linh kiện điện tử
  Vietnamese  ▼
ALLDATASHEET.VN

X  

LMH6550MA bảng dữ liệu(PDF) 7 Page - National Semiconductor (TI)

[Old version datasheet] Texas Instruments acquired National semiconductor. Click here to check the latest version.
tên linh kiện LMH6550MA
Giải thích chi tiết về linh kiện  LMH6550 Differential, High Speed Op Amp
Download  25 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
nhà sản xuất  NSC [National Semiconductor (TI)]
Trang chủ  http://www.national.com
Logo NSC - National Semiconductor (TI)

LMH6550MA bảng dữ liệu(HTML) 7 Page - National Semiconductor (TI)

Back Button LMH6550MA Datasheet HTML 3Page - National Semiconductor (TI) LMH6550MA Datasheet HTML 4Page - National Semiconductor (TI) LMH6550MA Datasheet HTML 5Page - National Semiconductor (TI) LMH6550MA Datasheet HTML 6Page - National Semiconductor (TI) LMH6550MA Datasheet HTML 7Page - National Semiconductor (TI) LMH6550MA Datasheet HTML 8Page - National Semiconductor (TI) LMH6550MA Datasheet HTML 9Page - National Semiconductor (TI) LMH6550MA Datasheet HTML 10Page - National Semiconductor (TI) LMH6550MA Datasheet HTML 11Page - National Semiconductor (TI) Next Button
Zoom Inzoom in Zoom Outzoom out
 7 / 25 page
background image
1
10
100
0
10
20
30
40
50
60
70
CAPACITIVE LOAD (pF)
LOAD = 1 k: || CAP LOAD
VS = ±5V
1
10
100
1000
FREQUENCY (MHz)
-8
-7
-6
-5
-4
-3
-2
-1
0
1
2
CL = 5.7 pF, ROUT = 40:
CL = 10 pF, ROUT = 30:
CL = 22 pF, ROUT = 22:
CL = 47 pF, ROUT = 13:
VOD = 210 mVPP
AV = 1
LOAD = (CL || 1 k:) IN
SERIES WITH 2 ROUTS
VS = ±5V
1
1
10
100
1000
FREQUENCY (MHz)
-9
-8
-7
-6
-5
-4
-3
-2
-1
0
Vs = ±5V
AV = 1
SINGLE ENDED INPUT
VOD = 4.0VPP
VOD = 2.0VPP
VOD = 0.5VPP
1
10
100
1000
FREQUENCY (MHz)
-9
-8
-7
-6
-5
-4
-3
-2
-1
0
1
VOUT = 0.5 VPP
SINGLE ENDED INPUT
GAIN = 2
GAIN = 4
GAIN = 6
1
1
10
100
1000
FREQUENCY (MHz)
-9
-8
-7
-6
-5
-4
-3
-2
-1
0
VOD = 0.5VPP
AV = 1
DIFFERENTIAL INPUT
VS = ±5V
VS = 5V
1
1
10
100
1000
FREQUENCY (MHz)
-9
-8
-7
-6
-5
-4
-3
-2
-1
0
VOD = 1VPP
AV = 1
SINGLE ENDED INPUT
VS = ±5V
VS = 5V
LMH6550
www.ti.com
SNOSAK0H – DECEMBER 2004 – REVISED MARCH 2013
Typical Performance Characteristics
(TA = 25°C, VS = ±5V, RL = 500Ω, RF = RG = 365Ω; Unless Specified).
Frequency Response
vs.
Supply Voltage
Frequency Response
Figure 3.
Figure 4.
Frequency Response
Frequency Response
vs.
vs.
VOUT
Gain
Figure 5.
Figure 6.
Frequency Response
Suggested ROUT
vs.
vs.
Capacitive Load
Cap Load
Figure 7.
Figure 8.
Copyright © 2004–2013, Texas Instruments Incorporated
Submit Documentation Feedback
7
Product Folder Links: LMH6550


Số phần tương tự - LMH6550MA

nhà sản xuấttên linh kiệnbảng dữ liệuGiải thích chi tiết về linh kiện
logo
National Semiconductor ...
LMH6550MA NSC-LMH6550MA Datasheet
854Kb / 17P
   Differential, High Speed Op Amp
LMH6550MA NSC-LMH6550MA Datasheet
913Kb / 17P
   Differential, High Speed Op Amp
logo
Texas Instruments
LMH6550MA TI1-LMH6550MA Datasheet
2Mb / 33P
[Old version datasheet]   Differential, High-Speed Operational Amplifier
LMH6550MA/NOPB TI1-LMH6550MA/NOPB Datasheet
2Mb / 33P
[Old version datasheet]   Differential, High-Speed Operational Amplifier
logo
National Semiconductor ...
LMH6550MAX NSC-LMH6550MAX Datasheet
854Kb / 17P
   Differential, High Speed Op Amp
More results

Mô tả tương tự - LMH6550MA

nhà sản xuấttên linh kiệnbảng dữ liệuGiải thích chi tiết về linh kiện
logo
National Semiconductor ...
LMH6550 NSC-LMH6550_06 Datasheet
913Kb / 17P
   Differential, High Speed Op Amp
LMH6551 NSC-LMH6551 Datasheet
935Kb / 19P
   Differential, High Speed Op Amp
logo
Texas Instruments
LMH6551Q TI-LMH6551Q_15 Datasheet
1Mb / 26P
[Old version datasheet]   Differential, High Speed Op Amp
LMH6551Q TI1-LMH6551Q Datasheet
520Kb / 20P
[Old version datasheet]   Differential, High Speed Op Amp
November 29, 2011
LMH6551 TI1-LMH6551 Datasheet
1Mb / 32P
[Old version datasheet]   Differential, High-Speed Op Amp
logo
National Semiconductor ...
LMH6550 NSC-LMH6550 Datasheet
854Kb / 17P
   Differential, High Speed Op Amp
LMH6551 NSC-LMH6551_14 Datasheet
1Mb / 28P
   LMH6551 Differential, High Speed Op Amp
LMH6551Q-Q1 NSC-LMH6551Q-Q1 Datasheet
1Mb / 25P
   LMH6551Q Differential, High Speed Op Amp
logo
Texas Instruments
LMH6551MAX_NOPB TI1-LMH6551MAX_NOPB Datasheet
1Mb / 28P
[Old version datasheet]   LMH6551 Differential, High Speed Op Amp
logo
M.S. Kennedy Corporatio...
MSK0032 MSK-MSK0032 Datasheet
411Kb / 5P
   HIGH SPEED, FET INPUT DIFFERENTIAL OP-AMP
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25


bảng dữ liệu tải về

Go To PDF Page


Link URL




Chính sách bảo mật
ALLDATASHEET.VN
Cho đến nay ALLDATASHEET có giúp ích cho doanh nghiệp của bạn hay không?  [ DONATE ] 

Alldatasheet là   |   Quảng cáo   |   Liên lạc với chúng tôi   |   Chính sách bảo mật   |   Trao đổi link   |   Tìm kiếm theo nhà sản xuất
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com