công cụ tìm kiếm bảng dữ liệu linh kiện điện tử
  Vietnamese  ▼
ALLDATASHEET.VN

X  

LM7372MRXNOPB bảng dữ liệu(PDF) 8 Page - National Semiconductor (TI)

[Old version datasheet] Texas Instruments acquired National semiconductor.
tên linh kiện LM7372MRXNOPB
Giải thích chi tiết về linh kiện  LM7372 High Speed, High Output Current, Dual Operational Amplifier
Download  26 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
nhà sản xuất  NSC [National Semiconductor (TI)]
Trang chủ  http://www.national.com
Logo NSC - National Semiconductor (TI)

LM7372MRXNOPB bảng dữ liệu(HTML) 8 Page - National Semiconductor (TI)

Back Button LM7372MRXNOPB Datasheet HTML 4Page - National Semiconductor (TI) LM7372MRXNOPB Datasheet HTML 5Page - National Semiconductor (TI) LM7372MRXNOPB Datasheet HTML 6Page - National Semiconductor (TI) LM7372MRXNOPB Datasheet HTML 7Page - National Semiconductor (TI) LM7372MRXNOPB Datasheet HTML 8Page - National Semiconductor (TI) LM7372MRXNOPB Datasheet HTML 9Page - National Semiconductor (TI) LM7372MRXNOPB Datasheet HTML 10Page - National Semiconductor (TI) LM7372MRXNOPB Datasheet HTML 11Page - National Semiconductor (TI) LM7372MRXNOPB Datasheet HTML 12Page - National Semiconductor (TI) Next Button
Zoom Inzoom in Zoom Outzoom out
 8 / 26 page
background image
LOAD RESISTANCE (:)
10
100
1000
-120
-100
-80
-60
-40
VS = ±12V
AV = 8
VO = 2VP-P
f = 1MHz
HD2
HD3
LOAD RESISTANCE (:)
10
100
1000
-120
-100
-80
-60
-40
VS = ±12V
AV = 8
VO = 2VP-P
f = 100kHz
HD2
HD3
LOAD RESISTANCE (:)
10
100
1000
-120
-100
-80
-60
VS = ±12V
AV = 2
VO = 2VP-P
f = 100kHz
HD2
HD3
-40
LOAD RESISTANCE (:)
10
100
1000
-120
-100
-80
-60
VS = ±12v
AV = 2
VO = 2VP-P
f = 1MHz
HD2
HD3
20
1
10
OUTPUT VOLTAGE (VP-P)
-120
-100
-80
-60
VS = ±12V
AV = 2
RL = 100
f = 100kHZ
HD2
HD3
-50
20
1
10
OUTPUT VOLTAGE (VP-P)
-110
-90
-70
VS = ±12V
AV = 2
RL = 100
f = 1MHZ
HD2
HD3
LM7372
SNOS926E – MAY 1999 – REVISED MARCH 2013
www.ti.com
Typical Performance Characteristics (continued)
Harmonic Distortion vs
Harmonic Distortion vs
Output Level
Output Level
Figure 10.
Figure 11.
Harmonic Distortion vs
Harmonic Distortion vs
Load Resistance
Load Resistance
Figure 12.
Figure 13.
Harmonic Distortion vs
Harmonic Distortion vs
Load Resistance
Load Resistance
Figure 14.
Figure 15.
8
Submit Documentation Feedback
Copyright © 1999–2013, Texas Instruments Incorporated
Product Folder Links: LM7372


Số phần tương tự - LM7372MRXNOPB

nhà sản xuấttên linh kiệnbảng dữ liệuGiải thích chi tiết về linh kiện
logo
National Semiconductor ...
LM7372MRX NSC-LM7372MRX Datasheet
417Kb / 15P
   High Speed, High Output Current, Dual Operational Amplifier
logo
Texas Instruments
LM7372MRX TI1-LM7372MRX Datasheet
1Mb / 28P
[Old version datasheet]   LM7372 High Speed, High Output Current, Dual Operational Amplifier
LM7372MRX/NOPB TI1-LM7372MRX/NOPB Datasheet
1Mb / 28P
[Old version datasheet]   LM7372 High Speed, High Output Current, Dual Operational Amplifier
More results

Mô tả tương tự - LM7372MRXNOPB

nhà sản xuấttên linh kiệnbảng dữ liệuGiải thích chi tiết về linh kiện
logo
Texas Instruments
LM7372 TI1-LM7372_14 Datasheet
1Mb / 28P
[Old version datasheet]   LM7372 High Speed, High Output Current, Dual Operational Amplifier
LM7372 TI1-LM7372 Datasheet
1Mb / 26P
[Old version datasheet]   High Speed, High Output Current, Dual Operational Amplifier
logo
Zarlink Semiconductor I...
ZL40166 ZARLINK-ZL40166 Datasheet
723Kb / 33P
   High Output Current High Speed Dual Operational Amplifier
ZL40167 ZARLINK-ZL40167 Datasheet
818Kb / 32P
   High Output Current High Speed Dual Operational Amplifier
logo
National Semiconductor ...
LM7372 NSC-LM7372 Datasheet
417Kb / 15P
   High Speed, High Output Current, Dual Operational Amplifier
logo
Zarlink Semiconductor I...
ZL40162 ZARLINK-ZL40162 Datasheet
598Kb / 32P
   High Output Current High Speed Dual Operational Amplifier
logo
ON Semiconductor
MC33076 ONSEMI-MC33076 Datasheet
213Kb / 12P
   DUAL HIGH OUTPUT CURRENT OPERATIONAL AMPLIFIER
1996 REV 0
logo
Texas Instruments
TL3414A TI-TL3414A Datasheet
103Kb / 6P
[Old version datasheet]   DUAL HIGH OUTPUT CURRENT OPERATIONAL AMPLIFIER
TL3414A TI-TL3414A_07 Datasheet
420Kb / 12P
[Old version datasheet]   DUAL HIGH-OUTPUT-CURRENT OPERATIONAL AMPLIFIER
TL3414A TI-TL3414A_06 Datasheet
208Kb / 9P
[Old version datasheet]   DUAL HIGH OUTPUT CURRENT OPERATIONAL AMPLIFIER
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26


bảng dữ liệu tải về

Go To PDF Page


Link URL




Chính sách bảo mật
ALLDATASHEET.VN
Cho đến nay ALLDATASHEET có giúp ích cho doanh nghiệp của bạn hay không?  [ DONATE ] 

Alldatasheet là   |   Quảng cáo   |   Liên lạc với chúng tôi   |   Chính sách bảo mật   |   Trao đổi link   |   Tìm kiếm theo nhà sản xuất
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com