công cụ tìm kiếm bảng dữ liệu linh kiện điện tử
  Vietnamese  ▼
ALLDATASHEET.VN

X  

LM7372IMANOPB bảng dữ liệu(PDF) 4 Page - National Semiconductor (TI)

[Old version datasheet] Texas Instruments acquired National semiconductor.
tên linh kiện LM7372IMANOPB
Giải thích chi tiết về linh kiện  LM7372 High Speed, High Output Current, Dual Operational Amplifier
Download  26 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
nhà sản xuất  NSC [National Semiconductor (TI)]
Trang chủ  http://www.national.com
Logo NSC - National Semiconductor (TI)

LM7372IMANOPB bảng dữ liệu(HTML) 4 Page - National Semiconductor (TI)

  LM7372IMANOPB Datasheet HTML 1Page - National Semiconductor (TI) LM7372IMANOPB Datasheet HTML 2Page - National Semiconductor (TI) LM7372IMANOPB Datasheet HTML 3Page - National Semiconductor (TI) LM7372IMANOPB Datasheet HTML 4Page - National Semiconductor (TI) LM7372IMANOPB Datasheet HTML 5Page - National Semiconductor (TI) LM7372IMANOPB Datasheet HTML 6Page - National Semiconductor (TI) LM7372IMANOPB Datasheet HTML 7Page - National Semiconductor (TI) LM7372IMANOPB Datasheet HTML 8Page - National Semiconductor (TI) LM7372IMANOPB Datasheet HTML 9Page - National Semiconductor (TI) Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 26 page
background image
LM7372
SNOS926E – MAY 1999 – REVISED MARCH 2013
www.ti.com
±15V DC Electrical Characteristics
Unless otherwise specified, all limits ensured for TJ = 25°C, VCM = 0V and RL = 1kΩ. Boldface apply at the temperature
extremes.
Symbol
Parameter
Conditions
Min(1)
Typ(2)
Max(1)
Units
VOS
Input Offset Voltage
2.0
8.0
mV
10.0
TC VOS
Input Offset Voltage Average Drift
12
µV/°C
IB
Input Bias Current
2.7
10
µA
12
IOS
Input Offset Current
0.1
4.0
µA
6.0
RIN
Input Resistance
Common Mode
40
M
Differential Mode
3.3
M
RO
Open Loop Output Resistance
15
CMRR
Common Mode Rejection Ratio
VCM = ±10V
75
93
dB
70
PSRR
Power Supply Rejection Ratio
VS = ±15V to ±5V
75
90
dB
70
VCM
Input Common-Mode Voltage Range
CMRR > 60dB
±13
V
AV
Large Signal Voltage Gain(3)
RL = 1kΩ
75
85
dB
70
RL = 100Ω
70
81
dB
66
VO
Output Swing
RL = 1kΩ
13
13.4
V
12.7
−13
−13.3
V
−12.7
IOUT = − 150mA
11.8
12.4
V
11.4
IOUT = 150mA
−11.2
−11.9
V
−10.8
ISC
Output Short Circuit Current
Sourcing
260
mA
Sinking
250
mA
IS
Supply Current (both Amps)
13
17
mA
19
(1)
All limits are specified by testing or statistical analysis.
(2)
Typical values represent the most likely parametic norm.
(3)
Large signal voltage gain is the total output swing divided by the input signal required to produce that swing. For VS = ±15V, VOUT = ±
10V. For VS = ±5V, VOUT = ±2V
4
Submit Documentation Feedback
Copyright © 1999–2013, Texas Instruments Incorporated
Product Folder Links: LM7372


Số phần tương tự - LM7372IMANOPB

nhà sản xuấttên linh kiệnbảng dữ liệuGiải thích chi tiết về linh kiện
logo
National Semiconductor ...
LM7372IMA NSC-LM7372IMA Datasheet
417Kb / 15P
   High Speed, High Output Current, Dual Operational Amplifier
logo
Texas Instruments
LM7372IMA TI1-LM7372IMA Datasheet
1Mb / 28P
[Old version datasheet]   LM7372 High Speed, High Output Current, Dual Operational Amplifier
LM7372IMA/NOPB TI1-LM7372IMA/NOPB Datasheet
1Mb / 28P
[Old version datasheet]   LM7372 High Speed, High Output Current, Dual Operational Amplifier
logo
National Semiconductor ...
LM7372IMAX NSC-LM7372IMAX Datasheet
417Kb / 15P
   High Speed, High Output Current, Dual Operational Amplifier
logo
Texas Instruments
LM7372IMAX/NOPB TI1-LM7372IMAX/NOPB Datasheet
1Mb / 28P
[Old version datasheet]   LM7372 High Speed, High Output Current, Dual Operational Amplifier
More results

Mô tả tương tự - LM7372IMANOPB

nhà sản xuấttên linh kiệnbảng dữ liệuGiải thích chi tiết về linh kiện
logo
Texas Instruments
LM7372 TI1-LM7372_14 Datasheet
1Mb / 28P
[Old version datasheet]   LM7372 High Speed, High Output Current, Dual Operational Amplifier
LM7372 TI1-LM7372 Datasheet
1Mb / 26P
[Old version datasheet]   High Speed, High Output Current, Dual Operational Amplifier
logo
Zarlink Semiconductor I...
ZL40166 ZARLINK-ZL40166 Datasheet
723Kb / 33P
   High Output Current High Speed Dual Operational Amplifier
ZL40167 ZARLINK-ZL40167 Datasheet
818Kb / 32P
   High Output Current High Speed Dual Operational Amplifier
logo
National Semiconductor ...
LM7372 NSC-LM7372 Datasheet
417Kb / 15P
   High Speed, High Output Current, Dual Operational Amplifier
logo
Zarlink Semiconductor I...
ZL40162 ZARLINK-ZL40162 Datasheet
598Kb / 32P
   High Output Current High Speed Dual Operational Amplifier
logo
ON Semiconductor
MC33076 ONSEMI-MC33076 Datasheet
213Kb / 12P
   DUAL HIGH OUTPUT CURRENT OPERATIONAL AMPLIFIER
1996 REV 0
logo
Texas Instruments
TL3414A TI-TL3414A Datasheet
103Kb / 6P
[Old version datasheet]   DUAL HIGH OUTPUT CURRENT OPERATIONAL AMPLIFIER
TL3414A TI-TL3414A_07 Datasheet
420Kb / 12P
[Old version datasheet]   DUAL HIGH-OUTPUT-CURRENT OPERATIONAL AMPLIFIER
TL3414A TI-TL3414A_06 Datasheet
208Kb / 9P
[Old version datasheet]   DUAL HIGH OUTPUT CURRENT OPERATIONAL AMPLIFIER
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26


bảng dữ liệu tải về

Go To PDF Page


Link URL




Chính sách bảo mật
ALLDATASHEET.VN
Cho đến nay ALLDATASHEET có giúp ích cho doanh nghiệp của bạn hay không?  [ DONATE ] 

Alldatasheet là   |   Quảng cáo   |   Liên lạc với chúng tôi   |   Chính sách bảo mật   |   Trao đổi link   |   Tìm kiếm theo nhà sản xuất
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com