công cụ tìm kiếm bảng dữ liệu linh kiện điện tử
  Vietnamese  ▼
ALLDATASHEET.VN

X  

MCR106-6 bảng dữ liệu(PDF) 1 Page - Digitron Semiconductors

tên linh kiện MCR106-6
Giải thích chi tiết về linh kiện  SILICON CONTROLLED RECTIFIERS
Download  3 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
nhà sản xuất  DIGITRON [Digitron Semiconductors]
Trang chủ  http://www.digitroncorp.com
Logo DIGITRON - Digitron Semiconductors

MCR106-6 bảng dữ liệu(HTML) 1 Page - Digitron Semiconductors

  MCR106-6 Datasheet HTML 1Page - Digitron Semiconductors MCR106-6 Datasheet HTML 2Page - Digitron Semiconductors MCR106-6 Datasheet HTML 3Page - Digitron Semiconductors  
Zoom Inzoom in Zoom Outzoom out
 1 / 3 page
background image
DIGITRON SEMICONDUCTORS
144 Market Street
Kenilworth NJ 07033 USA
phone +1.908.245-7200
fax +1.908.245-0555
sales@digitroncorp.com
www.digitroncorp.com
Rev. 20130115
MCR106 SERIES
SILICON CONTROLLED RECTIFIERS
Available Non-RoHS (standard) or RoHS compliant (add PBF suffix).
Available as “HR” (high reliability) screened per MIL-PRF-19500, JANTX level. Add “HR” suffix to base part number.
MAXIMUM RATINGS
Rating
Symbol
Value
Unit
Peak repetitive off-state voltage(1)
(TJ = -40 to +110°C, sine wave, 50 to 60Hz, gate open)
MCR106-1
MCR106-2
MCR106-3
MCR106-4
MCR106-5
MCR106-6
MCR106-7
MCR106-8
VDRM
VRRM
30
60
100
200
300
400
500
600
V
On-state RMS current (180° conduction angles, TC = 93°C)
IT(RMS)
4.0
A
Average on-state current (180° conduction angles, TC = 93°C)
IT(AV)
2.55
A
Peak non-repetitive surge current
(half-cycle, sine wave, 60Hz, TJ = 110°C)
ITSM
25
A
Circuit fusing consideration (t = 8.3ms)
I2t
2.6
A2s
Forward peak gate power (pulse width ≤ 1.0µs, TC = 93°C)
PGM
0.5
W
Forward average gate power (t = 8.3ms, TC = 93°C)
PG(AV)
0.1
W
Forward peak gate current (pulse width ≤ 1.0µs, TC = 93°C)
IGM
0.2
A
Peak reverse gate voltage
(pulse width ≤ 1.0µs, TC = 93°C)
VRGM
6.0
V
Operating junction temperature range
TJ
-40 to +110
°C
Storage temperature range
Tstg
-40 to +150
°C
Mounting torque(2)
-
6.0
In. lb.
Note 1: VDRM and VRRM for all types can be applied on a continuous basis. Ratings apply for zero or negative gate voltage; positive gate voltage shall not be applied concurrent
with negative potential on the anode. Blocking voltages shall not be tested with a constant current source such that the voltage ratings of the devices are exceeded.
Note 2: Torque rating applies with use of compression washer. Mounting torque in excess of 6 in. lb. does not appreciably lower case-to-sink thermal resistance. Anode lead and
heatsink contact pad are common. For soldering purposes, soldering temperatures should not exceed +200°C. For optimum results, an activated flux is recommended.
THERMAL CHARACTERISTICS
Characteristic
Symbol
Maximum
Unit
Thermal resistance, junction to case
R
ӨJC
3.0
°C/W
Thermal resistance, junction to ambient
R
ӨJA
75
°C/W
Lead solder temperature
(lead length ≥ 1/8” from case, 10s max)
TL
260
°C
ELECTRICAL CHARACTERISTICS (TC = 25°C, unless otherwise noted)
Characteristic
Symbol
Min
Typ
Max
Unit
OFF CHARACTERISTICS
Peak forward or reverse blocking current
(VAK = Rated VDRM or VRRM, RGK = 1000Ω)
TC = 25°C
TC = 110°C
IDRM,
IRRM
-
-
-
-
10
200
µA
ON CHARACTERISTICS
Peak forward on-state voltage (3)
(ITM = 4.0A peak)
VTM
-
-
2.0
V


Số phần tương tự - MCR106-6

nhà sản xuấttên linh kiệnbảng dữ liệuGiải thích chi tiết về linh kiện
logo
Motorola, Inc
MCR106-6 MOTOROLA-MCR106-6 Datasheet
93Kb / 4P
   Silicon Controlled Rectifiers
logo
ON Semiconductor
MCR106-6 ONSEMI-MCR106-6 Datasheet
57Kb / 4P
   Sensitive Gate Silicon Controlled Rectifiers
November, 2005 ??Rev. 4
logo
Kersemi Electronic Co.,...
MCR106-6 KERSEMI-MCR106-6 Datasheet
414Kb / 4P
   Silicon Controlled Rectifiers
logo
HAOPIN MICROELECTRONICS...
MCR106-6 HAOPIN-MCR106-6 Datasheet
159Kb / 4P
   Blocking voltage to 400 V
logo
ON Semiconductor
MCR106-6G ONSEMI-MCR106-6G Datasheet
57Kb / 4P
   Sensitive Gate Silicon Controlled Rectifiers
November, 2005 ??Rev. 4
More results

Mô tả tương tự - MCR106-6

nhà sản xuấttên linh kiệnbảng dữ liệuGiải thích chi tiết về linh kiện
logo
Motorola, Inc
C122A1 MOTOROLA-C122A1 Datasheet
65Kb / 3P
   SILICON CONTROLLED RECTIFIERS
logo
Power Innovations Ltd
TIC106 POINN-TIC106 Datasheet
165Kb / 8P
   SILICON CONTROLLED RECTIFIERS
TICP106 POINN-TICP106 Datasheet
95Kb / 6P
   SILICON CONTROLLED RECTIFIERS
logo
ON Semiconductor
MCR12D ONSEMI-MCR12D Datasheet
92Kb / 8P
   Silicon Controlled Rectifiers
December, 1999 ??Rev. 2
logo
Transys Electronics
SC12 TRSYS-SC12 Datasheet
765Kb / 5P
   SILICON CONTROLLED RECTIFIERS
logo
ON Semiconductor
2N6504 ONSEMI-2N6504 Datasheet
50Kb / 8P
   Silicon Controlled Rectifiers
April, 2001 ??Rev. 4
logo
Motorola, Inc
MCR102 MOTOROLA-MCR102 Datasheet
79Kb / 4P
   Silicon Controlled Rectifiers
MCR22 MOTOROLA-MCR22 Datasheet
101Kb / 6P
   Silicon Controlled Rectifiers
MCR25 MOTOROLA-MCR25 Datasheet
431Kb / 6P
   Silicon Controlled Rectifiers
MCR310 MOTOROLA-MCR310 Datasheet
86Kb / 4P
   Silicon Controlled Rectifiers
logo
NTE Electronics
NTE5550 NTE-NTE5550 Datasheet
20Kb / 2P
   Silicon Controlled Rectifiers
More results


Html Pages

1 2 3


bảng dữ liệu tải về

Go To PDF Page


Link URL




Chính sách bảo mật
ALLDATASHEET.VN
Cho đến nay ALLDATASHEET có giúp ích cho doanh nghiệp của bạn hay không?  [ DONATE ] 

Alldatasheet là   |   Quảng cáo   |   Liên lạc với chúng tôi   |   Chính sách bảo mật   |   Trao đổi link   |   Tìm kiếm theo nhà sản xuất
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com