công cụ tìm kiếm bảng dữ liệu linh kiện điện tử |
|
AD7091R-8BRUZ bảng dữ liệu(PDF) 8 Page - List of Unclassifed Manufacturers |
|
AD7091R-8BRUZ bảng dữ liệu(HTML) 8 Page - List of Unclassifed Manufacturers |
8 / 41 page Data Sheet AD7091R-2/AD7091R-4/AD7091R-8 ABSOLUTE MAXIMUM RATINGS TA = 25°C, unless otherwise noted. Table 3. Parameter Rating VDD to GND −0.3 V to +7 V VDRIVE to GND −0.3 V to +7 V Analog Input Voltage to GND −0.3 V to VREF + 0.3 V Digital Input1 Voltage to GND −0.3 V to VDRIVE + 0.3 V Digital Output2 Voltage to GND −0.3 V to VDRIVE + 0.3 V Input Current to Any Pin Except Supplies3 ±10 mA Operating Temperature Range −40°C to +125°C Storage Temperature Range −65°C to +150°C Junction Temperature 150°C ESD Human Body Model (HBM) 1.5 kV Field Induced Charged Device Model (FICDM) 500 V 1 The digital input pins include the following: RESET, CONVST, SDI, SCLK, and CS. 2 The digital output pins include the following: SDO, GPO1, and ALERT/BUSY/GPO0. 3 Transient currents of up to 100 mA do not cause SCR latch-up. Stresses above those listed under Absolute Maximum Ratings may cause permanent damage to the device. This is a stress rating only; functional operation of the device at these or any other conditions above those indicated in the operational section of this specification is not implied. Exposure to absolute maximum rating conditions for extended periods may affect device reliability. THERMAL RESISTANCE θJA is specified for the worst-case conditions, that is, a device soldered in a circuit board for surface-mount packages. Table 4. Thermal Resistance Package Type θJA θJC Unit 24-Lead TSSOP 73.54 14.94 °C/W 20-Lead TSSOP 84.29 18.43 °C/W 16-Lead TSSOP 106.03 28.31 °C/W ESD CAUTION Rev. 0 | Page 7 of 40 |
Số phần tương tự - AD7091R-8BRUZ |
|
Mô tả tương tự - AD7091R-8BRUZ |
|
|
Link URL |
Chính sách bảo mật |
ALLDATASHEET.VN |
Cho đến nay ALLDATASHEET có giúp ích cho doanh nghiệp của bạn hay không? [ DONATE ] |
Alldatasheet là | Quảng cáo | Liên lạc với chúng tôi | Chính sách bảo mật | Trao đổi link | Tìm kiếm theo nhà sản xuất All Rights Reserved©Alldatasheet.com |
Russian : Alldatasheetru.com | Korean : Alldatasheet.co.kr | Spanish : Alldatasheet.es | French : Alldatasheet.fr | Italian : Alldatasheetit.com Portuguese : Alldatasheetpt.com | Polish : Alldatasheet.pl | Vietnamese : Alldatasheet.vn Indian : Alldatasheet.in | Mexican : Alldatasheet.com.mx | British : Alldatasheet.co.uk | New Zealand : Alldatasheet.co.nz |
Family Site : ic2ic.com |
icmetro.com |