công cụ tìm kiếm bảng dữ liệu linh kiện điện tử
  Vietnamese  ▼
ALLDATASHEET.VN

X  

ML22825-XXX bảng dữ liệu(PDF) 1 Page - List of Unclassifed Manufacturers

tên linh kiện ML22825-XXX
Giải thích chi tiết về linh kiện  Speech Synthesis LSI with Built-in P2ROM Including 2-Channel Mixing Function
Download  63 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
nhà sản xuất  ETC2 [List of Unclassifed Manufacturers]
Trang chủ  
Logo ETC2 - List of Unclassifed Manufacturers

ML22825-XXX bảng dữ liệu(HTML) 1 Page - List of Unclassifed Manufacturers

  ML22825-XXX Datasheet HTML 1Page - List of Unclassifed Manufacturers ML22825-XXX Datasheet HTML 2Page - List of Unclassifed Manufacturers ML22825-XXX Datasheet HTML 3Page - List of Unclassifed Manufacturers ML22825-XXX Datasheet HTML 4Page - List of Unclassifed Manufacturers ML22825-XXX Datasheet HTML 5Page - List of Unclassifed Manufacturers ML22825-XXX Datasheet HTML 6Page - List of Unclassifed Manufacturers ML22825-XXX Datasheet HTML 7Page - List of Unclassifed Manufacturers ML22825-XXX Datasheet HTML 8Page - List of Unclassifed Manufacturers ML22825-XXX Datasheet HTML 9Page - List of Unclassifed Manufacturers Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 63 page
background image
FEDL228XX-05
Issue Date: Oct. 10, 2013
ML2282X-XXX/ML2286X-XXX
Speech Synthesis LSI with Built-in P2ROM Including 2-Channel Mixing Function
1/63
GENERAL DESCRIPTION
ML2282X(ML22825/ML22824/ML22823-XXX) and ML2286X (ML22865/ML22864/ML22863-XXX) are
voice synthesis LSIs with built-in P2ROM that stores speech data.
These LSIs include edit ROM, ADPCM2 decoder, 16-bit DA converter, low pass filter and monaural speaker
amplifier.
Also, ML2282X supports the synchronous serial interface and ML22865/ML22864/ML22863
supports the I2C interface.
By integrating all the functions required for voice output into a single chip, these LSIs can be more easily
incorporated in compact portable devices.
• Built-in memory capacity and maximum vocal reproduction time:
(at the case of 4-bit ADPCM2 algorithm)
Maximum vocal reproduction time (sec)
Product name
ROM capacity
FS = 4.0 kHz
FS = 8.0 kHz
FS = 16 kHz
ML22825-XXX/ML22865
16 Mbits
1,044
522
261
ML22824-XXX/ML22864
8 Mbits
520
260
130
ML22823-XXX/ML22863
4 Mbits
258
129
64
• Voice synthesis method:
4-bit ADPCM2
8-bit Nonlinear PCM
8-bit PCM , 16-bit PCM
Can be specified for each phrase.
• Sampling frequency(Fs):
4.0 / 5.3 / 6.4 / 8.0 / 10.6 / 12.0 / 12.8 / 16.0 / 21.3 / 24.0 / 25.6 / 32.0 /
48.0 kHz
fs can be specified for each phrase.
• Built-in low-pass filter and 16-bit DA converter
• Speaker driving amplifier:
0.7 W (when 8
Ω , DV
DD=5 V, Ta=25°C)
2ch analog input (internal: 1ch; external: 1ch)
• CPU command interface:
3-wired serial clock-synchronized (ML2282X)
I2C interface (ML2286X)
• Maximum number of phrases:
4,096 phrases from 000h to 3FFh (1024 phrases/bank)
• Memory bank switching:
Enabled between bank 1 and bank 4 using the SEL0 and SEL1 pins
• Volume control:
32 levels (OFF is included) can be set by CVOL command.
50 levels (OFF is included) can be set by AVOL command
• Repeat function:
LOOP commands
• 2-channel mixing function:
Available except case using 32kHz as sampling frequencys
• Source oscillation frequency:
4.096 MHz
• Power supply voltage:
2.7 to 3.6V / 4.5 to 5.5 V
• Operating temperature range:
–40 to +85
°C
• Package:
30-pin plastic SSOP (SSOP30-P-56-0.65-K-MC)
• Product name:
ML22825-xxxMB, ML22824-xxxMB, ML22823-xxxMB
ML22865-xxxMB, ML22864-xxxMB, ML22863-xxxMB
(xxx: ROM code No.)


Số phần tương tự - ML22825-XXX

nhà sản xuấttên linh kiệnbảng dữ liệuGiải thích chi tiết về linh kiện
logo
List of Unclassifed Man...
ML22825 ETC2-ML22825 Datasheet
1Mb / 63P
   Speech Synthesis LSI with Built-in P2ROM Including 2-Channel Mixing Function
More results

Mô tả tương tự - ML22825-XXX

nhà sản xuấttên linh kiệnbảng dữ liệuGiải thích chi tiết về linh kiện
logo
List of Unclassifed Man...
ML2282X-XXX ETC2-ML2282X-XXX Datasheet
1Mb / 63P
   Speech Synthesis LSI with Built-in P2ROM Including 2-Channel Mixing Function
ML22Q563-NNNMB ETC2-ML22Q563-NNNMB Datasheet
1Mb / 66P
   4-Channel Mixing Speech Synthesis LSI
FEDL2256X-08 ETC2-FEDL2256X-08 Datasheet
1Mb / 67P
   4-Channel Mixing Speech Synthesis LSI with Built-in FLASH/MASK ROM
ML22Q573-NNNMB ETC2-ML22Q573-NNNMB Datasheet
1Mb / 66P
   4-Channel Mixing Speech Synthesis LSI
ML22Q553-NNNMB ETC2-ML22Q553-NNNMB Datasheet
1Mb / 69P
   4-Channel Mixing Speech Synthesis LSI
FEDL22Q553-04 ETC2-FEDL22Q553-04 Datasheet
1Mb / 70P
   4-Channel Mixing Speech Synthesis LSI with Built-in FLASH ROM for Automotive
FEDL22594-04 ETC2-FEDL22594-04 Datasheet
895Kb / 73P
   4-Channel Mixing Speech Synthesis LSI with Built-in MASK ROM for Automotive
FEDL2257X-07 ETC2-FEDL2257X-07 Datasheet
1Mb / 67P
   4-Channel Mixing Speech Synthesis LSI with Built-in FLASH/MASK ROM for Automotive
logo
OKI electronic componet...
ML2250 OKI-ML2250 Datasheet
623Kb / 36P
   2-Channel Mixing Oki ADPCM Algorithm-Based Speech Synthesis LSI
ML22Q54 OKI-ML22Q54 Datasheet
199Kb / 31P
   2-Channel Mixing Oki ADPCM Algorithm-Based Speech Synthesis LSI
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63


bảng dữ liệu tải về

Go To PDF Page


Link URL




Chính sách bảo mật
ALLDATASHEET.VN
Cho đến nay ALLDATASHEET có giúp ích cho doanh nghiệp của bạn hay không?  [ DONATE ] 

Alldatasheet là   |   Quảng cáo   |   Liên lạc với chúng tôi   |   Chính sách bảo mật   |   Trao đổi link   |   Tìm kiếm theo nhà sản xuất
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com