công cụ tìm kiếm bảng dữ liệu linh kiện điện tử
  Vietnamese  ▼
ALLDATASHEET.VN

X  

SI-8001FDE bảng dữ liệu(PDF) 8 Page - Sanken electric

tên linh kiện SI-8001FDE
Giải thích chi tiết về linh kiện  DC-to-DC Step-Down Converter
Download  9 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
nhà sản xuất  SANKEN [Sanken electric]
Trang chủ  http://www.sanken-ele.co.jp/en
Logo SANKEN - Sanken electric

SI-8001FDE bảng dữ liệu(HTML) 8 Page - Sanken electric

  SI-8001FDE Datasheet HTML 1Page - Sanken electric SI-8001FDE Datasheet HTML 2Page - Sanken electric SI-8001FDE Datasheet HTML 3Page - Sanken electric SI-8001FDE Datasheet HTML 4Page - Sanken electric SI-8001FDE Datasheet HTML 5Page - Sanken electric SI-8001FDE Datasheet HTML 6Page - Sanken electric SI-8001FDE Datasheet HTML 7Page - Sanken electric SI-8001FDE Datasheet HTML 8Page - Sanken electric SI-8001FDE Datasheet HTML 9Page - Sanken electric  
Zoom Inzoom in Zoom Outzoom out
 8 / 9 page
background image
8
SANKEN ELECTRIC CO., LTD.
DC-to-DC Step-Down Converter
SI-8001FDE
27469.056
Cautions for Use
Operation of the product in parallel to increase current is not
permitted.
Although the product has an internal overtemperature protection
circuit, that is intended only to protect the product from temporary
excess heating due to overloads. Long-term reliability cannot
be guaranteed when the product is operated under continuous
overload conditions.
Because reliability can be affected adversely by improper storage
environments and handling methods, please observe the following
cautions.
Cautions for Storage
Ensure that storage conditions comply with the standard
temperature (5°C to 35°C) and the standard relative humidity
(around 40 to 75%); avoid storage locations that experience
extreme changes in temperature or humidity.
Avoid locations where dust or harmful gases are present and
avoid direct sunlight.
Reinspect for rust on leads and solderability of products that have
been stored for a long time.
Cautions for Testing and Handling
When tests are carried out during inspection testing and other
standard test periods, protect the products from power surges
from the testing device, shorts between adjacent products, and
shorts to the heatsink.
Electrostatic Discharge
When handling the products, operator must be grounded.
Grounded wrist straps worn should have at least 1 MΩ of
resistance to ground to prevent shock hazard.
Workbenches where the products are handled should be
grounded and be provided with conductive table and floor mats.
When using measuring equipment such as a curve tracer, the
equipment should be grounded.
When soldering the products, the head of soldering irons or the
solder bath must be grounded in other to prevent leak voltages
generated by them from being applied to the products.
The products should always be stored and transported in our
shipping containers or conductive containers, or be wrapped in
aluminum foil.
Soldering
When manually soldering the products, please be sure to
minimize the working time, within the following limits:
Soldering Iron Temperature
(°C)
Time
(s)
380±10
3
(once only)
Reflow soldering can be performed a maximum of twice, using
the following recommended profile:
230
30 ±10s
90 ±30s
180
150
250
Time
250°C Maximum


Số phần tương tự - SI-8001FDE

nhà sản xuấttên linh kiệnbảng dữ liệuGiải thích chi tiết về linh kiện
logo
Sanken electric
SI-8001FDE SANKEN-SI-8001FDE Datasheet
357Kb / 9P
   DC-to-DC Step-Down Converter
SI-8001FDE SANKEN-SI-8001FDE Datasheet
68Kb / 2P
   Surface Mount, Separate Excitation Step-down Switching Mode
More results

Mô tả tương tự - SI-8001FDE

nhà sản xuấttên linh kiệnbảng dữ liệuGiải thích chi tiết về linh kiện
logo
Sanken electric
SI-8008HD SANKEN-SI-8008HD Datasheet
423Kb / 2P
   DC-to-DC Step-Down Converter
SI-8008HFE SANKEN-SI-8008HFE Datasheet
307Kb / 2P
   DC-to-DC Step-Down Converter
SI-8001FDE SANKEN-SI-8001FDE Datasheet
357Kb / 9P
   DC-to-DC Step-Down Converter
logo
Holtek Semiconductor In...
HT7465 HOLTEK-HT7465_14 Datasheet
1Mb / 9P
   Step-Down DC to DC Converter
logo
Sanken electric
SI-8001FFE SANKEN-SI-8001FFE Datasheet
242Kb / 9P
   DC-to-DC Step-Down Converter
SI-8001FFE SANKEN-SI-8001FFE Datasheet
316Kb / 9P
   DC-to-DC Step-Down Converter
SI-8001FDL SANKEN-SI-8001FDL Datasheet
331Kb / 2P
   DC-to-DC Step-Down Converter
logo
Holtek Semiconductor In...
HT7466 HOLTEK-HT7466_14 Datasheet
1Mb / 9P
   3A Step-Down DC to DC Converter
HT7465 HOLTEK-HT7465 Datasheet
1Mb / 11P
   2A Step-Down DC to DC Converter
HT7466 HOLTEK-HT7466 Datasheet
1Mb / 9P
   3A Step-Down DC to DC Converter
More results


Html Pages

1 2 3 4 5 6 7 8 9


bảng dữ liệu tải về

Go To PDF Page


Link URL




Chính sách bảo mật
ALLDATASHEET.VN
Cho đến nay ALLDATASHEET có giúp ích cho doanh nghiệp của bạn hay không?  [ DONATE ] 

Alldatasheet là   |   Quảng cáo   |   Liên lạc với chúng tôi   |   Chính sách bảo mật   |   Trao đổi link   |   Tìm kiếm theo nhà sản xuất
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com