công cụ tìm kiếm bảng dữ liệu linh kiện điện tử
  Vietnamese  ▼
ALLDATASHEET.VN

X  

SI-3025LSA bảng dữ liệu(PDF) 1 Page - Sanken electric

tên linh kiện SI-3025LSA
Giải thích chi tiết về linh kiện  Surface-Mount, Low Current Consumption, Low Dropout Voltage
Download  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
nhà sản xuất  SANKEN [Sanken electric]
Trang chủ  http://www.sanken-ele.co.jp/en
Logo SANKEN - Sanken electric

SI-3025LSA bảng dữ liệu(HTML) 1 Page - Sanken electric

  SI-3025LSA Datasheet HTML 1Page - Sanken electric SI-3025LSA Datasheet HTML 2Page - Sanken electric  
Zoom Inzoom in Zoom Outzoom out
 1 / 2 page
background image
70
ICs
1-1-4 Linear Regulator ICs
■Absolute Maximum Ratings
■Recommended Operating Conditions
Unit
V
V
A
W
W
°C
°C
°C
°C/W
°C/W
Ratings
16
VIN
1
1.16
1.1
–30 to +150
–30 to +150
–30 to +150
36
100
Symbol
VIN
VC
IO
PD1*1
PD2*2
Tj*3
Top
Tstg
θj-L
θj-a*2
Parameter
DC Input Voltage
Output control terminal voltage
DC Output Current
Power Dissipation
Junction Temperature
Operating Ambient Temperature
Storage Temperature
Thermal Resistance (Junction to Lead (pin 8))
Thermal Resistance (Junction to Ambient Air)
Parameter
DC Input Voltage Range
DC Output Current Range
Operating Junction Temperature
Operating Ambient Temperature
Symbol
VIN
IO
Tjop
Taop
Unit
V
A
°C
°C
*1: VIN (max) and IO (max) are restricted by the relation PD = (VIN – VO) × IO.
Please calculate these values referring to the reference data on page 71.
*2: Refer to the Dropout Voltage parameter.
(Ta=25°C)
■Features
• Compact surface-mount package (SOP8)
• Output current: 1 A
• Low circuit current at output OFF: Iq(OFF) ≤ 1
µA (VC = 0 V)
• Low dropout voltage: VDIF≤0.8 V (at IO = 1 A)
VDIF ≤1.2 V (IO = 1 A) for SI-3018LSA
•4 types of output voltages (1.8 V, 2.5 V, 3.3 V,
5.0 V) available
• Output ON/OFF control terminal voltage
compatible with LS-TTL
• Built-in foldback-type-overcurrent and thermal
protection circuits
■Applications
•Auxiliary power supplies for PC
• Battery-driven electronic equipment
Ratings
SI-3018LSA
SI-3025LSA
SI-3033LSA
SI-3050LSA
3.1 to 3.5*1
*2 to 3.5*1
*2 to 5.2*1
*2 to 8.0
0 to 1
–20 to +125
–30 to +85
■Electrical Characteristics
(Ta=25°C, VC=2V, unless otherwise specified)
Unit
V
V
mV
mV
mV/ °C
dB
mA
µA
A
V
µA
µA
Parameter
Output Voltage
Dropout Voltage
Line Regulation
Load Regulation
Temperature Coefficient of
Output Voltage
Ripple Rejection
Quiescent Circuit Current
Circuit Current at Output OFF
Overcurrent Protection
Starting Current*1,3
Control Voltage (Output ON)*2
Control Voltage (Output OFF)*2
VC
Control Current (Output ON)
Terminal
Control Current (Output OFF)
Symbol
VO
Conditions
VDIF
Conditions
Conditions
∆VLINE
Conditions
∆VOLOAD
Conditions
∆VO/∆Ta
Conditions
RREJ
Conditions
Iq
Conditions
Iq(OFF)
Conditions
IS1
Conditions
VC, IH
VC, IL
IC, IH
Conditions
IC, IL
Conditions
*1: Is1 is specified at the 5% drop point of output voltage VO on the condition that VIN = 3.3 V (5 V for SI-3033LSA), and IO = 0.5 A.
*2: Output is OFF when the output control terminal VC is open. Each input level is equivalent to LS-TTL level. Therefore, the device can be driven directly by LS-TTLs.
*3: These products cannot be used in the following applications. Because these applications require a certain current at start-up and so the built-in foldback-type overcurrent
protection may cause errors during start-up stage.
(1) Constant current load (2) Positive and negative power supply
(3) Series-connected power supply (4) VO adjustment by raising ground voltage
Ratings
SI-3018LSA
SI-3025LSA
SI-3033LSA
SI-3050LSA
min.
typ.
max.
min.
typ.
max.
min.
typ.
max.
min.
typ.
max.
1.764
1.800
1.836
2.450
2.500
2.550
3.234
3.300
3.366
4.90
5.00
5.10
VIN=3.3V, IO=0.5A
VIN=3.3V, IO=0.5A
VIN=5V, IO=0.5A
VIN=6V, IO=0.5A
0.4
0.4
0.4
–IO≤0.5A
IO≤0.5A
IO≤0.5A
0.6
1.2
0.8
0.8
0.8
IO≤1A
210
2
10
310
3
15
VIN=3.1 to 3.5V, IO=0.3A
VIN=3.1 to 3.5V, IO=0.3A
VIN=4.5 to 5.5V, IO=0.3A
VIN=6 to 7V, IO=0.3A
10
20
10
20
10
20
10
30
VIN=3.3V, IO=0 to 1A
VIN=3.3V, IO=0 to 1A
VIN=5V, IO=0 to 1A
VIN=6V, IO=0 to 1A
±0.3
±0.3
±0.3
±0.5
VIN=3.3V, IO=5mA, Tj=0 to 100°CVIN=3.3V, IO=5mA, Tj=0 to 100°CVIN=5V, IO=5mA, Tj=0 to 100°CVIN=6V, IO=5mA, Tj=0 to 100°C
60
57
55
55
VIN=3.3V, f=100 to 120HZ
VIN=3.3V, f=100 to 120HZ
VIN=5V, f=100 to 120HZ
VIN=6V, f=100 to 120HZ
1.7
2.5
1.7
2.5
1.7
2.5
1.7
2.5
VIN=3.3V, IO=0A
VIN=3.3V, IO=0A
VIN=5V, IO=0A
VIN=6V, IO=0A
111
1
VIN=3.3V, IO=0A, VC=0V
VIN=3.3V, IO=0A, VC=0V
VIN=5V, IO=0A, VC=0V
VIN=6V, IO=0A, VC=0V
1.2
1.2
1.2
1.2
VIN=3.3V
VIN=3.3V
VIN=5V
VIN=6V
2.0
2.0
2.0
2.0
0.8
0.8
0.8
0.8
40
80
40
80
40
80
40
80
VC=2V
0–5
0
–5
0–5
0
–5
VC=0V
*1: When mounted on glass-epoxy board 56.5 × 56.5 mm (copper laminate area 100%).
*2: When mounted on glass-epoxy board 40 × 40 mm (copper laminate area 100%).
*3: Thermal protection circuits may be activated if the junction temperature exceeds 135°C.
Surface-Mount, Low Current Consumption, Low Dropout Voltage
SI-3000LSA Series


Số phần tương tự - SI-3025LSA

nhà sản xuấttên linh kiệnbảng dữ liệuGiải thích chi tiết về linh kiện
logo
Allegro MicroSystems
SI-3025LSA ALLEGRO-SI-3025LSA Datasheet
163Kb / 10P
   LOW-VOLTAGE, HIGH-CURRENT 2.5 V LINEAR REGULATOR
SI-3025LSA ALLEGRO-SI-3025LSA Datasheet
171Kb / 10P
   LOW-VOLTAGE, HIGH-CURRENT 1.8 V LINEAR REGULATOR
SI-3025LSA ALLEGRO-SI-3025LSA Datasheet
172Kb / 10P
   LOW-VOLTAGE, HIGH-CURRENT 1.8 V LINEAR REGULATOR
logo
List of Unclassifed Man...
SI-3025LSA ETC1-SI-3025LSA Datasheet
58Kb / 6P
   Surface-Mount, Low Current Consumption, Low Dropout Voltage Dropper Type
logo
Sanken electric
SI-3025LSA SANKEN-SI-3025LSA Datasheet
75Kb / 2P
   Surface-Mount Low Current Consumption Low Dropout Voltage Linear Regulator ICs
More results

Mô tả tương tự - SI-3025LSA

nhà sản xuấttên linh kiệnbảng dữ liệuGiải thích chi tiết về linh kiện
logo
Sanken electric
SI-3050KD SANKEN-SI-3050KD Datasheet
67Kb / 3P
   Surface-Mount, Low Current Consumption, Low Dropout Voltage
SI-3012KD SANKEN-SI-3012KD Datasheet
67Kb / 3P
   Surface-Mount, Low Current Consumption, Low Dropout Voltage
SI-3033KD SANKEN-SI-3033KD Datasheet
67Kb / 3P
   Surface-Mount, Low Current Consumption, Low Dropout Voltage
SI-3000KS SANKEN-SI-3000KS_11 Datasheet
82Kb / 2P
   Surface-Mount, Low Current Consumption, Low Dropout Voltage
SI-3000LLSL SANKEN-SI-3000LLSL_11 Datasheet
70Kb / 2P
   Surface-Mount, Low Current Consumption, Low Dropout Voltage
SI-3018LSA SANKEN-SI-3018LSA Datasheet
53Kb / 2P
   Surface-Mount, Low Current Consumption, Low Dropout Voltage
SI-3050LSA SANKEN-SI-3050LSA Datasheet
53Kb / 2P
   Surface-Mount, Low Current Consumption, Low Dropout Voltage
SI-3010KD SANKEN-SI-3010KD Datasheet
67Kb / 3P
   Surface-Mount, Low Current Consumption, Low Dropout Voltage
SI-3025KS SANKEN-SI-3025KS Datasheet
56Kb / 2P
   Surface-Mount, Low Current Consumption, Low Dropout Voltage
SI-3033KS SANKEN-SI-3033KS Datasheet
56Kb / 2P
   Surface-Mount, Low Current Consumption, Low Dropout Voltage
SI-3033LSA SANKEN-SI-3033LSA Datasheet
53Kb / 2P
   Surface-Mount, Low Current Consumption, Low Dropout Voltage
More results


Html Pages

1 2


bảng dữ liệu tải về

Go To PDF Page


Link URL




Chính sách bảo mật
ALLDATASHEET.VN
Cho đến nay ALLDATASHEET có giúp ích cho doanh nghiệp của bạn hay không?  [ DONATE ] 

Alldatasheet là   |   Quảng cáo   |   Liên lạc với chúng tôi   |   Chính sách bảo mật   |   Trao đổi link   |   Tìm kiếm theo nhà sản xuất
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com