công cụ tìm kiếm bảng dữ liệu linh kiện điện tử
  Vietnamese  ▼
ALLDATASHEET.VN

X  

SI-3010KF bảng dữ liệu(PDF) 1 Page - Sanken electric

tên linh kiện SI-3010KF
Giải thích chi tiết về linh kiện  Low Current Consumption, Low Dropout Voltage
Download  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
nhà sản xuất  SANKEN [Sanken electric]
Trang chủ  http://www.sanken-ele.co.jp/en
Logo SANKEN - Sanken electric

SI-3010KF bảng dữ liệu(HTML) 1 Page - Sanken electric

  SI-3010KF Datasheet HTML 1Page - Sanken electric SI-3010KF Datasheet HTML 2Page - Sanken electric  
Zoom Inzoom in Zoom Outzoom out
 1 / 2 page
background image
82
ICs
1-1-4 Linear Regulator ICs
■Features
• Compact full-mold package (equivalent to
TO220)
• Output current: 1.0A
• Low dropout voltage: VDIF ≤ 0.5V (at IO = 1.0A)
• High ripple rejection: 75dB
• Low circuit current at output OFF: Iq (OFF) ≤
1µA
• Built-in overcurrent and thermal protection
circuits
■Applications
• Secondary stabilized power supply (local
power supply)
■Absolute Maximum Ratings
Unit
V
V
A
W
W
°C
°C
°C
°C/W
°C/W
Symbol
VIN
Vc
Io
PD1
PD2
Tj
Tstg
Top
θj-c
θj-a
Parameter
DC Input Voltage
Output Control Terminal Voltage
DC Output Current
Power Dissipation
Junction Temperature
Storage Temperature
Operating Ambient Temperature
Thermal Resistance (Junction to Case)
Thermal Resistance (Junction to Ambient Air)
(Ta=25°C)
Ratings
SI-3010KF
35*1
VIN
1.0
16.6
1.72
–40 to +125
–40 to +125
–40 to +100
6.0
58
Remarks
With infinite heatsink
Without heatsink, stand-alone operation
Without heatsink, stand-alone operation
*1: A built-in input-overvoltage-protection circuit shuts down the output voltage at the Input Overvoltage Shutdown Voltage
of the electrical characteristics.
*1: VIN (max) and IO (max) are restricted by the relationship PD (max) = (VIN - VO) × IO = 16.6W.
*2: Refer to the Dropout Voltage parameter.
■Recommended Operating Conditions
Parameter
Input Voltage Range
Output Current Range
Output Voltage Variable Range
Operating Ambient Temperature
Operating Junction Temperature
Symbol
VIN
IO
VOADJ
Top
Tj
Unit
V
A
V
°C
°C
Ratings
SI-3010KF
2.4*2 to 27*1
0 to 1.0*1
1.1 to 16
–30 to +85
–20 to +100
■Electrical Characteristics
Low Current Consumption, Low Dropout Voltage
SI-3000KF Series
Unit
V
mV
mV
V
µA
µA
mV/
°C
dB
A
V
V
µA
µA
V
Parameter
Reference Voltage
Line Regulation
Load Regulation
Dropout Voltage
Quiescent Circuit Current
Circuit Current at Output OFF
Temperature Coefficient of
Output Voltage
Ripple Rejection
Overcurrent Protection Starting
Current*3
Control Voltage (Output ON)*4
Control Voltage (Output OFF)
VC
Terminal
Control Current (Output ON)
Control Current (Output OFF)
Input Overvoltage Shutdown
Voltage
Symbol
VADJ
Conditions
∆VOLINE
Conditions
∆VOLOAD
Conditions
VDIF
Conditions
Conditions
Iq
Conditions
Iq (OFF)
Conditions
∆VO/∆Ta
Conditions
RREJ
Conditions
IS1
Conditions
VC, IH
Conditions
VC, IL
Conditions
IC, IH
Conditions
IC, IL
Conditions
VOVP
Conditions
Ratings
SI-3010KF
min.
typ.
max.
0.98
1.00
1.02
VIN=7V, IO=0.01A,
VC=2V, VO=5A
30
VIN=6 to 15V, IO=0.01A,
VC=2V, VO=5A
75
VIN=7V, IO=0 to 1A, VC=2V,
VO=5A
0.3
IO=0.5A, VC=2V, VO=5V
0.5
IO=1.0A, VC=2V, VO=5V
600
VIN=7V, IO=0A, VC=2V
1
VIN=7V, VC=0V
±0.5
VIN=7V, IO=0.01A, VC=2V,
Tj=0 to 100
°C, VO=2.5V
75
VIN=7V, IO=0.1A, VC=2V,
f=100 to 120Hz, VO=5V
1.1
VIN=7V, VC=2V
2
VIN=7V
0.8
VIN=7V
40
VIN=7V, VC=2V
–5
0
VIN=7V, VC=0V
33
IO=0.01A
*3: IS1 is specified at the 5% drop point of output voltage VO on the condition that VIN = overcurrent protection starting current, IO = 10 mA.
*4: Output is OFF when the output control terminal VC is open. Each input level is equivalent to LS-TTL level. Therefore, the device can be driven directly by LS-TTLs.
*5: SI-3000KFE cannot be used in the following applications because the built-in foldback-type overcurrent protection may cause errors during start-up stage.
(1) Constant current load (2) Positive and negative power supply (3) Series-connected power supply (4) VO adjustment by raising ground voltage


Số phần tương tự - SI-3010KF

nhà sản xuấttên linh kiệnbảng dữ liệuGiải thích chi tiết về linh kiện
logo
Sanken electric
SI-3010KFE SANKEN-SI-3010KFE Datasheet
56Kb / 2P
   Low Current Consumption Low Dropout Voltage Linear Regulator ICs
More results

Mô tả tương tự - SI-3010KF

nhà sản xuấttên linh kiệnbảng dữ liệuGiải thích chi tiết về linh kiện
logo
Sanken electric
SI-3000KF SANKEN-SI-3000KF_11 Datasheet
78Kb / 2P
   Low Current Consumption, Low Dropout Voltage
SI-3050KD SANKEN-SI-3050KD Datasheet
67Kb / 3P
   Surface-Mount, Low Current Consumption, Low Dropout Voltage
SI-3012KD SANKEN-SI-3012KD Datasheet
67Kb / 3P
   Surface-Mount, Low Current Consumption, Low Dropout Voltage
SI-3033KD SANKEN-SI-3033KD Datasheet
67Kb / 3P
   Surface-Mount, Low Current Consumption, Low Dropout Voltage
SI-3000KS SANKEN-SI-3000KS_11 Datasheet
82Kb / 2P
   Surface-Mount, Low Current Consumption, Low Dropout Voltage
SI-3010KD SANKEN-SI-3010KD Datasheet
67Kb / 3P
   Surface-Mount, Low Current Consumption, Low Dropout Voltage
SI-3025KS SANKEN-SI-3025KS Datasheet
56Kb / 2P
   Surface-Mount, Low Current Consumption, Low Dropout Voltage
SI-3033KS SANKEN-SI-3033KS Datasheet
56Kb / 2P
   Surface-Mount, Low Current Consumption, Low Dropout Voltage
SI-3033LSA SANKEN-SI-3033LSA Datasheet
53Kb / 2P
   Surface-Mount, Low Current Consumption, Low Dropout Voltage
SI-3012LU SANKEN-SI-3012LU Datasheet
52Kb / 2P
   Surface-Mount, Low Current Consumption, Low Dropout Voltage
More results


Html Pages

1 2


bảng dữ liệu tải về

Go To PDF Page


Link URL




Chính sách bảo mật
ALLDATASHEET.VN
Cho đến nay ALLDATASHEET có giúp ích cho doanh nghiệp của bạn hay không?  [ DONATE ] 

Alldatasheet là   |   Quảng cáo   |   Liên lạc với chúng tôi   |   Chính sách bảo mật   |   Trao đổi link   |   Tìm kiếm theo nhà sản xuất
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com