công cụ tìm kiếm bảng dữ liệu linh kiện điện tử
  Vietnamese  ▼
ALLDATASHEET.VN

X  

HEDS-9140 bảng dữ liệu(PDF) 6 Page - AVAGO TECHNOLOGIES LIMITED

tên linh kiện HEDS-9140
Giải thích chi tiết về linh kiện  Three Channel Optical Incremental Encoder Modules
Download  13 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
nhà sản xuất  AVAGO [AVAGO TECHNOLOGIES LIMITED]
Trang chủ  http://www.avagotech.com
Logo AVAGO - AVAGO TECHNOLOGIES LIMITED

HEDS-9140 bảng dữ liệu(HTML) 6 Page - AVAGO TECHNOLOGIES LIMITED

Back Button HEDS-9140 Datasheet HTML 2Page - AVAGO TECHNOLOGIES LIMITED HEDS-9140 Datasheet HTML 3Page - AVAGO TECHNOLOGIES LIMITED HEDS-9140 Datasheet HTML 4Page - AVAGO TECHNOLOGIES LIMITED HEDS-9140 Datasheet HTML 5Page - AVAGO TECHNOLOGIES LIMITED HEDS-9140 Datasheet HTML 6Page - AVAGO TECHNOLOGIES LIMITED HEDS-9140 Datasheet HTML 7Page - AVAGO TECHNOLOGIES LIMITED HEDS-9140 Datasheet HTML 8Page - AVAGO TECHNOLOGIES LIMITED HEDS-9140 Datasheet HTML 9Page - AVAGO TECHNOLOGIES LIMITED HEDS-9140 Datasheet HTML 10Page - AVAGO TECHNOLOGIES LIMITED Next Button
Zoom Inzoom in Zoom Outzoom out
 6 / 13 page
background image
6
Encoding Characteristics
HEDS-9040 #T00
Encoding Characteristics over Recommended Operating Range and Recommended Mounting Tolerances unless
otherwise specified. Values are for the worst error over the full rotation of HEDM-614X Option TXX codewheel.
Parameter
Symbol
Min.
Typ.[1]
Max.
Units
Cycle Error
∆C
3
7.5
°e
Pulse Width Error
∆P
7
50
°e
Logic State Width Error
∆S
5
50
°e
Phase Error
∆φ
2
15
°e
Position Error
∆Θ
2
20
min. of arc
Index Pulse Width
P
O
40
90
140
°e
CH. I rise after CH. B or CH. A fall
-40°C to +100°C
t
1
10
450
1500
ns
CH. I fall after CH. A or CH. B rise
-40°C to +100°C
t
2
10
250
1500
ns
Note:
1. Module mounted on tolerance circle of ±0.13 mm (±0.005 in.) radius referenced from module Side A aligning recess centers. 2.7 k
Ω pull-up
resistors used on all encoder module outputs.
Encoding Characteristic
HEDS-9140 #B00
Encoding Characteristics over Recommended Operating Range and Recommended Mounting Tolerances unless oth-
erwise specified. Values are for the worst error over the full rotation of HEDM-504X Option BXX codewheel.
Parameter
Symbol
Min.
Typ.[1]
Max.
Units
Cycle Error
∆C
6
12
°e
Pulse Width Error
∆P
10
45
°e
Logic State Width Error
∆S
10
45
°e
Phase Error
∆Φ
2
15
°e
Position Error
∆Θ
10
40
min. of arc
Index Pulse Width
P
o
50
90
130
°e
CH. I Rise after CH B or CH A fall
-40°C to +100°
t
1
200
1000
1500
ns
CH. I fall after CH. A or CH.B rise
-40°C to +100°
t
2
0
300
1500
ns
Note:
1. Module mounted on tolerance circle of ±0.13 mm (±0.005 in.) radius referenced from module Side A aligning recess centers. 2.7 k
Ω pull-up
resistors used on all encoder module outputs.
Electrical Characteristics
Electrical Characteristics over Recommended Operating Range.
Parameter
Symbol
Min.
Typ.[1]
Max.
Units
Notes
Supply Current
I
CC
30
57
85
mA
High Level Output Voltage
V
OH
2.4
V
I
OH = -200 µA max.
Low Level Output Voltage
V
OL
0.4
V
I
OL = 3.86 mA
Rise Time
t
r
180[2]
ns
C
L = 25 pF
R
L = 2.7 kΩ pull-up
Fall Time
t
f
49[2]
ns
Notes:
1. Typical values specified at V
CC = 5.0 V and 25°C.
2. t
r and tf 80 nsec for HEDS-9040 #T00.


Số phần tương tự - HEDS-9140

nhà sản xuấttên linh kiệnbảng dữ liệuGiải thích chi tiết về linh kiện
logo
Agilent(Hewlett-Packard...
HEDS-9140 HP-HEDS-9140 Datasheet
305Kb / 12P
   Three Channel Optical Incremental Encoder Modules
logo
AVAGO TECHNOLOGIES LIMI...
HEDS-9140 AVAGO-HEDS-9140 Datasheet
501Kb / 13P
   Three Channel Optical Incremental Encoder Modules
HEDS-9140 AVAGO-HEDS-9140 Datasheet
518Kb / 13P
   Three Channel Optical Incremental Encoder Modules
HEDS-9140-H00 AVAGO-HEDS-9140-H00 Datasheet
518Kb / 13P
   Three Channel Optical Incremental Encoder Modules
More results

Mô tả tương tự - HEDS-9140

nhà sản xuấttên linh kiệnbảng dữ liệuGiải thích chi tiết về linh kiện
logo
Agilent(Hewlett-Packard...
HEDS-9040 HP-HEDS-9040 Datasheet
305Kb / 12P
   Three Channel Optical Incremental Encoder Modules
logo
AVAGO TECHNOLOGIES LIMI...
HEDS-9140-H00 AVAGO-HEDS-9140-H00 Datasheet
518Kb / 13P
   Three Channel Optical Incremental Encoder Modules
HEDS-9141F00 AVAGO-HEDS-9141F00 Datasheet
542Kb / 13P
   Three Channel Optical Incremental Encoder Modules
HEDS-9040-T00 AVAGO-HEDS-9040-T00 Datasheet
501Kb / 13P
   Three Channel Optical Incremental Encoder Modules
HEDB-9040 AVAGO-HEDB-9040 Datasheet
68Kb / 5P
   Three Channel Optical Incremental Encoder Modules Bundle With Codewheel
logo
Agilent(Hewlett-Packard...
HEDT-9040 HP-HEDT-9040 Datasheet
280Kb / 10P
   High Temperature 140-C Three Channel Optical Incremental Encoder Modules
HEDS9000 HP-HEDS9000_1 Datasheet
295Kb / 11P
   Two Channel High Resolution Optical Incremental Encoder Modules
HEDS9000 HP-HEDS9000 Datasheet
263Kb / 9P
   Two Channel High Resolution Optical Incremental Encoder Modules
logo
Broadcom Corporation.
AEDT-981X BOARDCOM-AEDT-981X Datasheet
469Kb / 10P
   High Temperature 115째C, High Resolution, Three Channels Optical Incremental Encoder Modules
logo
AVAGO TECHNOLOGIES LIMI...
AEDT-981X AVAGO-AEDT-981X Datasheet
261Kb / 7P
   High Temperature 115째C, High Resolution, Three Channels Optical Incremental Encoder Modules
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13


bảng dữ liệu tải về

Go To PDF Page


Link URL




Chính sách bảo mật
ALLDATASHEET.VN
Cho đến nay ALLDATASHEET có giúp ích cho doanh nghiệp của bạn hay không?  [ DONATE ] 

Alldatasheet là   |   Quảng cáo   |   Liên lạc với chúng tôi   |   Chính sách bảo mật   |   Trao đổi link   |   Tìm kiếm theo nhà sản xuất
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com