công cụ tìm kiếm bảng dữ liệu linh kiện điện tử
  Vietnamese  ▼
ALLDATASHEET.VN

X  

HEDS-9040 bảng dữ liệu(PDF) 9 Page - AVAGO TECHNOLOGIES LIMITED

tên linh kiện HEDS-9040
Giải thích chi tiết về linh kiện  Three Channel Optical Incremental Encoder Modules
Download  13 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
nhà sản xuất  AVAGO [AVAGO TECHNOLOGIES LIMITED]
Trang chủ  http://www.avagotech.com
Logo AVAGO - AVAGO TECHNOLOGIES LIMITED

HEDS-9040 bảng dữ liệu(HTML) 9 Page - AVAGO TECHNOLOGIES LIMITED

Back Button HEDS-9040 Datasheet HTML 5Page - AVAGO TECHNOLOGIES LIMITED HEDS-9040 Datasheet HTML 6Page - AVAGO TECHNOLOGIES LIMITED HEDS-9040 Datasheet HTML 7Page - AVAGO TECHNOLOGIES LIMITED HEDS-9040 Datasheet HTML 8Page - AVAGO TECHNOLOGIES LIMITED HEDS-9040 Datasheet HTML 9Page - AVAGO TECHNOLOGIES LIMITED HEDS-9040 Datasheet HTML 10Page - AVAGO TECHNOLOGIES LIMITED HEDS-9040 Datasheet HTML 11Page - AVAGO TECHNOLOGIES LIMITED HEDS-9040 Datasheet HTML 12Page - AVAGO TECHNOLOGIES LIMITED HEDS-9040 Datasheet HTML 13Page - AVAGO TECHNOLOGIES LIMITED  
Zoom Inzoom in Zoom Outzoom out
 9 / 13 page
background image
9
Mounting with Aligning Pins
The HEDS-9040 and HEDS-9140 can also be mounted
using aligning pins on the motor base. (Avago does not
provide aligning pins.) For this configuration, Side A
must be used as the mounting plane. The aligning recess
centers must be located within the 0.005 in. Radius Tol-
erance Circle as explained in “Mounting Considerations.”
Figure 5 shows the necessary dimensions.
Figure 5. Mounting Plane Side A.
Figure 7. HEDS-5140 Codewheel Used with HEDS-9140.
Figure 6a. HEDS-6140 Codewheel Used with HEDS-9040.
Figure 6b. HEDM-614X Series Codewheel used with HEDS-9040 #T00.
26.67
(1.050)
MAX.
HEDS-9040 fig 6a
18.0
(0.71)
130°
TYPICAL
INDEX PULSE
POSITION
INDEX PULSE
REFERENCE
MARKER
50.6 (1.99)
DIA. MAX.
SET
SCREW
8.99
(0.354)
MAX.
0.20
(0.006)
MAX.
19.0 (0.747)
CODEWHEEL
BOSS
ROP = 23.36 mm (0.920 in.)
DIMENSIONS IN MM (INCHES)
#2-56 SETSCREW
USE 0.035" HEX WRENCH
0.18
(0.007)
2-56 SETSCREW
USE 0.035" HEX WRENCH
8.43
(0.332)
22.50
(0.886)
MAX.
ARTWORK SIDE
(HEDM-6140)
ARTWORK SIDE
(HEDM-6141)
HEDS-9040 fig 6b
DIA.
MAX.
50.48
(1.987)
DIMENSIONS IN mm (INCHES)
36.32
(1.430)
130°
TYPICAL
INDEX PULSE
POSITION
SETSCREW
NOTE 3: * FOR WINDOW OPTION MEASUREMENT = 3.22 (0.127)


Số phần tương tự - HEDS-9040

nhà sản xuấttên linh kiệnbảng dữ liệuGiải thích chi tiết về linh kiện
logo
Agilent(Hewlett-Packard...
HEDS-9040 HP-HEDS-9040 Datasheet
305Kb / 12P
   Three Channel Optical Incremental Encoder Modules
logo
AVAGO TECHNOLOGIES LIMI...
HEDS-9040 AVAGO-HEDS-9040 Datasheet
501Kb / 13P
   Three Channel Optical Incremental Encoder Modules
HEDS-9040 AVAGO-HEDS-9040 Datasheet
518Kb / 13P
   Three Channel Optical Incremental Encoder Modules
HEDS-9040-T00 AVAGO-HEDS-9040-T00 Datasheet
501Kb / 13P
   Three Channel Optical Incremental Encoder Modules
logo
Agilent(Hewlett-Packard...
HEDS-9040B06 HP-HEDS-9040B06 Datasheet
305Kb / 12P
   Three Channel Optical Incremental Encoder Modules
More results

Mô tả tương tự - HEDS-9040

nhà sản xuấttên linh kiệnbảng dữ liệuGiải thích chi tiết về linh kiện
logo
Agilent(Hewlett-Packard...
HEDS-9040 HP-HEDS-9040 Datasheet
305Kb / 12P
   Three Channel Optical Incremental Encoder Modules
logo
AVAGO TECHNOLOGIES LIMI...
HEDS-9140-H00 AVAGO-HEDS-9140-H00 Datasheet
518Kb / 13P
   Three Channel Optical Incremental Encoder Modules
HEDS-9141F00 AVAGO-HEDS-9141F00 Datasheet
542Kb / 13P
   Three Channel Optical Incremental Encoder Modules
HEDS-9040-T00 AVAGO-HEDS-9040-T00 Datasheet
501Kb / 13P
   Three Channel Optical Incremental Encoder Modules
HEDB-9040 AVAGO-HEDB-9040 Datasheet
68Kb / 5P
   Three Channel Optical Incremental Encoder Modules Bundle With Codewheel
logo
Agilent(Hewlett-Packard...
HEDT-9040 HP-HEDT-9040 Datasheet
280Kb / 10P
   High Temperature 140-C Three Channel Optical Incremental Encoder Modules
HEDS9000 HP-HEDS9000_1 Datasheet
295Kb / 11P
   Two Channel High Resolution Optical Incremental Encoder Modules
HEDS9000 HP-HEDS9000 Datasheet
263Kb / 9P
   Two Channel High Resolution Optical Incremental Encoder Modules
logo
Broadcom Corporation.
AEDT-981X BOARDCOM-AEDT-981X Datasheet
469Kb / 10P
   High Temperature 115째C, High Resolution, Three Channels Optical Incremental Encoder Modules
logo
AVAGO TECHNOLOGIES LIMI...
AEDT-981X AVAGO-AEDT-981X Datasheet
261Kb / 7P
   High Temperature 115째C, High Resolution, Three Channels Optical Incremental Encoder Modules
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13


bảng dữ liệu tải về

Go To PDF Page


Link URL




Chính sách bảo mật
ALLDATASHEET.VN
Cho đến nay ALLDATASHEET có giúp ích cho doanh nghiệp của bạn hay không?  [ DONATE ] 

Alldatasheet là   |   Quảng cáo   |   Liên lạc với chúng tôi   |   Chính sách bảo mật   |   Trao đổi link   |   Tìm kiếm theo nhà sản xuất
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com