công cụ tìm kiếm bảng dữ liệu linh kiện điện tử
  Vietnamese  ▼
ALLDATASHEET.VN

X  

HEDS-9040 bảng dữ liệu(PDF) 8 Page - AVAGO TECHNOLOGIES LIMITED

tên linh kiện HEDS-9040
Giải thích chi tiết về linh kiện  Three Channel Optical Incremental Encoder Modules
Download  13 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
nhà sản xuất  AVAGO [AVAGO TECHNOLOGIES LIMITED]
Trang chủ  http://www.avagotech.com
Logo AVAGO - AVAGO TECHNOLOGIES LIMITED

HEDS-9040 bảng dữ liệu(HTML) 8 Page - AVAGO TECHNOLOGIES LIMITED

Back Button HEDS-9040 Datasheet HTML 4Page - AVAGO TECHNOLOGIES LIMITED HEDS-9040 Datasheet HTML 5Page - AVAGO TECHNOLOGIES LIMITED HEDS-9040 Datasheet HTML 6Page - AVAGO TECHNOLOGIES LIMITED HEDS-9040 Datasheet HTML 7Page - AVAGO TECHNOLOGIES LIMITED HEDS-9040 Datasheet HTML 8Page - AVAGO TECHNOLOGIES LIMITED HEDS-9040 Datasheet HTML 9Page - AVAGO TECHNOLOGIES LIMITED HEDS-9040 Datasheet HTML 10Page - AVAGO TECHNOLOGIES LIMITED HEDS-9040 Datasheet HTML 11Page - AVAGO TECHNOLOGIES LIMITED HEDS-9040 Datasheet HTML 12Page - AVAGO TECHNOLOGIES LIMITED Next Button
Zoom Inzoom in Zoom Outzoom out
 8 / 13 page
background image
8
Mounting with an Alignment Tool
The HEDS-8905 and HEDS-8906 alignment tools are rec-
ommended for mounting the modules with Side B as the
mounting plane. The HEDS-8905 is used to mount the
HEDS-9140, and the HEDS-8906 is used to mount the
HEDS-9040. These tools fix the module position using
the codewheel hub as a reference. They will not work if
Side A is used as the mounting plane.
The following assembly procedure uses the HEDS-
8905/8906 alignment tool to mount a HEDS-9140/9040
module and a HEDS-5140/6140 codewheel:
Instructions:
1. Place codewheel on shaft.
2. Set codewheel height by placing alignment tool
on motor base (pins facing up) flush up against the
codewheel as shown in Figure 3. Tighten codewheel
setscrew and remove alignment tool.
3. Insert mounting screws through module and thread
into the motor base. Do not tighten screws.
4. Slide alignment tool over codewheel hub and onto
module as shown in Figure 4.The pins of the alignment
tool should fit snugly inside the alignment recesses of
the module.
5. While holding alignment tool in place, tighten screws
down to secure module.
6. Remove alignment tool.
Mounting with Aligning Pins
The HEDS-9040 and HEDS-9140 can also be mounted us-
ing aligning pins on the motor base. (Hewlett-Packard
does not provide aligning pins.) For this configuration,
Side A must be used as the mounting plane. The align-
ing recess centers must be located within the 0.005 in. R
Tolerance Circle as explained above. Figure 5 shows the
necessary dimensions.
Figure 3. Alignment Tool is Used to Set Height of Codewheel.
Figure 4. Alignment Tool is Placed over Shaft and onto Codewheel Hub.
Alignment Tool Pins Mate with Aligning Recesses on Module.


Số phần tương tự - HEDS-9040

nhà sản xuấttên linh kiệnbảng dữ liệuGiải thích chi tiết về linh kiện
logo
Agilent(Hewlett-Packard...
HEDS-9040 HP-HEDS-9040 Datasheet
305Kb / 12P
   Three Channel Optical Incremental Encoder Modules
logo
AVAGO TECHNOLOGIES LIMI...
HEDS-9040 AVAGO-HEDS-9040 Datasheet
501Kb / 13P
   Three Channel Optical Incremental Encoder Modules
HEDS-9040 AVAGO-HEDS-9040 Datasheet
518Kb / 13P
   Three Channel Optical Incremental Encoder Modules
logo
Agilent(Hewlett-Packard...
HEDS-9040B06 HP-HEDS-9040B06 Datasheet
305Kb / 12P
   Three Channel Optical Incremental Encoder Modules
HEDS-9040B08 HP-HEDS-9040B08 Datasheet
305Kb / 12P
   Three Channel Optical Incremental Encoder Modules
More results

Mô tả tương tự - HEDS-9040

nhà sản xuấttên linh kiệnbảng dữ liệuGiải thích chi tiết về linh kiện
logo
Agilent(Hewlett-Packard...
HEDS-9040 HP-HEDS-9040 Datasheet
305Kb / 12P
   Three Channel Optical Incremental Encoder Modules
logo
AVAGO TECHNOLOGIES LIMI...
HEDS-9140-H00 AVAGO-HEDS-9140-H00 Datasheet
518Kb / 13P
   Three Channel Optical Incremental Encoder Modules
HEDS-9140-E00 AVAGO-HEDS-9140-E00 Datasheet
501Kb / 13P
   Three Channel Optical Incremental Encoder Modules
HEDS-9141F00 AVAGO-HEDS-9141F00 Datasheet
542Kb / 13P
   Three Channel Optical Incremental Encoder Modules
HEDB-9040 AVAGO-HEDB-9040 Datasheet
68Kb / 5P
   Three Channel Optical Incremental Encoder Modules Bundle With Codewheel
logo
Agilent(Hewlett-Packard...
HEDT-9040 HP-HEDT-9040 Datasheet
280Kb / 10P
   High Temperature 140-C Three Channel Optical Incremental Encoder Modules
HEDS9000 HP-HEDS9000_1 Datasheet
295Kb / 11P
   Two Channel High Resolution Optical Incremental Encoder Modules
HEDS9000 HP-HEDS9000 Datasheet
263Kb / 9P
   Two Channel High Resolution Optical Incremental Encoder Modules
logo
Broadcom Corporation.
AEDT-981X BOARDCOM-AEDT-981X Datasheet
469Kb / 10P
   High Temperature 115째C, High Resolution, Three Channels Optical Incremental Encoder Modules
logo
AVAGO TECHNOLOGIES LIMI...
AEDT-981X AVAGO-AEDT-981X Datasheet
261Kb / 7P
   High Temperature 115째C, High Resolution, Three Channels Optical Incremental Encoder Modules
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13


bảng dữ liệu tải về

Go To PDF Page


Link URL




Chính sách bảo mật
ALLDATASHEET.VN
Cho đến nay ALLDATASHEET có giúp ích cho doanh nghiệp của bạn hay không?  [ DONATE ] 

Alldatasheet là   |   Quảng cáo   |   Liên lạc với chúng tôi   |   Chính sách bảo mật   |   Trao đổi link   |   Tìm kiếm theo nhà sản xuất
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com