công cụ tìm kiếm bảng dữ liệu linh kiện điện tử
  Vietnamese  ▼
ALLDATASHEET.VN

X  

HEDS-9040 bảng dữ liệu(PDF) 7 Page - AVAGO TECHNOLOGIES LIMITED

tên linh kiện HEDS-9040
Giải thích chi tiết về linh kiện  Three Channel Optical Incremental Encoder Modules
Download  13 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
nhà sản xuất  AVAGO [AVAGO TECHNOLOGIES LIMITED]
Trang chủ  http://www.avagotech.com
Logo AVAGO - AVAGO TECHNOLOGIES LIMITED

HEDS-9040 bảng dữ liệu(HTML) 7 Page - AVAGO TECHNOLOGIES LIMITED

Back Button HEDS-9040 Datasheet HTML 3Page - AVAGO TECHNOLOGIES LIMITED HEDS-9040 Datasheet HTML 4Page - AVAGO TECHNOLOGIES LIMITED HEDS-9040 Datasheet HTML 5Page - AVAGO TECHNOLOGIES LIMITED HEDS-9040 Datasheet HTML 6Page - AVAGO TECHNOLOGIES LIMITED HEDS-9040 Datasheet HTML 7Page - AVAGO TECHNOLOGIES LIMITED HEDS-9040 Datasheet HTML 8Page - AVAGO TECHNOLOGIES LIMITED HEDS-9040 Datasheet HTML 9Page - AVAGO TECHNOLOGIES LIMITED HEDS-9040 Datasheet HTML 10Page - AVAGO TECHNOLOGIES LIMITED HEDS-9040 Datasheet HTML 11Page - AVAGO TECHNOLOGIES LIMITED Next Button
Zoom Inzoom in Zoom Outzoom out
 7 / 13 page
background image
7
Electrical Interface
To insure reliable encoding performance, the HEDS-9040
and 9140 three channel encoder modules require 2.7
k
Ω (±10%) pull-up resistors on output pins 2, 3, and 5
(Channels I, A and B) as shown in Figure 1. These pull-up
resistors should be located as close to the encoder mod-
ule as possible (within 4 feet). Each of the three encoder
module outputs can drive a single TTL load in this con-
figuration.
Figure 1. Pull-up Resistors on HEDS-9X40 Encoder Module Outputs.
Mounting Considerations
Figure 2 shows a mounting tolerance requirement for
proper operation of the HEDS-9040 and HEDS-9140. The
Aligning Recess Centers must be located within a toler-
ance circle of 0.005 in. radius from the nominal locations.
This tolerance must be maintained whether the module
is mounted with side A as the mounting plane using
aligning pins (see Figure 5), or mounted with Side B as
the mounting plane using an alignment tool (see Figures
3 and 4).
Figure 2. HEDS-9X40 Mounting Tolerance.


Số phần tương tự - HEDS-9040

nhà sản xuấttên linh kiệnbảng dữ liệuGiải thích chi tiết về linh kiện
logo
Agilent(Hewlett-Packard...
HEDS-9040 HP-HEDS-9040 Datasheet
305Kb / 12P
   Three Channel Optical Incremental Encoder Modules
logo
AVAGO TECHNOLOGIES LIMI...
HEDS-9040 AVAGO-HEDS-9040 Datasheet
501Kb / 13P
   Three Channel Optical Incremental Encoder Modules
HEDS-9040 AVAGO-HEDS-9040 Datasheet
518Kb / 13P
   Three Channel Optical Incremental Encoder Modules
logo
Agilent(Hewlett-Packard...
HEDS-9040B06 HP-HEDS-9040B06 Datasheet
305Kb / 12P
   Three Channel Optical Incremental Encoder Modules
HEDS-9040B08 HP-HEDS-9040B08 Datasheet
305Kb / 12P
   Three Channel Optical Incremental Encoder Modules
More results

Mô tả tương tự - HEDS-9040

nhà sản xuấttên linh kiệnbảng dữ liệuGiải thích chi tiết về linh kiện
logo
Agilent(Hewlett-Packard...
HEDS-9040 HP-HEDS-9040 Datasheet
305Kb / 12P
   Three Channel Optical Incremental Encoder Modules
logo
AVAGO TECHNOLOGIES LIMI...
HEDS-9140-H00 AVAGO-HEDS-9140-H00 Datasheet
518Kb / 13P
   Three Channel Optical Incremental Encoder Modules
HEDS-9140-E00 AVAGO-HEDS-9140-E00 Datasheet
501Kb / 13P
   Three Channel Optical Incremental Encoder Modules
HEDS-9141F00 AVAGO-HEDS-9141F00 Datasheet
542Kb / 13P
   Three Channel Optical Incremental Encoder Modules
HEDB-9040 AVAGO-HEDB-9040 Datasheet
68Kb / 5P
   Three Channel Optical Incremental Encoder Modules Bundle With Codewheel
logo
Agilent(Hewlett-Packard...
HEDT-9040 HP-HEDT-9040 Datasheet
280Kb / 10P
   High Temperature 140-C Three Channel Optical Incremental Encoder Modules
HEDS9000 HP-HEDS9000_1 Datasheet
295Kb / 11P
   Two Channel High Resolution Optical Incremental Encoder Modules
HEDS9000 HP-HEDS9000 Datasheet
263Kb / 9P
   Two Channel High Resolution Optical Incremental Encoder Modules
logo
Broadcom Corporation.
AEDT-981X BOARDCOM-AEDT-981X Datasheet
469Kb / 10P
   High Temperature 115째C, High Resolution, Three Channels Optical Incremental Encoder Modules
logo
AVAGO TECHNOLOGIES LIMI...
AEDT-981X AVAGO-AEDT-981X Datasheet
261Kb / 7P
   High Temperature 115째C, High Resolution, Three Channels Optical Incremental Encoder Modules
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13


bảng dữ liệu tải về

Go To PDF Page


Link URL




Chính sách bảo mật
ALLDATASHEET.VN
Cho đến nay ALLDATASHEET có giúp ích cho doanh nghiệp của bạn hay không?  [ DONATE ] 

Alldatasheet là   |   Quảng cáo   |   Liên lạc với chúng tôi   |   Chính sách bảo mật   |   Trao đổi link   |   Tìm kiếm theo nhà sản xuất
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com