công cụ tìm kiếm bảng dữ liệu linh kiện điện tử
  Vietnamese  ▼
ALLDATASHEET.VN

X  

ADG3247BCP-REEL7 bảng dữ liệu(PDF) 3 Page - Analog Devices

tên linh kiện ADG3247BCP-REEL7
Giải thích chi tiết về linh kiện  2.5 V/3.3 V, 16-Bit, 2-Port Level Translating, Bus Switch
Download  12 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
nhà sản xuất  AD [Analog Devices]
Trang chủ  http://www.analog.com
Logo AD - Analog Devices

ADG3247BCP-REEL7 bảng dữ liệu(HTML) 3 Page - Analog Devices

  ADG3247BCP-REEL7 Datasheet HTML 1Page - Analog Devices ADG3247BCP-REEL7 Datasheet HTML 2Page - Analog Devices ADG3247BCP-REEL7 Datasheet HTML 3Page - Analog Devices ADG3247BCP-REEL7 Datasheet HTML 4Page - Analog Devices ADG3247BCP-REEL7 Datasheet HTML 5Page - Analog Devices ADG3247BCP-REEL7 Datasheet HTML 6Page - Analog Devices ADG3247BCP-REEL7 Datasheet HTML 7Page - Analog Devices ADG3247BCP-REEL7 Datasheet HTML 8Page - Analog Devices ADG3247BCP-REEL7 Datasheet HTML 9Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 12 page
background image
REV. 0
ADG3247
–3–
ABSOLUTE MAXIMUM RATINGS
*
(TA = 25
°C, unless otherwise noted.)
VCC to GND . . . . . . . . . . . . . . . . . . . . . . . . . –0.5 V to +4.6 V
Digital Inputs to GND . . . . . . . . . . . . . . . . . –0.5 V to +4.6 V
DC Input Voltage . . . . . . . . . . . . . . . . . . . . . –0.5 V to +4.6 V
DC Output Current . . . . . . . . . . . . . . . . . . 25 mA per channel
Operating Temperature Range
Industrial (B Version) . . . . . . . . . . . . . . . . . –40
°C to +85°C
Storage Temperature Range . . . . . . . . . . . . –65
°C to +150°C
Junction Temperature . . . . . . . . . . . . . . . . . . . . . . . . . . 150
°C
LFCSP Package
θ
JA Thermal Impedance . . . . . . . . . . . . . . . . . . . . . . . 32
°C/W
TSSOP Package
θJA Thermal Impedance . . . . . . . . . . . . . . . . . . . . . 98°C/W
Lead Temperature, Soldering (10 seconds) . . . . . . . . . . 300
°C
IR Reflow, Peak Temperature (<20 seconds) . . . . . . . . 235
°C
*Stresses above those listed under Absolute Maximum Ratings may cause perma-
nent damage to the device. This is a stress rating only; functional operation of the
device at these or any other conditions above those listed in the opera tional
sections of this specification is not implied. Exposure to absolute maximum rating
conditions for extended periods may affect device reliability. Only one absolute
maximum rating may be applied at any one time.
CAUTION
ESD (electrostatic discharge) sensitive device. Electrostatic charges as high as 4000 V readily
accumulate on the human body and test equipment and can discharge without detection. Although the
ADG3247 features proprietary ESD protection circuitry, permanent damage may occur on devices
subjected to high energy electrostatic discharges. Therefore, proper ESD precautions are recommended
to avoid performance degradation or loss of functionality.
Table I. Pin Description
Mnemonic
Description
BEx
Bus Enable (Active Low)
SEL
Level Translation Select
Ax
Port A, Inputs or Outputs
Bx
Port B, Inputs or Outputs
Table II. Truth Table
BEx SEL* Function
LL
A = B, 3.3 V to 1.8 V Level Shifting
LH
A = B, 3.3 V to 2.5 V/2.5 V to 1.8 V Level Shifting
HX
Disconnect
*SEL = 0 only when VDD = 3.3 V
± 10%
PIN CONFIGURATION
40-Lead LFCSP and 38-Lead TSSOP
PIN 1
INDICATOR
TOP VIEW
ADG3247
1
2
3
4
5
6
7
8
9
10
NC = NO CONNECT
30 B0
29 B1
28 B2
27 B3
26 B4
25 B5
24 B6
23 B7
22 B8
21 B9
A6
A7
A8
A9
A10
A11
A12
A13
A14
A15
TOP VIEW
(Not to Scale)
38
37
36
35
34
33
32
1
2
3
4
5
6
7
A0
A1
A2
A3
A4
A5
VCC
BE1
BE2
SEL
B0
B1
B2
B3
ADG3247
31
30
29
8
9
10
A6
A7
A8
B4
B5
B6
28
27
11
12
A9
A10
A11
A12
A13
A14
A15
B7
B8
26
25
B9
B10
B11
B12
B13
B14
B15
24
23
22
17
21
20
18
19
GND
NC
13
14
15
16
NC = NO CONNECT
ORDERING GUIDE
Model
Temperature Range
Package Description
Package Option
ADG3247BCP
–40
°C to +85°CLead Frame Chip Scale Package (LFCSP)
CP-40
ADG3247BCP-REEL7
–40
°C to +85°CLead Frame Chip Scale Package (LFCSP)
CP-40
ADG3247BRU
–40
°C to +85°CThin Shrink Small Outline Package (TSSOP)
RU-38
ADG3247BRU-REEL7
–40
°C to +85°CThin Shrink Small Outline Package (TSSOP)
RU-38


Số phần tương tự - ADG3247BCP-REEL7

nhà sản xuấttên linh kiệnbảng dữ liệuGiải thích chi tiết về linh kiện
logo
Analog Devices
ADG3247BCP AD-ADG3247BCP Datasheet
204Kb / 12P
   2.5 V/3.3 V, 16-Bit, 2-Port Level Translating, Bus Switch
REV. PrD
More results

Mô tả tương tự - ADG3247BCP-REEL7

nhà sản xuấttên linh kiệnbảng dữ liệuGiải thích chi tiết về linh kiện
logo
Analog Devices
ADG3247 AD-ADG3247_15 Datasheet
390Kb / 12P
   2.5 V/3.3 V, 16-Bit, 2-Port Level Translating, Bus Switch
REV. 0
ADG3247 AD-ADG3247 Datasheet
204Kb / 12P
   2.5 V/3.3 V, 16-Bit, 2-Port Level Translating, Bus Switch
REV. PrD
ADG3245BRU AD-ADG3245BRU Datasheet
324Kb / 12P
   2.5 V/3.3 V, 8-Bit, 2-Port Level Translating, Bus Switch
REV. B
ADG3246 AD-ADG3246_15 Datasheet
367Kb / 12P
   2.5 V/3.3 V, 10-Bit, 2-Port Level Translating, Bus Switch
REV. 0
ADG3245 AD-ADG3245 Datasheet
333Kb / 12P
   2.5 V/3.3 V, 8-Bit, 2-Port Level Translating, Bus Switch
REV. PrE
ADG3246 AD-ADG3246 Datasheet
353Kb / 12P
   2.5 V/3.3 V, 10-Bit, 2-Port Level Translating, Bus Switch
REV. PrC
ADG3246BCPZ AD-ADG3246BCPZ Datasheet
367Kb / 12P
   2.5 V/3.3 V, 10-Bit, 2-Port Level Translating, Bus Switch
REV. 0
ADG3246 AD-ADG3246_V01 Datasheet
651Kb / 17P
   2.5 V/3.3 V, 10-Bit, 2-Port Level Translating, Bus Switch
Rev. B
ADG3245 AD-ADG3245_V01 Datasheet
320Kb / 12P
   2.5 V/3.3 V, 8-Bit, 2-Port Level Translating, Bus Switch
Rev. C
ADG3242 AD-ADG3242_15 Datasheet
680Kb / 16P
   2.5 V/3.3 V, 2-Bit Common Control Level Translator Bus Switch
REV. A
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12


bảng dữ liệu tải về

Go To PDF Page


Link URL




Chính sách bảo mật
ALLDATASHEET.VN
Cho đến nay ALLDATASHEET có giúp ích cho doanh nghiệp của bạn hay không?  [ DONATE ] 

Alldatasheet là   |   Quảng cáo   |   Liên lạc với chúng tôi   |   Chính sách bảo mật   |   Trao đổi link   |   Tìm kiếm theo nhà sản xuất
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com