công cụ tìm kiếm bảng dữ liệu linh kiện điện tử
  Vietnamese  ▼
ALLDATASHEET.VN

X  

AD8027ART-REEL bảng dữ liệu(PDF) 5 Page - Analog Devices

tên linh kiện AD8027ART-REEL
Giải thích chi tiết về linh kiện  Low Distortion, High Speed Rail-to-Rail Input/Output Amplifiers
Download  25 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
nhà sản xuất  AD [Analog Devices]
Trang chủ  http://www.analog.com
Logo AD - Analog Devices

AD8027ART-REEL bảng dữ liệu(HTML) 5 Page - Analog Devices

  AD8027ART-REEL Datasheet HTML 1Page - Analog Devices AD8027ART-REEL Datasheet HTML 2Page - Analog Devices AD8027ART-REEL Datasheet HTML 3Page - Analog Devices AD8027ART-REEL Datasheet HTML 4Page - Analog Devices AD8027ART-REEL Datasheet HTML 5Page - Analog Devices AD8027ART-REEL Datasheet HTML 6Page - Analog Devices AD8027ART-REEL Datasheet HTML 7Page - Analog Devices AD8027ART-REEL Datasheet HTML 8Page - Analog Devices AD8027ART-REEL Datasheet HTML 9Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 25 page
background image
AD8027/AD8028
Rev. C | Page 4 of 24
VS = 5 V at TA = 25°C, RL = 1 kΩ to midsupply, unless otherwise noted.
Table 2.
Parameter
Conditions
Min
Typ
Max
Unit
DYNAMIC PERFORMANCE
−3 dB Bandwidth
G = 1, V
O = 0.2 V p-p
131
185
MHz
G = 1, V
O = 2 V p-p
18
28
MHz
Bandwidth for 0.1 dB Flatness
G = 2, V
O = 0.2 V p-p
12
MHz
Slew Rate
G = +1, V
O = 2 V step/G = −1, VO = 2 V step
85/100
V/μs
Settling Time to 0.1%
G = 2, V
O = 2 V step
40
ns
NOISE/DISTORTION PERFORMANCE
Spurious-Free Dynamic Range (SFDR)
f
C = 1 MHz, VO = 2 V p-p, RF = 24.9 Ω
90
dBc
f
C = 5 MHz, VO = 2 V p-p, RF = 24.9 Ω
64
dBc
Input Voltage Noise
f = 100 kHz
4.3
nV/√Hz
Input Current Noise
f = 100 kHz
1.6
pA/√Hz
Differential Gain Error
NTSC, G = 2, RL = 150 Ω
0.1
%
Differential Phase Error
NTSC, G = 2, RL = 150 Ω
0.2
Degrees
Crosstalk, Output to Output
G = 1, RL = 100 Ω, VOUT = 2 V p-p,
VS = ±5 V @ 1 MHz
−92
dB
DC PERFORMANCE
Input Offset Voltage
SELECT = three-state or open, PNP active
200
800
μV
SELECT = high NPN active
240
900
μV
Input Offset Voltage Drift
TMIN to TMAX
2
μV/°C
Input Bias Current1
VCM = 2.5 V, NPN active
4
6
μA
TMIN to TMAX
4
μA
VCM = 2.5 V, PNP active
−8
−11
μA
TMIN to TMAX
−8
μA
Input Offset Current
±0.1
±0.9
μA
Open-Loop Gain
V
O = 1 V to 4 V
96
105
dB
INPUT CHARACTERISTICS
Input Impedance
6
Input Capacitance
2
pF
Input Common-Mode Voltage Range
−0.2 to +5.2
V
Common-Mode Rejection Ratio
VCM = 0 V to 2.5 V
90
105
dB
SELECT PIN
Crossover Low, Selection Input Voltage
Three-state < ±20 μA
1.7 to 5
V
Crossover High, Selection Input Voltage
1.1 to 1.7
V
Disable Input Voltage
0 to 1.1
V
Disable Switching Speed
50% of input to <10% of final V
O
1100
ns
Enable Switching Speed
50
ns
OUTPUT CHARACTERISTICS
Overdrive Recovery Time
(Rising/Falling Edge)
V
I = −1 V to +6 V, G = −1
50/50
ns
Output Voltage Swing
R
L = 1 kΩ
−VS + 0.08
+VS − 0.04,
−VS + 0.04
+VS − 0.08
V
Off Isolation
VIN = 0.2 V p-p, f = 1 MHz, SELECT = low
−49
dB
Short-Circuit Current
Sinking and sourcing
105
mA
Capacitive Load Drive
30% overshoot
20
pF
POWER SUPPLY
Operating Range
2.7
12
V
Quiescent Current/Amplifier
6
8.5
mA
Quiescent Current (Disabled)
SELECT = low
320
450
μA
Power Supply Rejection Ratio
VS ± 1 V
90
105
dB
1 No sign or a plus sign indicates current into the pin; a minus sign indicates current out of the pin.


Số phần tương tự - AD8027ART-REEL

nhà sản xuấttên linh kiệnbảng dữ liệuGiải thích chi tiết về linh kiện
logo
Analog Devices
AD8027ART-REEL AD-AD8027ART-REEL Datasheet
478Kb / 24P
   Low Distortion, High Speed Rail-to-Rail Input/Output Amplifiers
REV. B
AD8027ART-REEL AD-AD8027ART-REEL Datasheet
612Kb / 24P
   Low Distortion, High Speed Rail-to-Rail Input/Output Amplifiers
REV. C
AD8027ART-REEL7 AD-AD8027ART-REEL7 Datasheet
478Kb / 24P
   Low Distortion, High Speed Rail-to-Rail Input/Output Amplifiers
REV. B
AD8027ART-REEL7 AD-AD8027ART-REEL7 Datasheet
612Kb / 24P
   Low Distortion, High Speed Rail-to-Rail Input/Output Amplifiers
REV. C
More results

Mô tả tương tự - AD8027ART-REEL

nhà sản xuấttên linh kiệnbảng dữ liệuGiải thích chi tiết về linh kiện
logo
Analog Devices
AD8027 AD-AD8027_15 Datasheet
699Kb / 25P
   Low Distortion, High Speed Rail-to-Rail Input/Output Amplifiers
REV. C
AD8027 AD-AD8027_05 Datasheet
612Kb / 24P
   Low Distortion, High Speed Rail-to-Rail Input/Output Amplifiers
REV. C
AD8028 AD-AD8028_15 Datasheet
699Kb / 25P
   Low Distortion, High Speed Rail-to-Rail Input/Output Amplifiers
REV. C
AD8028 AD-AD8028 Datasheet
478Kb / 24P
   Low Distortion, High Speed Rail-to-Rail Input/Output Amplifiers
REV. B
logo
Texas Instruments
THS4226 TI1-THS4226 Datasheet
1Mb / 41P
[Old version datasheet]   LOW-DISTORTION, HIGH-SPEED, RAIL-TO-RAIL OUTPUT OPERATIONAL AMPLIFIERS
logo
National Semiconductor ...
THS4221 NSC-THS4221 Datasheet
1Mb / 41P
   LOW-DISTORTION, HIGH-SPEED, RAIL-TO-RAIL OUTPUT OPERATIONAL AMPLIFIERS
logo
Texas Instruments
THS4221D TI-THS4221D Datasheet
1Mb / 40P
[Old version datasheet]   LOW-DISTORTION, HIGH-SPEED, RAIL-TO-RAIL OUTPUT OPERATIONAL AMPLIFIERS
THS4221 TI-THS4221 Datasheet
727Kb / 30P
[Old version datasheet]   LOW-DISTORTION, HIGH-SPEED, RAIL-TO-RAIL OUTPUT OPERATIONAL AMPLIFIERS
THS4221DBVT TI-THS4221DBVT Datasheet
1Mb / 40P
[Old version datasheet]   LOW-DISTORTION, HIGH-SPEED, RAIL-TO-RAIL OUTPUT OPERATIONAL AMPLIFIERS
logo
Rohm
BD728X-LB ROHM-BD728X-LB Datasheet
1Mb / 23P
   Low Noise Rail-to-Rail Input/Output High Speed CMOS Operational Amplifiers
03.Mar.2023 Rev.001
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25


bảng dữ liệu tải về

Go To PDF Page


Link URL




Chính sách bảo mật
ALLDATASHEET.VN
Cho đến nay ALLDATASHEET có giúp ích cho doanh nghiệp của bạn hay không?  [ DONATE ] 

Alldatasheet là   |   Quảng cáo   |   Liên lạc với chúng tôi   |   Chính sách bảo mật   |   Trao đổi link   |   Tìm kiếm theo nhà sản xuất
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com