công cụ tìm kiếm bảng dữ liệu linh kiện điện tử
  Vietnamese  ▼
ALLDATASHEET.VN

X  

SM15T24A bảng dữ liệu(PDF) 2 Page - Vishay Siliconix

tên linh kiện SM15T24A
Giải thích chi tiết về linh kiện  Surface Mount TRANSZORB® Transient Voltage Suppressors
Download  5 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
nhà sản xuất  VISHAY [Vishay Siliconix]
Trang chủ  http://www.vishay.com
Logo VISHAY - Vishay Siliconix

SM15T24A bảng dữ liệu(HTML) 2 Page - Vishay Siliconix

  SM15T24A Datasheet HTML 1Page - Vishay Siliconix SM15T24A Datasheet HTML 2Page - Vishay Siliconix SM15T24A Datasheet HTML 3Page - Vishay Siliconix SM15T24A Datasheet HTML 4Page - Vishay Siliconix SM15T24A Datasheet HTML 5Page - Vishay Siliconix  
Zoom Inzoom in Zoom Outzoom out
 2 / 5 page
background image
SM15T Series
www.vishay.com
Vishay General Semiconductor
Revision: 13-Dec-13
2
Document Number: 88380
For technical questions within your region: DiodesAmericas@vishay.com, DiodesAsia@vishay.com, DiodesEurope@vishay.com
THIS DOCUMENT IS SUBJECT TO CHANGE WITHOUT NOTICE. THE PRODUCTS DESCRIBED HEREIN AND THIS DOCUMENT
ARE SUBJECT TO SPECIFIC DISCLAIMERS, SET FORTH AT www.vishay.com/doc?91000
Notes
(1) For bi-directional devices add suffix “CA” instead of “A”
(2) VBR measured after IT applied for 300 µs square wave pulse
(3) For bi-polar devices with VR = 10 V or under, the IT limit is doubled
Note
(1) Mounted on minimum recommended pad layout
Note
(1) AEC-Q101 qualified
ELECTRICAL CHARACTERISTICS (TA = 25 °C unless otherwise noted)
TYPE (1)
DEVICE
MARKING
CODE
BREAKDOWN
VOLTAGE
VBR AT IT (2)
(V)
TEST
CURRENT
IT
(mA)
STAND-OFF
VOLTAGE
VWM
(V)
LEAKAGE
CURRENT
IRM AT VR
ID (3)
(μA)
CLAMPING
VOLTAGE
VC AT IPPM
(10/1000 μs)
CLAMPING
VOLTAGE
VC AT IPPM
(8/20 μs)
T
MAX.
10-4/°C
UNI
BI
MIN.
MAX.
(V)
(A)
(V)
(A)
SM15T6V8A
GDE7
GDE7
6.45
7.14
10
5.80
1000
10.5
143
13.4
746
5.7
SM15T7V5A
GDK7
BDK7
7.13
7.88
10
6.40
500
11.3
132
14.5
690
6.1
SM15T10A
GDT7
BDT7
9.50
10.5
1.0
8.55
10
14.5
103
18.6
538
7.3
SM15T12A
GDX7
BDX7
11.4
12.6
1.0
10.2
5.0
16.7
90.0
21.7
461
7.8
SM15T15A
GEG7
GEG7
14.3
15.8
1.0
12.8
1.0
21.2
71.0
27.2
368
8.4
SM15T18A
GEM7
BEM7
17.1
18.9
1.0
15.3
1.0
25.2
59.5
32.5
308
8.8
SM15T22A
GET7
BET7
20.9
23.1
1.0
18.8
1.0
30.6
49.0
39.3
254
9.2
SM15T24A
GEV7
GEV7
22.8
25.2
1.0
20.5
1.0
33.2
45.0
42.8
234
9.4
SM15T27A
GEX7
BEX7
25.7
28.4
1.0
23.1
1.0
37.5
40.0
48.3
207
9.6
SM15T30A
GFE7
BFE7
28.5
31.5
1.0
25.6
1.0
41.5
36.0
53.5
187
9.7
SM15T33A
GFG7
GFG7
31.4
34.7
1.0
28.2
1.0
45.7
33.0
59.0
169
9.8
SM15T36A
GFK7
BFK7
34.2
37.8
1.0
30.8
1.0
49.9
30.0
64.3
156
9.9
SM15T39A
GFM7
BFM7
37.1
41.0
1.0
33.3
1.0
53.9
28.0
69.7
143
10.0
SM15T68A
GGG7
GGG7
64.6
71.4
1.0
58.1
1.0
92.0
16.3
121
83
10.4
SM15T100A
GGV7
GGV7
95.0
105
1.0
85.5
1.0
137
11.0
178
56
10.6
SM15T150A
GHK7
GHK7
143
158
1.0
128
1.0
207
7.20
265
38
10.8
SM15T200A
GHR7
GHR7
190
210
1.0
171
1.0
274
5.50
353
28
10.8
SM15T220A
GHR8
GHR8
209
231
1.0
188
1.0
328
4.60
388
26
10.8
THERMAL CHARACTERISTICS (TA = 25 °C unless otherwise noted)
PARAMETER
SYMBOL
VALUE
UNIT
Typical thermal resistance, junction to ambient air (1)
RJA
75
°C/ W
Typical thermal resistance, junction to lead
RJL
15
ORDERING INFORMATION (Example)
PREFERRED P/N
UNIT WEIGHT (g)
PREFERRED PACKAGE CODE
BASE QUANTITY
DELIVERY MODE
SM15T10A-E3/57T
0.211
57T
850
7" diameter plastic tape and reel
SM15T10A-E3/9AT
0.211
9AT
3500
13" diameter plastic tape and reel
SM15T10AHE3/57T (1)
0.211
57T
850
7" diameter plastic tape and reel
SM15T10AHE3/9AT (1)
0.211
9AT
3500
13" diameter plastic tape and reel


Số phần tương tự - SM15T24A

nhà sản xuấttên linh kiệnbảng dữ liệuGiải thích chi tiết về linh kiện
logo
STMicroelectronics
SM15T24A STMICROELECTRONICS-SM15T24A Datasheet
189Kb / 5P
   TRANSILTM
logo
General Semiconductor
SM15T24A GE-SM15T24A Datasheet
73Kb / 3P
   TRANSZORB??SURFACE MOUNT TRANSIENT VOLTAGE SUPPRESSOR
logo
STMicroelectronics
SM15T24A STMICROELECTRONICS-SM15T24A Datasheet
125Kb / 9P
   TransilTM
logo
Vishay Siliconix
SM15T24A VISHAY-SM15T24A Datasheet
112Kb / 5P
   Surface Mount TRANSZORB® Transient Voltage Suppressors
Revision: 21-Oct-08
logo
MDE Semiconductor, Inc.
SM15T24A MDE-SM15T24A Datasheet
157Kb / 3P
   SURFACE MOUNT TRANSIENT VOLTAGE SUPPRESSOR
More results

Mô tả tương tự - SM15T24A

nhà sản xuấttên linh kiệnbảng dữ liệuGiải thích chi tiết về linh kiện
logo
Vishay Siliconix
SMAJ188CA VISHAY-SMAJ188CA Datasheet
117Kb / 6P
   Surface Mount TRANSZORB® Transient Voltage Suppressors
Revision: 29-Oct-08
SMBG188CA VISHAY-SMBG188CA Datasheet
116Kb / 6P
   Surface Mount TRANSZORB® Transient Voltage Suppressors
Revision: 22-Oct-08
SMCJ188CA VISHAY-SMCJ188CA Datasheet
121Kb / 6P
   Surface Mount TRANSZORB® Transient Voltage Suppressors
Revision: 21-Oct-08
P4SMA300AHE3-61 VISHAY-P4SMA300AHE3-61 Datasheet
94Kb / 6P
   Surface Mount TRANSZORB® Transient Voltage Suppressors
Revision: 13-Dec-12
SMAJ5.0A VISHAY-SMAJ5.0A_12 Datasheet
389Kb / 5P
   Surface Mount TRANSZORB® Transient Voltage Suppressors
Revision: 26-Jan-12
SMC5K10A VISHAY-SMC5K10A Datasheet
92Kb / 5P
   Surface Mount TRANSZORB® Transient Voltage Suppressors
Revision: 06-Apr-17
1.5SMC VISHAY-1.5SMC_V01 Datasheet
110Kb / 6P
   Surface Mount TRANSZORB® Transient Voltage Suppressors
01-Jan-2022
SMBJ3V3 VISHAY-SMBJ3V3_V01 Datasheet
114Kb / 5P
   Surface-Mount TRANSZORB® Transient Voltage Suppressors
01-Jan-2022
SMPC5.0A VISHAY-SMPC5.0A Datasheet
94Kb / 5P
   Surface Mount TRANSZORB® Transient Voltage Suppressors
Revision: 19-Apr-11
SMC3K22CA VISHAY-SMC3K22CA Datasheet
91Kb / 4P
   Surface Mount TRANSZORB® Transient Voltage Suppressors
Revision: 18-May-11
SMP24A-M3-84A VISHAY-SMP24A-M3-84A Datasheet
91Kb / 5P
   Surface Mount TRANSZORB® Transient Voltage Suppressors
Revision: 11-Dec-12
More results


Html Pages

1 2 3 4 5


bảng dữ liệu tải về

Go To PDF Page


Link URL




Chính sách bảo mật
ALLDATASHEET.VN
Cho đến nay ALLDATASHEET có giúp ích cho doanh nghiệp của bạn hay không?  [ DONATE ] 

Alldatasheet là   |   Quảng cáo   |   Liên lạc với chúng tôi   |   Chính sách bảo mật   |   Trao đổi link   |   Tìm kiếm theo nhà sản xuất
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com