công cụ tìm kiếm bảng dữ liệu linh kiện điện tử
  Vietnamese  ▼
ALLDATASHEET.VN

X  

STR-Y6766 bảng dữ liệu(PDF) 3 Page - Sanken electric

tên linh kiện STR-Y6766
Giải thích chi tiết về linh kiện  Off-Line Quasi-Resonant Switching Regulators
Download  13 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
nhà sản xuất  SANKEN [Sanken electric]
Trang chủ  http://www.sanken-ele.co.jp/en
Logo SANKEN - Sanken electric

STR-Y6766 bảng dữ liệu(HTML) 3 Page - Sanken electric

  STR-Y6766 Datasheet HTML 1Page - Sanken electric STR-Y6766 Datasheet HTML 2Page - Sanken electric STR-Y6766 Datasheet HTML 3Page - Sanken electric STR-Y6766 Datasheet HTML 4Page - Sanken electric STR-Y6766 Datasheet HTML 5Page - Sanken electric STR-Y6766 Datasheet HTML 6Page - Sanken electric STR-Y6766 Datasheet HTML 7Page - Sanken electric STR-Y6766 Datasheet HTML 8Page - Sanken electric STR-Y6766 Datasheet HTML 9Page - Sanken electric Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 13 page
background image
Off-Line Quasi-Resonant Switching Regulators
STR-Y6763,
STR-Y6765, and
STR-Y6766
Absolute Maximum Ratings Unless specifically noted, TA = 25°C and VCC = 20 V
Characteristic
Symbol
Notes
Pins
Rating
Unit
Drain Current1
IDPEAK
STR-Y6763
Single pulse
1 – 2
6.7
A
STR-Y6765
8.9
A
STR-Y6766
10.5
A
Maximum Switching Current
IDMAX
STR-Y6763
TA = −20°C to 125°C
1 – 2
6.7
A
STR-Y6765
8.9
A
STR-Y6766
10.5
A
Single Pulse Avalanche Energy2
EAS
STR-Y6763
Single pulse, VDD = 99 V,
L= 20 mH, ILPEAK= 2.3 A
1 – 2
60
mJ
STR-Y6765
Single pulse, VDD = 99 V,
L= 20 mH, ILPEAK= 2.6 A
77
mJ
STR-Y6766
Single pulse, VDD = 99 V,
L= 20 mH, ILPEAK= 3.2 A
116
mJ
Input Voltage in Control Part (MIC)
VCC
3 – 4
35
V
Startup (D/ST) Pin Voltage
VSTARTUP
1 – 4
−1.0 to VDSS
V
OCP Pin Voltage
VOCP
2 – 4
−2.0 to 6.0
V
FB Pin Voltage
VFB
5 – 4
−0.3 to 7.0
V
FB Pin Sink Current3
IFB
5 – 4
10.0
mA
BD Pin Voltage
VBD
6 – 4
−6.0 to 6.0
V
Power Dissipation in MOSFET4
PD1
STR-Y6763
With an infinite heatsink
1 – 2
19.9
W
STR-Y6765
21.8
W
STR-Y6766
23.6
W
Without heatsink
1 – 2
1.8
W
Power Dissipation in Control Part (MIC)
PD2
0.8
W
Internal Frame Temperature in Operation
TF
Recommended internal frame temperature
is TF = 105°C (max).
−20 to 115
°C
Operating Ambient Temperature
TOP
−20 to 115
°C
Storage Temperature
Tstg
−40 to 125
°C
Channel Temperature
Tch
150
°C
1
Refer to MOSFET Safe Operating Area Curve.
2
Refer to MOSFET Avalanche Energy Derating Coefficient Curve.
3
The polarity value for current specifies a sink as "+ ," and a source as “−,” referencing the IC.
4
Refer to MOSFET Temperature versus Power Dissipation Curve.
STR-Y6763-DS
3
SANKEN ELECTRIC CO., LTD.


Số phần tương tự - STR-Y6766

nhà sản xuấttên linh kiệnbảng dữ liệuGiải thích chi tiết về linh kiện
logo
Sanken electric
STR-Y6766 SANKEN-STR-Y6766 Datasheet
189Kb / 2P
   Power IC for Quasi-Resonant Mode Switching Power Supplies with Low Standby Power
STR-Y6766A SANKEN-STR-Y6766A Datasheet
1Mb / 34P
   Quasi-Resonant Controllers with Integrated Power MOSFET
More results

Mô tả tương tự - STR-Y6766

nhà sản xuấttên linh kiệnbảng dữ liệuGiải thích chi tiết về linh kiện
logo
Sanken electric
STR-X6729 SANKEN-STR-X6729 Datasheet
300Kb / 9P
   Off-Line Quasi-Resonant Switching Regulators
logo
Allegro MicroSystems
STR-X6729 ALLEGRO-STR-X6729 Datasheet
386Kb / 11P
   Off-Line Quasi-Resonant Switching Regulators
STR-X6768N_V ALLEGRO-STR-X6768N_V Datasheet
445Kb / 9P
   Off-Line Quasi-Resonant Switching Regulators
STR-X6759N ALLEGRO-STR-X6759N Datasheet
520Kb / 11P
   Off-Line Quasi-Resonant Switching Regulators
STR-X6768N ALLEGRO-STR-X6768N Datasheet
531Kb / 11P
   Off-Line Quasi-Resonant Switching Regulators
STR-X6769 ALLEGRO-STR-X6769 Datasheet
494Kb / 11P
   Off-Line Quasi-Resonant Switching Regulators
STR-X6757_V ALLEGRO-STR-X6757_V Datasheet
444Kb / 9P
   Off-Line Quasi-Resonant Switching Regulators
STR-X6769_V ALLEGRO-STR-X6769_V Datasheet
408Kb / 9P
   Off-Line Quasi-Resonant Switching Regulators
STR-X6737 ALLEGRO-STR-X6737 Datasheet
555Kb / 11P
   Off-Line Quasi-Resonant Switching Regulators
STR-X6759N_V ALLEGRO-STR-X6759N_V Datasheet
434Kb / 9P
   Off-Line Quasi-Resonant Switching Regulators
logo
Sanken electric
STR-Y6753 SANKEN-STR-Y6753 Datasheet
292Kb / 11P
   Off-Line Quasi-Resonant Switching Regulators
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13


bảng dữ liệu tải về

Go To PDF Page


Link URL




Chính sách bảo mật
ALLDATASHEET.VN
Cho đến nay ALLDATASHEET có giúp ích cho doanh nghiệp của bạn hay không?  [ DONATE ] 

Alldatasheet là   |   Quảng cáo   |   Liên lạc với chúng tôi   |   Chính sách bảo mật   |   Trao đổi link   |   Tìm kiếm theo nhà sản xuất
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com