công cụ tìm kiếm bảng dữ liệu linh kiện điện tử
  Vietnamese  ▼
ALLDATASHEET.VN

X  

STR-W6756 bảng dữ liệu(PDF) 6 Page - Sanken electric

tên linh kiện STR-W6756
Giải thích chi tiết về linh kiện  Quasi-Resonant Topology Primary Switching Regulators
Download  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
nhà sản xuất  SANKEN [Sanken electric]
Trang chủ  http://www.sanken-ele.co.jp/en
Logo SANKEN - Sanken electric

STR-W6756 bảng dữ liệu(HTML) 6 Page - Sanken electric

  STR-W6756 Datasheet HTML 1Page - Sanken electric STR-W6756 Datasheet HTML 2Page - Sanken electric STR-W6756 Datasheet HTML 3Page - Sanken electric STR-W6756 Datasheet HTML 4Page - Sanken electric STR-W6756 Datasheet HTML 5Page - Sanken electric STR-W6756 Datasheet HTML 6Page - Sanken electric STR-W6756 Datasheet HTML 7Page - Sanken electric STR-W6756 Datasheet HTML 8Page - Sanken electric  
Zoom Inzoom in Zoom Outzoom out
 6 / 8 page
background image
6
SANKEN ELECTRIC CO., LTD.
28103.33
Quasi-Resonant Topology
Primary Switching Regulators
STR-W6756
PACKAGE DIMENSIONS, TO-220
10.0 ±0.2
4.2 ±0.2
2.8 ±0.2
2.6 ±0.1
Terminal dimension at case surface
5.08 ±0.6
0.65
+0.2
–0.1
0.74±0.15
0.45
+0.2
–0.1
Gate Burr
Branding
XXXXXXXX
XXXXXXXX
XX
XX
Gate burr: 0.3 mm (max.)
Terminal core material: Cu
Terminal treatment: Ni plating and solder dip
Leadform: 2003
Weight (approximate): 2.3 g
Dimensions in millimeters
Drawing for reference only
Branding codes (exact appearance at manufacturer discretion):
1st line, type:
STR
2nd line, subtype: W6756
3rd line, lot:
YM DD
Where: Y is the last digit of the year of manufacture
M is the month (1 to 9, O, N, D)
DD is the 2-digit date
1234567
Terminal dimensions at case surface
6×P1.27 ±0.15 = 7.62 ±0.15
Terminal dimension at lead tips
View B
0.5
View A
0.5
Leadframe plating Pb-free. Device composition
includes high-temperature solder (Pb >85%),
which is exempted from the RoHS directive.


Số phần tương tự - STR-W6756

nhà sản xuấttên linh kiệnbảng dữ liệuGiải thích chi tiết về linh kiện
logo
Allegro MicroSystems
STR-W6756 ALLEGRO-STR-W6756 Datasheet
194Kb / 8P
   Universal-Input/140 W Off-Line Quasi-Resonant Flyback Switching Regulator
logo
Sanken electric
STR-W6756 SANKEN-STR-W6756 Datasheet
91Kb / 2P
   Power IC for Quasi-Resonant Type Switching Power Supply with High Efficiency
STR-W6756N SANKEN-STR-W6756N Datasheet
91Kb / 2P
   Power IC for Quasi-Resonant Type Switching Power Supply with High Efficiency
More results

Mô tả tương tự - STR-W6756

nhà sản xuấttên linh kiệnbảng dữ liệuGiải thích chi tiết về linh kiện
logo
Allegro MicroSystems
STR-W6735_V ALLEGRO-STR-W6735_V Datasheet
225Kb / 13P
   Quasi-Resonant Topology Primary Switching Regulators
STR-W6735 ALLEGRO-STR-W6735 Datasheet
413Kb / 14P
   Quasi-Resonant Topology Primary Switching Regulators
logo
Sanken electric
STR-W6754 SANKEN-STR-W6754 Datasheet
177Kb / 8P
   Quasi-Resonant Topology Primary Switching Regulators
STR-W6765 SANKEN-STR-W6765 Datasheet
227Kb / 14P
   Quasi-Resonant Topology Primary Switching Regulators
logo
Allegro MicroSystems
STR-W6765 ALLEGRO-STR-W6765 Datasheet
422Kb / 15P
   Quasi-Resonant Topology Primary Switching Regulators
logo
Sanken electric
STR-W6753 SANKEN-STR-W6753 Datasheet
177Kb / 8P
   Quasi-Resonant Topology Primary Switching Regulators
STR-W6735 SANKEN-STR-W6735 Datasheet
226Kb / 13P
   Quasi-Resonant Topology Primary Switching Regulators
STR-X6729 SANKEN-STR-X6729 Datasheet
300Kb / 9P
   Off-Line Quasi-Resonant Switching Regulators
logo
Allegro MicroSystems
STR-X6768N ALLEGRO-STR-X6768N Datasheet
531Kb / 11P
   Off-Line Quasi-Resonant Switching Regulators
STR-X6769 ALLEGRO-STR-X6769 Datasheet
494Kb / 11P
   Off-Line Quasi-Resonant Switching Regulators
More results


Html Pages

1 2 3 4 5 6 7 8


bảng dữ liệu tải về

Go To PDF Page


Link URL




Chính sách bảo mật
ALLDATASHEET.VN
Cho đến nay ALLDATASHEET có giúp ích cho doanh nghiệp của bạn hay không?  [ DONATE ] 

Alldatasheet là   |   Quảng cáo   |   Liên lạc với chúng tôi   |   Chính sách bảo mật   |   Trao đổi link   |   Tìm kiếm theo nhà sản xuất
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com