công cụ tìm kiếm bảng dữ liệu linh kiện điện tử
  Vietnamese  ▼
ALLDATASHEET.VN

X  

STR-W6052S bảng dữ liệu(PDF) 3 Page - Sanken electric

tên linh kiện STR-W6052S
Giải thích chi tiết về linh kiện  PWM Off-Line Switching Regulator ICs
Download  14 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
nhà sản xuất  SANKEN [Sanken electric]
Trang chủ  http://www.sanken-ele.co.jp/en
Logo SANKEN - Sanken electric

STR-W6052S bảng dữ liệu(HTML) 3 Page - Sanken electric

  STR-W6052S Datasheet HTML 1Page - Sanken electric STR-W6052S Datasheet HTML 2Page - Sanken electric STR-W6052S Datasheet HTML 3Page - Sanken electric STR-W6052S Datasheet HTML 4Page - Sanken electric STR-W6052S Datasheet HTML 5Page - Sanken electric STR-W6052S Datasheet HTML 6Page - Sanken electric STR-W6052S Datasheet HTML 7Page - Sanken electric STR-W6052S Datasheet HTML 8Page - Sanken electric STR-W6052S Datasheet HTML 9Page - Sanken electric Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 14 page
background image
3
SANKEN ELECTRIC CO., LTD.
STR-A6000S-DS
PWM Off-Line Switching Regulator ICs
STR-W6000S
Series
February 27, 2013
Absolute Maximum Ratings Unless otherwise specified, TA = 25°C
Characteristic
Symbol
Conditions
Pins
Rating
Unit
Drain Peak Current1
IDPEAK
STR-W6051S
Single pulse
1 − 3
5.0
A
STR-W6052S
7.0
A
STR-W6053S
9.5
A
Maximum Switching Current2
IDMAX
STR-W6051S
Single pulse, TA = –20°C to
125°C
1 − 3
5.0
A
STR-W6052S
7.0
A
STR-W6053S
9.5
A
Avalanche Energy3
EAS
STR-W6051S
Single pulse, VDD = 99 V,
L = 20 mH, ILPEAK = 2 A
1 − 3
47
mJ
STR-W6052S
Single pulse, VDD = 99 V,
L = 20 mH, ILPEAK = 2.3 A
62
mJ
STR-W6053S
Single pulse, VDD = 99 V,
L = 20 mH, ILPEAK = 2.7 A
86
mJ
S/OCP Pin Voltage
VOCP
3 − 5
−2 to 6
V
Control Part Input Voltage
VCC
4 − 532
V
FB/OLP Pin Voltage
VFB
6 − 5
−0.3 to 14
V
FB/OLP Pin Sink Current
IFB
6 − 5
1.0
mA
BR Pin Voltage
VBR
7 − 5
−0.3 to 7
V
BR Pin Sink Current
IBR
7 − 5
1.0
mA
Power Dissipation of MOSFET4
PD1
STR-W6051S
With infinite heatsink
1 − 3
22.3
W
STR-W6052S
23.6
W
STR-W6053S
26.5
W
Without heatsink
1.3
W
Power Dissipation of Control Part
PD2
VCC × ICC
4 − 5
0.13
W
Internal Frame Temperature in
Operation5
TF
−20 to 115
°C
Operating Ambient Temperature
TOP
−20 to 115
°C
Storage Temperature
Tstg
−40 to 125
°C
Channel Temperature
Tch
150
°C
1
Refer to MOSFET Safe Operating Area Curve.
2
The maximum switching current is the drain current determined by the drive voltage of the IC and threshold voltage ( Vth) of the MOSFET.
3
Refer to MOSFET Avalanche Energy Derating Coefficient Curve.
4
Refer to MOSFET Temperature versus Power Dissipation Curve.
5
The recommended internal frame temperature, TF , is 105°C (max).
The polarity value for current specifies a sink as "+," and a source as “−,” referencing the IC.


Số phần tương tự - STR-W6052S

nhà sản xuấttên linh kiệnbảng dữ liệuGiải thích chi tiết về linh kiện
logo
Sanken electric
STR-W6052S SANKEN-STR-W6052S Datasheet
734Kb / 26P
   Off-Line PWM Controllers with Integrated Power MOSFET
More results

Mô tả tương tự - STR-W6052S

nhà sản xuấttên linh kiệnbảng dữ liệuGiải thích chi tiết về linh kiện
logo
Sanken electric
STR-A607XM SANKEN-STR-A607XM Datasheet
278Kb / 13P
   PWM Off-Line Switching Regulator ICs
STR-A606XHD SANKEN-STR-A606XHD Datasheet
279Kb / 13P
   PWM Off-Line Switching Regulator ICs
logo
Allegro MicroSystems
STR3A151D ALLEGRO-STR3A151D Datasheet
265Kb / 14P
   PWM Off-Line Switching Regulator ICs
STR-A6000M ALLEGRO-STR-A6000M Datasheet
277Kb / 13P
   PWM Off-Line Switching Regulator ICs
logo
Sanken electric
STR-A606XH SANKEN-STR-A606XH Datasheet
279Kb / 13P
   PWM Off-Line Switching Regulator ICs
STR3A151D SANKEN-STR3A151D Datasheet
265Kb / 14P
   PWM Off-Line Switching Regulator ICs
STR3A161HD SANKEN-STR3A161HD Datasheet
255Kb / 12P
   PWM Off-Line Switching Regulator ICs
logo
Allegro MicroSystems
STR3A161HD ALLEGRO-STR3A161HD Datasheet
254Kb / 12P
   PWM Off-Line Switching Regulator ICs
logo
Sanken electric
STR3A151 SANKEN-STR3A151 Datasheet
265Kb / 14P
   PWM Off-Line Switching Regulator ICs
logo
Allegro MicroSystems
STR3A151 ALLEGRO-STR3A151 Datasheet
264Kb / 14P
   PWM Off-Line Switching Regulator ICs
logo
Sanken electric
STR-A605XM SANKEN-STR-A605XM Datasheet
278Kb / 13P
   PWM Off-Line Switching Regulator ICs
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14


bảng dữ liệu tải về

Go To PDF Page


Link URL




Chính sách bảo mật
ALLDATASHEET.VN
Cho đến nay ALLDATASHEET có giúp ích cho doanh nghiệp của bạn hay không?  [ DONATE ] 

Alldatasheet là   |   Quảng cáo   |   Liên lạc với chúng tôi   |   Chính sách bảo mật   |   Trao đổi link   |   Tìm kiếm theo nhà sản xuất
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com