công cụ tìm kiếm bảng dữ liệu linh kiện điện tử
  Vietnamese  ▼
ALLDATASHEET.VN

X  

STR-W6735 bảng dữ liệu(PDF) 5 Page - Sanken electric

tên linh kiện STR-W6735
Giải thích chi tiết về linh kiện  Quasi-Resonant Topology Primary Switching Regulators
Download  13 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
nhà sản xuất  SANKEN [Sanken electric]
Trang chủ  http://www.sanken-ele.co.jp/en
Logo SANKEN - Sanken electric

STR-W6735 bảng dữ liệu(HTML) 5 Page - Sanken electric

  STR-W6735 Datasheet HTML 1Page - Sanken electric STR-W6735 Datasheet HTML 2Page - Sanken electric STR-W6735 Datasheet HTML 3Page - Sanken electric STR-W6735 Datasheet HTML 4Page - Sanken electric STR-W6735 Datasheet HTML 5Page - Sanken electric STR-W6735 Datasheet HTML 6Page - Sanken electric STR-W6735 Datasheet HTML 7Page - Sanken electric STR-W6735 Datasheet HTML 8Page - Sanken electric STR-W6735 Datasheet HTML 9Page - Sanken electric Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 13 page
background image
5
SANKEN ELECTRIC CO., LTD.
28103.30-5
Quasi-Resonant Topology
Primary Switching Regulators
STR-W6735
ELECTRICAL CHARACTERISTICS
Characteristic
Symbol
Terminals
Min.
Typ.
Max.
Units
ELECTRICAL CHARACTERISTICS for Controller (MIC)1
, valid at TA = 25°C, VCC = 20 V, unless otherwise specified
Power Supply Start-up Operation
Operation Start Voltage
VCC(ON)
4 - 3
16.3
18.2
19.9
V
Operation Stop Voltage
VCC(OFF)
4 - 3
8.8
9.7
10.6
V
Circuit Current In Operation
ICC(ON)
4 - 3
6
mA
Circuit Current In Non-Operation
ICC(OFF)
4 - 3
100
μA
Oscillation Frequency
fosc
1 - 3
19
22
25
kHz
Soft Start Operation Stop Voltage
VSSOLP(SS)
5 - 3
1.1
1.2
1.4
V
Soft Start Operation Charging Current
ISSOLP(SS)
5 - 3
–710
–550
–390
μA
Normal Operation
Bottom-Skip Operation Threshold Voltage 1
VOCPBD(BS1)
7 - 3
–0.720
–0.665
–0.605
V
Bottom-Skip Operation Threshold Voltage 2
VOCPBD(BS2)
7 - 3
–0.485
–0.435
–0.385
V
Overcurrent Detection Threshold Voltage
VOCPBD(LIM)
7 - 3
–0.995
–0.940
–0.895
V
OCP/BDOCP/BD Terminal Outflow Current
IOCPBD
7 - 3
–250
–100
–40
μA
Quasi-Resonant Operation Threshold Voltage 1
VOCPBD(TH1)
7 - 3
0.28
0.40
0.52
V
Quasi-Resonant Operation Threshold Voltage 2
VOCPBD(TH2)
7 - 3
0.67
0.80
0.93
V
FB Terminal Threshold Voltage
VFB(OFF)
6 - 3
1.32
1.45
1.58
V
FB Terminal Inflow Current (Normal Operation)
IFB(ON)
6 - 3
600
1000
1400
μA
Standby Operation
Standby Operation Start Voltage
VCC(S)
4 - 3
10.3
11.1
12.7
V
Standby Operation Start Voltage Interval
VCC(SK)
4 - 3
1.10
1.35
1.75
V
Standby Non-Operation Circuit Current
ICC(S)
4 - 3
20
56
μA
FB Terminal Inflow Current, Standby Operation
IFB(S)
6 - 3
4
14
μA
FB Terminal Threshold Voltage, Standby Operation
VFB(S)
6 - 3
0.55
1.10
1.50
V
Minimum On Time
tON(MIN)
1 - 3
0.75
1.20
μs
Maximum On Time
tON(MAX)
1 - 3
27.5
32.5
39.0
μs
Protection Operation
Overload Protection Operation Threshold Voltage
VSSOLP(OLP)
5 - 3
4.0
4.9
5.8
V
Overload Protection Operation Charging Current
ISSOLP(OLP)
5 - 3
–16
–11
–6
μA
Overvoltage Protection Operation Voltage
VCC(OVP)
4 - 3
25.5
27.7
29.9
V
Latch Circuit Holding Current2
ICC(H)
4 - 3
45
140
μA
Latch Circuit Release Voltage2
VCC(La.OFF)
4 - 3
6.0
7.2
8.5
V
ELECTRICAL CHARACTERISTICS for MOSFET
, valid at TA = 25°C, unless otherwise specified
Drain-to-Source Breakdown Voltage
VDSS
1 - 3
500
V
Drain Leakage Current
IDSS
1 - 3
300
μA
On Resistance
RDS(on)
1 - 3
0.57
Ω
Switching Time
tf
1 - 3
400
ns
Thermal Resistance
RθCF
Channel to Internal
Frame
1.55
°C/W
1
Current polarity with respect to the IC: positive current indicates current sink at the terminal named, negative current indicates source at the
terminal named.
2
Latch circuit refers to operation during Overload Protection or Overvoltage Protection.


Số phần tương tự - STR-W6735

nhà sản xuấttên linh kiệnbảng dữ liệuGiải thích chi tiết về linh kiện
logo
Allegro MicroSystems
STR-W6735 ALLEGRO-STR-W6735 Datasheet
413Kb / 14P
   Quasi-Resonant Topology Primary Switching Regulators
logo
Sanken electric
STR-W6735 SANKEN-STR-W6735 Datasheet
91Kb / 2P
   Power IC for Quasi-Resonant Type Switching Power Supply with High Efficiency
STR-W6735N SANKEN-STR-W6735N Datasheet
91Kb / 2P
   Power IC for Quasi-Resonant Type Switching Power Supply with High Efficiency
logo
Allegro MicroSystems
STR-W6735_V ALLEGRO-STR-W6735_V Datasheet
225Kb / 13P
   Quasi-Resonant Topology Primary Switching Regulators
More results

Mô tả tương tự - STR-W6735

nhà sản xuấttên linh kiệnbảng dữ liệuGiải thích chi tiết về linh kiện
logo
Allegro MicroSystems
STR-W6735_V ALLEGRO-STR-W6735_V Datasheet
225Kb / 13P
   Quasi-Resonant Topology Primary Switching Regulators
STR-W6735 ALLEGRO-STR-W6735 Datasheet
413Kb / 14P
   Quasi-Resonant Topology Primary Switching Regulators
logo
Sanken electric
STR-W6754 SANKEN-STR-W6754 Datasheet
177Kb / 8P
   Quasi-Resonant Topology Primary Switching Regulators
STR-W6765 SANKEN-STR-W6765 Datasheet
227Kb / 14P
   Quasi-Resonant Topology Primary Switching Regulators
STR-W6756 SANKEN-STR-W6756 Datasheet
177Kb / 8P
   Quasi-Resonant Topology Primary Switching Regulators
logo
Allegro MicroSystems
STR-W6765 ALLEGRO-STR-W6765 Datasheet
422Kb / 15P
   Quasi-Resonant Topology Primary Switching Regulators
logo
Sanken electric
STR-W6753 SANKEN-STR-W6753 Datasheet
177Kb / 8P
   Quasi-Resonant Topology Primary Switching Regulators
STR-X6729 SANKEN-STR-X6729 Datasheet
300Kb / 9P
   Off-Line Quasi-Resonant Switching Regulators
logo
Allegro MicroSystems
STR-X6768N ALLEGRO-STR-X6768N Datasheet
531Kb / 11P
   Off-Line Quasi-Resonant Switching Regulators
STR-X6769 ALLEGRO-STR-X6769 Datasheet
494Kb / 11P
   Off-Line Quasi-Resonant Switching Regulators
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13


bảng dữ liệu tải về

Go To PDF Page


Link URL




Chính sách bảo mật
ALLDATASHEET.VN
Cho đến nay ALLDATASHEET có giúp ích cho doanh nghiệp của bạn hay không?  [ DONATE ] 

Alldatasheet là   |   Quảng cáo   |   Liên lạc với chúng tôi   |   Chính sách bảo mật   |   Trao đổi link   |   Tìm kiếm theo nhà sản xuất
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com