công cụ tìm kiếm bảng dữ liệu linh kiện điện tử
  Vietnamese  ▼
ALLDATASHEET.VN

X  

STR-A606XHD bảng dữ liệu(PDF) 1 Page - Sanken electric

tên linh kiện STR-A606XHD
Giải thích chi tiết về linh kiện  PWM Off-Line Switching Regulator ICs
Download  13 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
nhà sản xuất  SANKEN [Sanken electric]
Trang chủ  http://www.sanken-ele.co.jp/en
Logo SANKEN - Sanken electric

STR-A606XHD bảng dữ liệu(HTML) 1 Page - Sanken electric

  STR-A606XHD Datasheet HTML 1Page - Sanken electric STR-A606XHD Datasheet HTML 2Page - Sanken electric STR-A606XHD Datasheet HTML 3Page - Sanken electric STR-A606XHD Datasheet HTML 4Page - Sanken electric STR-A606XHD Datasheet HTML 5Page - Sanken electric STR-A606XHD Datasheet HTML 6Page - Sanken electric STR-A606XHD Datasheet HTML 7Page - Sanken electric STR-A606XHD Datasheet HTML 8Page - Sanken electric STR-A606XHD Datasheet HTML 9Page - Sanken electric Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 13 page
background image
SANKEN ELECTRIC CO., LTD.
http://www.sanken-ele.co.jp/en/
Description
The STR-A6061HD, STR-A6062HD, STR-A6063HD, and
STR-A6069HD are power ICs for switching power supplies,
incorporating a power MOSFET and a current mode PWM
controller IC in one package.
To achieve low power consumption, these products include
a startup circuit and a standby function in the controller. The
switching modes are automatically changed according to load
conditions: in normal operation, PWM mode, and in light load
conditions, burst mode. The rich set of protection features
helps to realize low component counts, and high performance-
to-cost power supply.
Features and Benefits
▪ Current mode PWM control
▪ Brown-In and Brown-Out function: auto-restart, prevents
excess input current and heat rise at low input voltage
▪ Auto Standby function: improves efficiency by Burst
mode operation in light load
▫ Normal load operation: PWM mode
▫ Light load operation: Burst mode
▪ No load power consumption < 25 mW
▪ Operating frequency, fOSC(AVG)(typ) = 100 kHz
▪ Random Switching function: reduces EMI noise, and
simplifies EMI filters
▪ Slope Compensation function: avoids subharmonic
oscillation
▪ Leading Edge Blanking function
PWM Off-Line Switching Regulator ICs
Typical Application Circuit
Not to scale
Continued on the next page…
STR-A6000HD Series
STR-A6000HD-DS
January 8, 2013
Applications:
Switching power supplies for electronic devices such as:
• Battery charger
• Standby power supply
• Small switch-mode power supply (SMPS)
• Auxiliary power supply for controller
Package: DIP8
VAC
C1
C5
R1
D1
BR1
R2
C2
T1
D
P
PC1
C3
ROCP
C9
CRD clamp snubber
C4
C
(CR)
Dumper snubber
123
4
D/ST D/ST
BR
NC
S/OCP
FB/OLP
GND
VCC
87
5
STR-A6000
U1
D2
C10
RC
RB
RA
D51
C51
R51
R52
U51
R54
R56
C52
S
PC1
R53
R55
L51
C53
VOUT
GND


Số phần tương tự - STR-A606XHD

nhà sản xuấttên linh kiệnbảng dữ liệuGiải thích chi tiết về linh kiện
logo
Sanken electric
STR-A606XH SANKEN-STR-A606XH Datasheet
279Kb / 13P
   PWM Off-Line Switching Regulator ICs
More results

Mô tả tương tự - STR-A606XHD

nhà sản xuấttên linh kiệnbảng dữ liệuGiải thích chi tiết về linh kiện
logo
Sanken electric
STR-A607XM SANKEN-STR-A607XM Datasheet
278Kb / 13P
   PWM Off-Line Switching Regulator ICs
logo
Allegro MicroSystems
STR3A151D ALLEGRO-STR3A151D Datasheet
265Kb / 14P
   PWM Off-Line Switching Regulator ICs
STR-A6000M ALLEGRO-STR-A6000M Datasheet
277Kb / 13P
   PWM Off-Line Switching Regulator ICs
logo
Sanken electric
STR-A606XH SANKEN-STR-A606XH Datasheet
279Kb / 13P
   PWM Off-Line Switching Regulator ICs
STR3A151D SANKEN-STR3A151D Datasheet
265Kb / 14P
   PWM Off-Line Switching Regulator ICs
STR3A161HD SANKEN-STR3A161HD Datasheet
255Kb / 12P
   PWM Off-Line Switching Regulator ICs
logo
Allegro MicroSystems
STR3A161HD ALLEGRO-STR3A161HD Datasheet
254Kb / 12P
   PWM Off-Line Switching Regulator ICs
logo
Sanken electric
STR3A151 SANKEN-STR3A151 Datasheet
265Kb / 14P
   PWM Off-Line Switching Regulator ICs
logo
Allegro MicroSystems
STR3A151 ALLEGRO-STR3A151 Datasheet
264Kb / 14P
   PWM Off-Line Switching Regulator ICs
logo
Sanken electric
STR-A605XM SANKEN-STR-A605XM Datasheet
278Kb / 13P
   PWM Off-Line Switching Regulator ICs
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13


bảng dữ liệu tải về

Go To PDF Page


Link URL




Chính sách bảo mật
ALLDATASHEET.VN
Cho đến nay ALLDATASHEET có giúp ích cho doanh nghiệp của bạn hay không?  [ DONATE ] 

Alldatasheet là   |   Quảng cáo   |   Liên lạc với chúng tôi   |   Chính sách bảo mật   |   Trao đổi link   |   Tìm kiếm theo nhà sản xuất
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com