công cụ tìm kiếm bảng dữ liệu linh kiện điện tử
  Vietnamese  ▼
ALLDATASHEET.VN

X  

STR5A162D bảng dữ liệu(PDF) 10 Page - Sanken electric

tên linh kiện STR5A162D
Giải thích chi tiết về linh kiện  Off-Line PWM Controllers with Integrated Power MOSFET
Download  21 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
nhà sản xuất  SANKEN [Sanken electric]
Trang chủ  http://www.sanken-ele.co.jp/en
Logo SANKEN - Sanken electric

STR5A162D bảng dữ liệu(HTML) 10 Page - Sanken electric

Back Button STR5A162D Datasheet HTML 6Page - Sanken electric STR5A162D Datasheet HTML 7Page - Sanken electric STR5A162D Datasheet HTML 8Page - Sanken electric STR5A162D Datasheet HTML 9Page - Sanken electric STR5A162D Datasheet HTML 10Page - Sanken electric STR5A162D Datasheet HTML 11Page - Sanken electric STR5A162D Datasheet HTML 12Page - Sanken electric STR5A162D Datasheet HTML 13Page - Sanken electric STR5A162D Datasheet HTML 14Page - Sanken electric Next Button
Zoom Inzoom in Zoom Outzoom out
 10 / 21 page
background image
STR5A100D Series
STR5A100D-DS Rev.1.2
SANKEN ELECTRIC CO.,LTD.
10
Dec. 25, 2013
VAC
D
P
D/ST
1
2
U1
FB
VDS
R1
C3
R2
D1
D2
R3
R5
C1
CRD clamp snubber
PSR circuit
R6
VD
C2
L1
R4
4
S/GND
5~8
Figure 10-5 FB pin peripheral circuit
IDpk
0
ΔV
F:Diode Dropped Voltage
tON
tOFF
tON
S
P
Dpk
DOpk
N
N
I
I
F
OUT
S
D
D
V
V
N
N
V
F
S
D
Error
V
N
N
V
OUT
S
D
V
N
N 
tFBD
Sampling set point
A
tFBMS
D/ST pin current, ID
Secondary side
rectifier diode
current, IDO
Auxiliary winding
voltage, VD
Figure 10-6 Detection timing of
auxiliary winding voltage
10.6 Constant Voltage (CV) Control
The IC achieves the constant voltage (CV) control of
the power supply output by using the peak-current-mode
control method, which enhances the response speed and
provides the stable operation.
The IC controls the peak value of the voltage of build-in
sense resistor (VROCP) to be close to target voltage (VSC),
comparing VROCP with VSC by internal FB comparator.
Feedback Control circuit receives the sampling voltage
which is the reversed auxiliary winding voltage by using
error amplifier (refer to Figure 10-7 and Figure 10-8)
 Light Load Conditions
The FB pin voltage increases with the increase of the
output voltage when the output load becomes light.
Accordingly, the output voltage of internal error
amplifier (target voltage VSC) decreases. As a result,
the peak value of VROCP is controlled to be lower so
that the peak of the drain current decreases. This
control prevents the output voltage from increasing.
 Heavy Load Conditions
The control circuit performs reverse operations to the
former. The target voltage VSC of internal comparator
becomes higher and the peak drain current increases.
This control prevents the output voltage from
decreasing.
ROCP
5,6,7
1
2
S/GND
FB
VCC
U1
VROCP
D
C4
R6
R3
R5
D2
4
D/ST
-
VSC
+
PWM
Control
R4
E/A
-
+
FB comp
Feedback
Control
S/H
Figure 10-7 FB pin peripheral circuit
VSC
FB comparator
Drain current, ID
+
-
Voltage on both side of ROCP
VROCP
Figure 10-8 Drain current ID and FB comparator
in steady operation
10.7 Constant Current (CC) Control
The IC operates in Constant Current (CC) Control
when output current reaches to constant load and the
state continues for more than the Constant Current
Control Delay Time, tCCD = 90 ms. In case the IC is in
discontinuous operation, the CV/CC characteristic is as
shown in Figure 10-9.
When output current reaches to constant load,
MOSFET drain current is limited to the Drain Current
Limit IDLIM(H). When the output voltage becomes low,
the CC Control is maintained by lowering the oscillation
frequency fOSC. When the output voltage becomes low,
the FB pin voltage becomes low. When FB pin voltage


Số phần tương tự - STR5A162D

nhà sản xuấttên linh kiệnbảng dữ liệuGiải thích chi tiết về linh kiện
logo
Sanken electric
STR5A162D SANKEN-STR5A162D Datasheet
813Kb / 21P
   Off-Line PWM Controllers with Integrated Power MOSFET
More results

Mô tả tương tự - STR5A162D

nhà sản xuấttên linh kiệnbảng dữ liệuGiải thích chi tiết về linh kiện
logo
Sanken electric
STR5A164D SANKEN-STR5A164D Datasheet
807Kb / 21P
   Off-Line PWM Controllers with Integrated Power MOSFET
STR-A6000 SANKEN-STR-A6000_15 Datasheet
787Kb / 28P
   Off-Line PWM Controllers with Integrated Power MOSFET
STR-W6000S SANKEN-STR-W6000S Datasheet
734Kb / 26P
   Off-Line PWM Controllers with Integrated Power MOSFET
STR3A400HDL SANKEN-STR3A400HDL Datasheet
774Kb / 24P
   Off-Line PWM Controllers with Integrated Power MOSFET
STR5A100D SANKEN-STR5A100D Datasheet
813Kb / 21P
   Off-Line PWM Controllers with Integrated Power MOSFET
STR4A100 SANKEN-STR4A100 Datasheet
747Kb / 23P
   Off-Line PWM Controllers with Integrated Power MOSFET
STR3A475HDL SANKEN-STR3A475HDL Datasheet
636Kb / 23P
   Off-Line PWM Controllers with Integrated Power MOSFET
STR-A6000MZ SANKEN-STR-A6000MZ Datasheet
647Kb / 26P
   Off-Line PWM Controllers with Integrated Power MOSFET
STR3A100 SANKEN-STR3A100 Datasheet
702Kb / 25P
   Off-Line PWM Controllers with Integrated Power MOSFET
STR6A100HZ SANKEN-STR6A100HZ Datasheet
708Kb / 25P
   Off-Line PWM Controllers with Integrated Power MOSFET
STR6A153MV SANKEN-STR6A153MV Datasheet
745Kb / 24P
   Off-Line PWM Controllers with Integrated Power MOSFET
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21


bảng dữ liệu tải về

Go To PDF Page


Link URL




Chính sách bảo mật
ALLDATASHEET.VN
Cho đến nay ALLDATASHEET có giúp ích cho doanh nghiệp của bạn hay không?  [ DONATE ] 

Alldatasheet là   |   Quảng cáo   |   Liên lạc với chúng tôi   |   Chính sách bảo mật   |   Trao đổi link   |   Tìm kiếm theo nhà sản xuất
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com