công cụ tìm kiếm bảng dữ liệu linh kiện điện tử
  Vietnamese  ▼
ALLDATASHEET.VN

X  

STA7131MPR bảng dữ liệu(PDF) 1 Page - Sanken electric

tên linh kiện STA7131MPR
Giải thích chi tiết về linh kiện  2-Phase to 2W 1-2 Phase Excitation Support, Built-in Sequencer
Download  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
nhà sản xuất  SANKEN [Sanken electric]
Trang chủ  http://www.sanken-ele.co.jp/en
Logo SANKEN - Sanken electric

STA7131MPR bảng dữ liệu(HTML) 1 Page - Sanken electric

  STA7131MPR Datasheet HTML 1Page - Sanken electric STA7131MPR Datasheet HTML 2Page - Sanken electric  
Zoom Inzoom in Zoom Outzoom out
 1 / 2 page
background image
98
ICs
STA7130MPR/7131MPR/7132MPR
■Absolute Maximum Ratings
Parameter
Symbol
Ratings
Unit
Remarks
Motor Supply Voltage
VM
46
V
Driver Supply Voltage
VBB
46
V
Output Current
Io
*1
A
Mode F
Logic Input Voltage
VIN
–0.3 to +6
V
REF Input Voltage
VREF
–0.3 to +6
V
Sense Voltage
VRS
±0.5
V
Excluding tw<1µs
Power Dissipation
PD
3.5
W
When Ta = 25°C
12.5
When Tc = 25°C
Junction Temperature
Tj
+150
°C
Operating Ambient Temperature
Ta
–20 to +80
°C
Storage Temperature
Tstg
–30 to +150
°C
■Features
• Lineup of built-in current sense resistor and
built-in protection circuit-type
• Power supply voltages, VBB: 46 V (max), 10 to
44 V normal operating range
• Maximum output currents: 1 A, 1.5 A, and 2 A
• Supporting the clock-input-method micro-step
drive (built-in sequencer)
• Self-excitation PWM current control with fixed
off time
• Synchronous PWM chopping function
prevents motor noise in Hold mode
• Sleep mode for reducing the IC input current
in stand-by state
• ZIP type 18-pin molded package (STA
package)
*1: Output current value may be limited for the STA7130MPR (1.0 A), 7131MPR (1.5 A), and 7132MPR (2.0 A),
depending on the duty ratio, ambient temperature, and heating conditions.
Do not exceed junction temperature of Tj under any circumstances.
■Recommended Operating Conditions
Parameter
Motor Supply Voltage
Driver Supply Voltage
Case Temperature
Symbol
VM
VBB
TC
Unit
V
V
°C
Rating
min.
max.
44
10
44
85
Remarks
Temperature at Pin-10 Lead (without Fin)
Parameter
Symbol
Unit
Ratings
min.
max.
typ.
Conditions
10
3
0.85
0.4
0.24
1.1
1.2
2.1
0.7
0.9
5.5
VREF/3+0.03
0.75
0.8
5
IBB
IBBS
V(BR)DSS
RDS(ON)
VF
Fclock
VIL
VIH
IIL
IIH
VREF
VREFS
IREF
VSENSE
TSE
tcon
tcoff
RS
Vocp
Iocp
Ttsd
VLOL
ILOL
ModeF
ModeE
ModeC
ModeA
Mode8
Mode6
Mode4
Mode2
ton(min)
toff1
toff2
toff3
Main Supply Current
Output MOSFET Breakdown Voltage
Output MOSFET ON Resistance
Output MOSFET Diode Forward Voltage
Maximum Clock Frequency
Logic Input Voltage
Logic Input Current
REF Input Voltage
REF Input Current
Sense Voltage
Sleep-Enable Recovery Time
Switching Time
Sense Resistance
Overcurrent Sense Voltage
Overcurrent Sense Current
Vocp
÷Rs
Thermal Protection Temperature
Logic Output Voltage
Logic Output Current
Step Reference Current Ratio
PWM Minimum ON Time
PWM OFF Time
100
250
2.3
0
2.0
VREF/3-0.03
100
0.65
0.7
0.25
0.18
0.85
0.95
0.95
±10
±10
±10
VREF/3
1.4
0.7
0.305
0.205
0.155
0.7
2.3
3.5
4.5
125
100
98.1
92.4
83.1
70.7
55.5
38.2
19.5
1.5
11.5
8.5
7
In operation
Sleep 1 and Sleep 2 modes
STA7130MPR
STA7131MPR
STA7132MPR
STA7130MPR
STA7131MPR
STA7132MPR
When Clock Duty = 50%
Output OFF (Sleep 1)
When step reference current ratio is 100%
Sleep1&Sleep2
Clock
→ Out ON
Clock
→ Out OFF
STA7130MPR
STA7131MPR
STA7132MPR
When motor coil shorts out
STA7130MPR
STA7131MPR
STA7132MPR
Rear of case (at the saturation temperature)
ILOL =5mA
VLOL =0.8V
VREF=0.1V to 0.9V
Mode 8 to F
Mode 4 to 6
Mode 2
mA
mA
V
V
kHz
V
µA
V
µA
V
µS
µS
µS
V
A
°C
V
mA
%
%
%
%
%
%
%
%
µS
µS
µS
µS
■Electrical Characteristics
2-Phase to 2W 1-2 Phase Excitation Support, Built-in Sequencer
1-2-1 2-Phase Stepper Motor Unipolar Driver ICs
(Ta=25°C)
(VDD=5V, VBB=24V, Ta=25°C, unless otherwise specified)
*The direction in which current flows out of the device is regarded as negative.


Số phần tương tự - STA7131MPR

nhà sản xuấttên linh kiệnbảng dữ liệuGiải thích chi tiết về linh kiện
logo
STMicroelectronics
STA710 STMICROELECTRONICS-STA710 Datasheet
201Kb / 7P
   AM/FM/HD-RadioTM/DAB automotive digital output tuner
November 2019 Rev 2
STA710ECTR STMICROELECTRONICS-STA710ECTR Datasheet
201Kb / 7P
   AM/FM/HD-RadioTM/DAB automotive digital output tuner
November 2019 Rev 2
More results

Mô tả tương tự - STA7131MPR

nhà sản xuấttên linh kiệnbảng dữ liệuGiải thích chi tiết về linh kiện
logo
Sanken electric
SLA7070MPRT SANKEN-SLA7070MPRT Datasheet
66Kb / 2P
   2-Phase/1-2 Phase Excitation Support, Built-in Sequencer
SLA7075MPRT SANKEN-SLA7075MPRT Datasheet
66Kb / 2P
   2-Phase to 4W 1-2 Phase Excitation Support, Built-in Sequencer
SLA7027MU SANKEN-SLA7027MU_10 Datasheet
59Kb / 2P
   2-Phase/1-2 Phase Excitation
SLA7027MU SANKEN-SLA7027MU_11 Datasheet
86Kb / 2P
   2-Phase/1-2 Phase Excitation
SLA7024M SANKEN-SLA7024M Datasheet
68Kb / 2P
   2-Phase/1-2 Phase Excitation
SLA7031M SANKEN-SLA7031M Datasheet
445Kb / 2P
   2-Phase/1-2 Phase Excitation
SLA7042M SANKEN-SLA7042M_10 Datasheet
53Kb / 2P
   2W1-2 Phase Excitation/Micro-step Support
SLA7022MU SANKEN-SLA7022MU_10 Datasheet
59Kb / 2P
   2-Phase Excitation
SLA7022MU SANKEN-SLA7022MU_11 Datasheet
87Kb / 2P
   2-Phase Excitation
logo
Sanyo Semicon Device
LB1937T SANYO-LB1937T Datasheet
225Kb / 7P
   1-2 Phase Excitation Stepping Motor Driver
More results


Html Pages

1 2


bảng dữ liệu tải về

Go To PDF Page


Link URL




Chính sách bảo mật
ALLDATASHEET.VN
Cho đến nay ALLDATASHEET có giúp ích cho doanh nghiệp của bạn hay không?  [ DONATE ] 

Alldatasheet là   |   Quảng cáo   |   Liên lạc với chúng tôi   |   Chính sách bảo mật   |   Trao đổi link   |   Tìm kiếm theo nhà sản xuất
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com