công cụ tìm kiếm bảng dữ liệu linh kiện điện tử
  Vietnamese  ▼
ALLDATASHEET.VN

X  

BD00GA3MEFJ-LB bảng dữ liệu(PDF) 1 Page - Rohm

tên linh kiện BD00GA3MEFJ-LB
Giải thích chi tiết về linh kiện  300mA Variable Output Industrial LDO Regulator
Download  24 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
nhà sản xuất  ROHM [Rohm]
Trang chủ  http://www.rohm.com
Logo ROHM - Rohm

BD00GA3MEFJ-LB bảng dữ liệu(HTML) 1 Page - Rohm

  BD00GA3MEFJ-LB Datasheet HTML 1Page - Rohm BD00GA3MEFJ-LB Datasheet HTML 2Page - Rohm BD00GA3MEFJ-LB Datasheet HTML 3Page - Rohm BD00GA3MEFJ-LB Datasheet HTML 4Page - Rohm BD00GA3MEFJ-LB Datasheet HTML 5Page - Rohm BD00GA3MEFJ-LB Datasheet HTML 6Page - Rohm BD00GA3MEFJ-LB Datasheet HTML 7Page - Rohm BD00GA3MEFJ-LB Datasheet HTML 8Page - Rohm BD00GA3MEFJ-LB Datasheet HTML 9Page - Rohm Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 24 page
background image
Datasheet
○Product structure:Silicon monolithic integrated circuit ○This product has no designed protection against radioactive rays.
1/21
TSZ02201-0R6R0AZ00510-1-2
© 2013 ROHM Co., Ltd. All rights reserved.
www.rohm.com
TSZ22111・14・001
21.Feb.2014 Rev.002
300mA Variable Output
Industrial LDO Regulator
BDxxGA3MEFJ-LB
General Description
This is the product guarantees long time support in Industrial market.
BDxxGA3MEFJ-LB is a LDO regulator with output current 0.3A. The output accuracy is ±1% of output voltage. With
external resistance, it is available to set the output voltage at random (from 1.5V to 13.0V).It has package type: HTSOP-J8.
Over current protection (for protecting the IC destruction by output short circuit), circuit current ON/OFF switch (for setting
the circuit 0
μA at shutdown mode), and thermal shutdown circuit (for protecting IC from heat destruction by over load
condition) are all built in. It is usable for ceramic capacitor and enables to improve smaller set and long-life.
Features
Long Time Support a Product for Industrial
Applications.
High accuracy reference voltage circuit
Built-in Over Current Protection circuit (OCP)
Built-in Thermal Shut Down circuit (TSD)
With shut down switch
Applications
Industrial Equipment
Key Specifications
Input power supply voltage range:
4.5V to 14.0V
Output voltage range(Variable type):
1.5V to 13.0V
Output voltage(Fixed type): 1.5V/1.8V/2.5V/3.0V/3.3V
5.0V/6.0V/7.0V/8.0V/9.0V/10V/12V
Output current:
0.3A (Max.)
Shutdown current:
0
μA(Typ.)
Operating temperature range:
-40℃ to +105℃
Typical Application Circuit
Package
(Typ.)
(Typ.)
(Max.)
HTSOP-J8
4.90mm x 6.00mm x 1.00mm
HTSOP-J8
R1
VO
VCC
EN
GND
FIN
R2
FB
COUT
CIN
CIN,COUT : Ceramic Capacitor
VO
VCC
EN
GND
FIN
VO_S
COUT
CIN
CIN,COUT : Ceramic Capacitor


Số phần tương tự - BD00GA3MEFJ-LB

nhà sản xuấttên linh kiệnbảng dữ liệuGiải thích chi tiết về linh kiện
logo
Rohm
BD00GA3MEFJ-ME2 ROHM-BD00GA3MEFJ-ME2 Datasheet
611Kb / 24P
   Automotive 300mA Variable Output LDO Regulator
BD00GA3MEFJ-ME2 ROHM-BD00GA3MEFJ-ME2 Datasheet
997Kb / 24P
   Automotive 300mA Variable Output LDO Regulator
2021.10.11 Rev.002
More results

Mô tả tương tự - BD00GA3MEFJ-LB

nhà sản xuấttên linh kiệnbảng dữ liệuGiải thích chi tiết về linh kiện
logo
Rohm
BA3662CP-V5 ROHM-BA3662CP-V5_12 Datasheet
395Kb / 17P
   300mA Variable Output LDO Regulator
BDXXGA3MEFJ-M ROHM-BDXXGA3MEFJ-M Datasheet
997Kb / 24P
   Automotive 300mA Variable Output LDO Regulator
2021.10.11 Rev.002
BA3662CP-V5_1010 ROHM-BA3662CP-V5_1010 Datasheet
423Kb / 12P
   300mA Standard Variable Output LDO Regulator
BD00GA3MEFJ-ME2 ROHM-BD00GA3MEFJ-ME2 Datasheet
611Kb / 24P
   Automotive 300mA Variable Output LDO Regulator
BD00GC0MEFJ-LB ROHM-BD00GC0MEFJ-LB Datasheet
797Kb / 24P
   1.0A Variable Output Industrial LDO Regulator
BD00IA5MEFJ-LB ROHM-BD00IA5MEFJ-LB Datasheet
774Kb / 24P
   0.5A Variable Output Industrial LDO Regulator
BD00IC0MEFJ-LB ROHM-BD00IC0MEFJ-LB Datasheet
882Kb / 24P
   1.0A Variable Output Industrial LDO Regulator
BD00HC5MEFJ-LB ROHM-BD00HC5MEFJ-LB Datasheet
905Kb / 24P
   1.5A Variable Output Industrial LDO Regulator
BD00GA5MEFJ-LB ROHM-BD00GA5MEFJ-LB Datasheet
901Kb / 24P
   0.5A Variable Output Industrial LDO Regulator
BD00HA5MEFJ-LB ROHM-BD00HA5MEFJ-LB Datasheet
892Kb / 24P
   0.5A Variable Output Industrial LDO Regulator
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24


bảng dữ liệu tải về

Go To PDF Page


Link URL




Chính sách bảo mật
ALLDATASHEET.VN
Cho đến nay ALLDATASHEET có giúp ích cho doanh nghiệp của bạn hay không?  [ DONATE ] 

Alldatasheet là   |   Quảng cáo   |   Liên lạc với chúng tôi   |   Chính sách bảo mật   |   Trao đổi link   |   Tìm kiếm theo nhà sản xuất
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com