công cụ tìm kiếm bảng dữ liệu linh kiện điện tử
  Vietnamese  ▼
ALLDATASHEET.VN

X  

D-602-73 bảng dữ liệu(PDF) 7 Page - Tyco Electronics

tên linh kiện D-602-73
Giải thích chi tiết về linh kiện  SolderTacts Shielded One-Piece Solder Contacts
Download  9 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
nhà sản xuất  MACOM [Tyco Electronics]
Trang chủ  http://www.macom.com
Logo MACOM - Tyco Electronics

D-602-73 bảng dữ liệu(HTML) 7 Page - Tyco Electronics

  D-602-73 Datasheet HTML 1Page - Tyco Electronics D-602-73 Datasheet HTML 2Page - Tyco Electronics D-602-73 Datasheet HTML 3Page - Tyco Electronics D-602-73 Datasheet HTML 4Page - Tyco Electronics D-602-73 Datasheet HTML 5Page - Tyco Electronics D-602-73 Datasheet HTML 6Page - Tyco Electronics D-602-73 Datasheet HTML 7Page - Tyco Electronics D-602-73 Datasheet HTML 8Page - Tyco Electronics D-602-73 Datasheet HTML 9Page - Tyco Electronics  
Zoom Inzoom in Zoom Outzoom out
 7 / 9 page
background image
Shielded Contacts
8-73
Catalog 1654025
Dimensions are in millimeters
Dimensions are shown for
USA: 1-800-522-6752
South America: 55-11-3611-1514
Revised 12-04
and inches unless otherwise
reference purposes only.
Canada: 1-905-470-4425
Japan: 81-44-900-5102
specified. Values in brackets
Specifications subject
Mexico: 01-800-733-8926
Singapore: 65-4866-151
www.tycoelectronics.com
are U.S. equivalents.
to change.
C. America: 52-55-5-729-0425
UK: 44-1793-528171
8
SolderTacts Shielded One-Piece Solder Contacts (Continued)
Cable Diameter
SolderTacts
Size
Polarity
Cable Type
JOD
SOD
DOD
COD
(AWG)
D-602-0278
16
P
Coaxial
1.52–2.92
1.85–2.18
.64–1.91
.23–.74
24–32
[.060-.115]
[.073-.086]
[.025-.075]
[.009-.029]
D-602-0279
16
S
Coaxial
1.52–2.92
1.85–2.18
.64–1.91
.23–.74
24–32
[.060-.115]
[.073-.086]
[.025-.075]
[.009-.029]
D-602-0288
16
P
Twisted pair
.74–1.40
.23–.74
24–32
[.029-.055]
[.009-.029]
D-602-0289
16
S
Twisted pair
.74–1.40
.23–.74
24–32
[.029-.055]
[.009-.029]
*These SolderTacts contacts belong to the Raychem “Subminiature” series of contacts, which are designed for use in commercial connectors.
Tooling Selection Guide
Engineering
Convection
Contact
Contact
SolderTacts
Part Numbers
Standard
(hot air) Heating
Removal
Series
(D-602-)
(Termination
AT-1319
Repair
Insertion
Tool
Instructions)
Adapter
Wand
Tool
Submin
0278/0279
ES61170
AT-1319-12
AD-1481
*
AD-1447
0288/0289
ES61414
*Not applicable.
Note:
AA-400 SuperHeater Compressed Air Heating Tool shown on page 10-2 can be used for installation. Another option is the Steinel® General Purpose Hot-Air
Heating Tool shown on page 10-13.
SolderTacts Product Construction, Submin Series
Jacket
(JOD)
Shield
(SOD)
Dielectric
(DOD)
Conductor
(COD)
SolderTacts Series:
Subminiature*
Raychem Cable Diameter


Số phần tương tự - D-602-73

nhà sản xuấttên linh kiệnbảng dữ liệuGiải thích chi tiết về linh kiện
logo
PANDUIT CORP.
D-602-73 PANDUIT-D-602-73 Datasheet
182Kb / 1P
   SHIELDED CONTACT, SOCKET COAXIAL CABLE
More results

Mô tả tương tự - D-602-73

nhà sản xuấttên linh kiệnbảng dữ liệuGiải thích chi tiết về linh kiện
logo
Bel Fuse Inc.
SS-7488S-GY-PG1 BEL-SS-7488S-GY-PG1 Datasheet
174Kb / 2P
   ONE PIECE SHIELDED SINGLE PORT LED JACK
logo
NEC
PS4601 NEC-PS4601 Datasheet
101Kb / 4P
   ONE PIECE PHOTO INTERRUPTER
logo
Molex Electronics Ltd.
0747370010 MOLEX1-0747370010 Datasheet
35Kb / 1P
   SFP One Piece Cage, EMI Shielding, 3.38mm Solder Post Tails
logo
Vishay Siliconix
157 VISHAY-157 Datasheet
126Kb / 4P
   Rugged one piece metal housing
06-Nov-15
logo
List of Unclassifed Man...
V711 ETC2-V711 Datasheet
290Kb / 8P
   One-Piece Surface Steel Raceway
V704 ETC2-V704 Datasheet
290Kb / 8P
   One-Piece Surface Steel Raceway
V5744S ETC2-V5744S Datasheet
1Mb / 9P
   One-Piece Steel Surface Raceway
logo
Samtec, Inc
FSI SAMTEC-FSI Datasheet
512Kb / 6P
   1,00 mm One Piece Interface
logo
Lapp.
61721340 LAPP-61721340 Datasheet
72Kb / 1P
   RSK one-piece screen connector
13.03.2019
logo
Samtec, Inc
FSI-110-03-G-D-AD SAMTEC-FSI-110-03-G-D-AD Datasheet
1Mb / 2P
   LOW PROFILE & ELEVATED ONE PIECE
More results


Html Pages

1 2 3 4 5 6 7 8 9


bảng dữ liệu tải về

Go To PDF Page


Link URL




Chính sách bảo mật
ALLDATASHEET.VN
Cho đến nay ALLDATASHEET có giúp ích cho doanh nghiệp của bạn hay không?  [ DONATE ] 

Alldatasheet là   |   Quảng cáo   |   Liên lạc với chúng tôi   |   Chính sách bảo mật   |   Trao đổi link   |   Tìm kiếm theo nhà sản xuất
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com