công cụ tìm kiếm bảng dữ liệu linh kiện điện tử
  Vietnamese  ▼
ALLDATASHEET.VN

X  

D-602-44 bảng dữ liệu(PDF) 2 Page - Tyco Electronics

tên linh kiện D-602-44
Giải thích chi tiết về linh kiện  SolderTacts Shielded One-Piece Solder Contacts
Download  9 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
nhà sản xuất  MACOM [Tyco Electronics]
Trang chủ  http://www.macom.com
Logo MACOM - Tyco Electronics

D-602-44 bảng dữ liệu(HTML) 2 Page - Tyco Electronics

  D-602-44 Datasheet HTML 1Page - Tyco Electronics D-602-44 Datasheet HTML 2Page - Tyco Electronics D-602-44 Datasheet HTML 3Page - Tyco Electronics D-602-44 Datasheet HTML 4Page - Tyco Electronics D-602-44 Datasheet HTML 5Page - Tyco Electronics D-602-44 Datasheet HTML 6Page - Tyco Electronics D-602-44 Datasheet HTML 7Page - Tyco Electronics D-602-44 Datasheet HTML 8Page - Tyco Electronics D-602-44 Datasheet HTML 9Page - Tyco Electronics  
Zoom Inzoom in Zoom Outzoom out
 2 / 9 page
background image
Shielded Contacts
8-68
Catalog 1654025
Dimensions are in millimeters
Dimensions are shown for
USA: 1-800-522-6752
South America: 55-11-3611-1514
Revised 12-04
and inches unless otherwise
reference purposes only.
Canada: 1-905-470-4425
Japan: 81-44-900-5102
specified. Values in brackets
Specifications subject
Mexico: 01-800-733-8926
Singapore: 65-4866-151
www.tycoelectronics.com
are U.S. equivalents.
to change.
C. America: 52-55-5-729-0425
UK: 44-1793-528171
SolderTacts Shielded One-Piece Solder Contacts (Continued)
Contact
Cable Diameter
Raychem
Military
Wire
SolderTacts
Size
Polarity
Cable Type
Specification
JOD
SOD
DOD
COD
(AWG)
Part No.
MIS-20067/5-001†
1.78–4.70
1.65–2.79
.76–2.03
.23–.51
24–32
D-602-16
12
S
Coaxial
[.070–.185]
[.065–.110]
[.030–.080]
[.009–.020]
MIS-20067/6-001†
1.78–4.70
1.65–2.79
.76–2.03
.23–.51
24–32
D-602-17
12
P
Coaxial
[.070–.185]
[.065–.110]
[.030–.080]
[.009–.020]
1.52–3.30
1.68–2.13
.91–1.75
.30–.66
24–30
D-602-46
16
P
Coaxial
[.060–.130]
[.066–.089]
[.036–.069]
[.012–.026]
1.52–3.30
1.68–2.13
.91–1.75
.30–.66
26–32
D-602-47
16
S
Coaxial
[.060–.130]
[.066–.089]
[.036–.069]
[.012–.026]
.76–1.24
.28–.79
24–30
D-602-56
16
P
Twinax
[.030–.049]
[.011–.031]
.76–1.24
.28–.79
24–30
D-602-57
16
S
Twinax
[.030–.049]
[.011–.031]
†These SolderTacts contacts are on qualified parts list for indicated specification.
Engineering
Convection
Standard
(Hot Air) Heating
Contact
Contact
(Termination
AT-1319
Repair
Insertion
Removal
Part Numbers
Instructions)
Adapter
Wand
Tool
Tool
D-602-46/47
ES61137
AT-1319-17
*
AD-1525
AD-1526
D-602-56/57
ES61138
(M81969/17-04)
(M81969/19-08)
D-602-16/17
ES61161
*Could be developed.
Note:
AA-400 SuperHeater Compressed Air Heating Tool shown on page 10-2 can be used for installation. Another option is the Steinel® General Purpose Hot-Air
Heating Tool shown on page 10-13.
SolderTacts Product Construction, MIL-C-26482 Series
Jacket
(JOD)
Shield
(SOD)
Dielectric
(DOD)
Conductor
(COD)
SolderTacts Series:
MIL-C-26482
Tooling Selection Guide


Số phần tương tự - D-602-44

nhà sản xuấttên linh kiệnbảng dữ liệuGiải thích chi tiết về linh kiện
logo
PANDUIT CORP.
D-602-0140 PANDUIT-D-602-0140 Datasheet
153Kb / 1P
   CRIMP SPLICER, STUB
D-602-0140-ND PANDUIT-D-602-0140-ND Datasheet
153Kb / 1P
   CRIMP SPLICER, STUB
D-602-55 PANDUIT-D-602-55 Datasheet
148Kb / 1P
   SHIELDED CONTACT, SOCKET TWISTED PAIR
D-602-55CS315 PANDUIT-D-602-55CS315 Datasheet
148Kb / 1P
   SHIELDED CONTACT, SOCKET TWISTED PAIR
D-602-73 PANDUIT-D-602-73 Datasheet
182Kb / 1P
   SHIELDED CONTACT, SOCKET COAXIAL CABLE
More results

Mô tả tương tự - D-602-44

nhà sản xuấttên linh kiệnbảng dữ liệuGiải thích chi tiết về linh kiện
logo
Bel Fuse Inc.
SS-7488S-GY-PG1 BEL-SS-7488S-GY-PG1 Datasheet
174Kb / 2P
   ONE PIECE SHIELDED SINGLE PORT LED JACK
logo
NEC
PS4601 NEC-PS4601 Datasheet
101Kb / 4P
   ONE PIECE PHOTO INTERRUPTER
logo
Molex Electronics Ltd.
0747370010 MOLEX1-0747370010 Datasheet
35Kb / 1P
   SFP One Piece Cage, EMI Shielding, 3.38mm Solder Post Tails
logo
Vishay Siliconix
157 VISHAY-157 Datasheet
126Kb / 4P
   Rugged one piece metal housing
06-Nov-15
logo
List of Unclassifed Man...
V711 ETC2-V711 Datasheet
290Kb / 8P
   One-Piece Surface Steel Raceway
V704 ETC2-V704 Datasheet
290Kb / 8P
   One-Piece Surface Steel Raceway
V5744S ETC2-V5744S Datasheet
1Mb / 9P
   One-Piece Steel Surface Raceway
logo
Samtec, Inc
FSI SAMTEC-FSI Datasheet
512Kb / 6P
   1,00 mm One Piece Interface
logo
Lapp.
61721340 LAPP-61721340 Datasheet
72Kb / 1P
   RSK one-piece screen connector
13.03.2019
logo
Samtec, Inc
FSI-110-03-G-D-AD SAMTEC-FSI-110-03-G-D-AD Datasheet
1Mb / 2P
   LOW PROFILE & ELEVATED ONE PIECE
More results


Html Pages

1 2 3 4 5 6 7 8 9


bảng dữ liệu tải về

Go To PDF Page


Link URL




Chính sách bảo mật
ALLDATASHEET.VN
Cho đến nay ALLDATASHEET có giúp ích cho doanh nghiệp của bạn hay không?  [ DONATE ] 

Alldatasheet là   |   Quảng cáo   |   Liên lạc với chúng tôi   |   Chính sách bảo mật   |   Trao đổi link   |   Tìm kiếm theo nhà sản xuất
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com