công cụ tìm kiếm bảng dữ liệu linh kiện điện tử
  Vietnamese  ▼
ALLDATASHEET.VN

X  

D-602-4647 bảng dữ liệu(PDF) 6 Page - Tyco Electronics

tên linh kiện D-602-4647
Giải thích chi tiết về linh kiện  SolderTacts Shielded One-Piece Solder Contacts
Download  9 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
nhà sản xuất  MACOM [Tyco Electronics]
Trang chủ  http://www.macom.com
Logo MACOM - Tyco Electronics

D-602-4647 bảng dữ liệu(HTML) 6 Page - Tyco Electronics

  D-602-4647 Datasheet HTML 1Page - Tyco Electronics D-602-4647 Datasheet HTML 2Page - Tyco Electronics D-602-4647 Datasheet HTML 3Page - Tyco Electronics D-602-4647 Datasheet HTML 4Page - Tyco Electronics D-602-4647 Datasheet HTML 5Page - Tyco Electronics D-602-4647 Datasheet HTML 6Page - Tyco Electronics D-602-4647 Datasheet HTML 7Page - Tyco Electronics D-602-4647 Datasheet HTML 8Page - Tyco Electronics D-602-4647 Datasheet HTML 9Page - Tyco Electronics  
Zoom Inzoom in Zoom Outzoom out
 6 / 9 page
background image
Shielded Contacts
8-72
Catalog 1654025
Dimensions are in millimeters
Dimensions are shown for
USA: 1-800-522-6752
South America: 55-11-3611-1514
Revised 12-04
and inches unless otherwise
reference purposes only.
Canada: 1-905-470-4425
Japan: 81-44-900-5102
specified. Values in brackets
Specifications subject
Mexico: 01-800-733-8926
Singapore: 65-4866-151
www.tycoelectronics.com
are U.S. equivalents.
to change.
C. America: 52-55-5-729-0425
UK: 44-1793-528171
SolderTacts Shielded One-Piece Solder Contacts (Continued)
Contact
United States
Cable Diameter (in inches)
Raychem
Military
Air Force
Wire
SolderTacts
Size
Polarity
Cable Type
Specification
Drawing No.
JOD
SOD
DOD
COD
(AWG)
Part Number
Series I, III, and IV
M39029/90
a
8912020-EL-01
4.50 max.
.74-1.30
.24-.74
24–26
DK-602-0156-N-3
8
P
Twinaxialc
[.177]
[.029–.051]
[.011–.029]
M39029/91
a
8912019-OS-01
3.68 max.
.74-1.30
.24-.74
24–26
DK-602-0157-N-1
8
S
Twinaxialc
[.145]
[.029–.051]
[.011–.029]
M39029/91
a
8912019-DL-01
4.12 max.
.74-1.30
.24-.74
24–26
DK-602-0157-N-2
8
S
Twinaxialc
[.162]
[.029–.051]
[.011–.029]
M39029/91
a
8912019-EL-01
4.50 max.
.74-1.30
.24-.74
24–26
DK-602-0157-N-3
8
S
Twinaxialc
[.177]
[.029–.051]
[.011–.029]
M39029/90
a
8912020-OL-01
4.67 max.
20
DK-602-0169-1
8
P
Twinaxialc
[.184]
M39029/91
a
8912019-OL-01
4.67 max.
20
DK-602-0170-1
8
S
Twinaxialc
[.184]
Series II
M39029/76
a
915304-1
1.27-2.62
1.68-2.13
.91-1.73
.23-.58
26–30
D-602-0140
16
P
Coaxial
[.050–.103]
[.066–.084] [.036–.068]
[.009–.023]
M39029/77
a
915306-1
1.27-2.62
1.68-2.13
.91-1.73
.23-.58
26–30
D-602-0171
16
S
Coaxial
[.050–.103]
[.066–.084] [.036–.068]
[.009–.023]
M39029/76
a
915304-2
.64-1.09
.23-.58
26–30
D-602-0142
16
P
Twisted pair
[.025–.043]
[.009–.023]
M39029/77
a
915306-2
.64-1.07
.23-.58
26–30
D-602-0174
16
S
Twisted pair
[.025–.042]
[.009–.023]
a These SolderTacts contacts are intermateable and intermountable with contacts qualified to indicated specification; they replace crimp-style termination.
b These SolderTacts contacts are designed for shielded twisted pair cable per MIL-STD-1553B.
c These SolderTacts contacts are designed for databus contacts per MIL-STD-1553B.
Engineering
Convection
SolderTacts
Part Numbers
Standard
(Hot Air) Heating
Repair
Contact
Contact
Series
(D-602-)
(Termination
AT-1319
Wand
Insertion
Removal
Instructions)
Adapter
Tool
Tool*
999
0140/0141
ES61226
AT-1319-78
AD-1565
M81969/8-07
M81869/8-08
Size 16
0142/0143
ES61224
or
or
0171
ES61226
AT-1319-27
AD-1572
M81969/14-03
M81969/14-03
0174
ES61224
999
0144/0145
ES61206
AT-1319-24
AD-1566
M81969/8-09
M81969/8-10
Size 12
0146/0147
ES61218
or
or
0150/0151
ES61223
M81969/14-04
M81969/14-04
999
0122/0123
ES61179
AT-1319-22
AD-1568
Size 8
1108/1109
ES61172
M81969/14-06
1110/1111
ES61172
AT-1319-22
AD-1568
or
1112/1113
ES61184
and
and
Astro ATBX-2277
0156/0157-X
ES61231
AT-1319-14
AD-1480
0169/0170-X
ES61235
*Tyco Electronics does not provide this tool. See connector manufacturer.
Note:
AA-400 SuperHeater Compressed Air Heating Tool shown on page 10-2 can be used for installation. Another option is the Steinel® General Purpose Hot-Air
Heating Tool shown on page 10-13.
SolderTacts Series:
MIL-C-38999, Series I, II,
III, IV Circular Connectors
(Continued)
Tooling Selection Guide


Số phần tương tự - D-602-4647

nhà sản xuấttên linh kiệnbảng dữ liệuGiải thích chi tiết về linh kiện
logo
PANDUIT CORP.
D-602-0140 PANDUIT-D-602-0140 Datasheet
153Kb / 1P
   CRIMP SPLICER, STUB
D-602-0140-ND PANDUIT-D-602-0140-ND Datasheet
153Kb / 1P
   CRIMP SPLICER, STUB
D-602-55 PANDUIT-D-602-55 Datasheet
148Kb / 1P
   SHIELDED CONTACT, SOCKET TWISTED PAIR
D-602-55CS315 PANDUIT-D-602-55CS315 Datasheet
148Kb / 1P
   SHIELDED CONTACT, SOCKET TWISTED PAIR
D-602-73 PANDUIT-D-602-73 Datasheet
182Kb / 1P
   SHIELDED CONTACT, SOCKET COAXIAL CABLE
More results

Mô tả tương tự - D-602-4647

nhà sản xuấttên linh kiệnbảng dữ liệuGiải thích chi tiết về linh kiện
logo
Bel Fuse Inc.
SS-7488S-GY-PG1 BEL-SS-7488S-GY-PG1 Datasheet
174Kb / 2P
   ONE PIECE SHIELDED SINGLE PORT LED JACK
logo
NEC
PS4601 NEC-PS4601 Datasheet
101Kb / 4P
   ONE PIECE PHOTO INTERRUPTER
logo
Molex Electronics Ltd.
0747370010 MOLEX1-0747370010 Datasheet
35Kb / 1P
   SFP One Piece Cage, EMI Shielding, 3.38mm Solder Post Tails
logo
Vishay Siliconix
157 VISHAY-157 Datasheet
126Kb / 4P
   Rugged one piece metal housing
06-Nov-15
logo
List of Unclassifed Man...
V711 ETC2-V711 Datasheet
290Kb / 8P
   One-Piece Surface Steel Raceway
V704 ETC2-V704 Datasheet
290Kb / 8P
   One-Piece Surface Steel Raceway
V5744S ETC2-V5744S Datasheet
1Mb / 9P
   One-Piece Steel Surface Raceway
logo
Samtec, Inc
FSI SAMTEC-FSI Datasheet
512Kb / 6P
   1,00 mm One Piece Interface
logo
Lapp.
61721340 LAPP-61721340 Datasheet
72Kb / 1P
   RSK one-piece screen connector
13.03.2019
logo
Samtec, Inc
FSI-110-03-G-D-AD SAMTEC-FSI-110-03-G-D-AD Datasheet
1Mb / 2P
   LOW PROFILE & ELEVATED ONE PIECE
More results


Html Pages

1 2 3 4 5 6 7 8 9


bảng dữ liệu tải về

Go To PDF Page


Link URL




Chính sách bảo mật
ALLDATASHEET.VN
Cho đến nay ALLDATASHEET có giúp ích cho doanh nghiệp của bạn hay không?  [ DONATE ] 

Alldatasheet là   |   Quảng cáo   |   Liên lạc với chúng tôi   |   Chính sách bảo mật   |   Trao đổi link   |   Tìm kiếm theo nhà sản xuất
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com