công cụ tìm kiếm bảng dữ liệu linh kiện điện tử
  Vietnamese  ▼
ALLDATASHEET.VN

X  

BA2902YF-M bảng dữ liệu(PDF) 1 Page - Rohm

tên linh kiện BA2902YF-M
Giải thích chi tiết về linh kiện  Automotive Ground Sense Operational Amplifiers
Download  29 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
nhà sản xuất  ROHM [Rohm]
Trang chủ  http://www.rohm.com
Logo ROHM - Rohm

BA2902YF-M bảng dữ liệu(HTML) 1 Page - Rohm

  BA2902YF-M Datasheet HTML 1Page - Rohm BA2902YF-M Datasheet HTML 2Page - Rohm BA2902YF-M Datasheet HTML 3Page - Rohm BA2902YF-M Datasheet HTML 4Page - Rohm BA2902YF-M Datasheet HTML 5Page - Rohm BA2902YF-M Datasheet HTML 6Page - Rohm BA2902YF-M Datasheet HTML 7Page - Rohm BA2902YF-M Datasheet HTML 8Page - Rohm BA2902YF-M Datasheet HTML 9Page - Rohm Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 29 page
background image
www.rohm.com © 2012 ROHM Co., Ltd. All rights reserved.
TSZ02201-0RAR1G200510-1-2
TSZ22111・14・001
1/26
26.SEP.2012 Rev.002
BA2904YF-M
BA2904YFV-M
BA2904YFVM-M
BA2902YF-M
BA2902YFV-M
Operational Amplifier Series
Automotive Ground Sense
Operational Amplifiers
BA2904Yxxx-M, BA2902Yxx-M
●General Description
Automotive series BA2904Yxxx-M/BA2902Yxx-M
integrate two or four independent Op-Amps and
ground sense input
Amplifier on a single chip and
have some features of high-gain, low power
consumption, and operating voltage range of 3V to
32V (single power supply ). BA2904Yxxx-M,
BA2902Yxx-M are manufactured for automotive
requirements of car navigation system, car audio, and
so on.
●Features
 Operable with a single power supply
 Wide operating supply voltage
 Standard Op-Amp Pin-assignments
 Input and output are operable GND sense
 Low supply current
 High open loop voltage gain
 Internal ESD protection circuit
 Wide temperature range
●Key Specifications
 Wide operating supply voltage
single supply :
+3.0V to +32V
dual supply :
±1.5V to ±16V
 low supply current
BA2904Yxxx-M BA2902Yxx-M
0.7mA(Typ.)
 input bias current :
20nA(Typ.)
 input offset current :
2nA(Typ.)
 Operating temperature range :
-40℃ to +125℃
●Packages
W(Typ.) x D(Typ.) x H(Max.)
SOP8
5.00mm x 6.20mm x 1.71mm
SOP14
8.70mm x 6.20mm x 1.71mm
SSOP-B8
3.00mm x 6.40mm x 1.35mm
SSOP-B14
5.00mm x 6.40mm x 1.35mm
MSOP8
2.90mm x 4.00mm x 0.90mm
●Selection Guide
○Product structure:Silicon monolithic integrated circuit ○This product is not designed protection against radioactive rays.
Automotive(-M)
Quad
Dual
30mA / 20mA
30mA / 20mA
0.7mA
0.7mA
Output current
Source/Sink
+125°C
Maximum operating temperature
supply current


Số phần tương tự - BA2902YF-M

nhà sản xuấttên linh kiệnbảng dữ liệuGiải thích chi tiết về linh kiện
logo
Rohm
BA2902YF-ME2 ROHM-BA2902YF-ME2 Datasheet
565Kb / 29P
   Automotive Ground Sense Operational Amplifiers
More results

Mô tả tương tự - BA2902YF-M

nhà sản xuấttên linh kiệnbảng dữ liệuGiải thích chi tiết về linh kiện
logo
Rohm
BA2904YF-C ROHM-BA2904YF-C Datasheet
383Kb / 17P
   Automotive Operational Amplifiers: Ground Sense
BA2904YF-M ROHM-BA2904YF-M Datasheet
565Kb / 29P
   Automotive Ground Sense Operational Amplifiers
BA2904FC ROHM-BA2904FC Datasheet
471Kb / 30P
   Automotive Ground Sense Operational Amplifiers
BA10324AF-E2 ROHM-BA10324AF-E2 Datasheet
558Kb / 26P
   Ground Sense Operational Amplifiers
BA10358F-E2 ROHM-BA10358F-E2_13 Datasheet
644Kb / 48P
   Ground Sense Operational Amplifiers
BA10358F-E2 ROHM-BA10358F-E2_14 Datasheet
1Mb / 56P
   Ground Sense Operational Amplifiers
BA10358FV-E2 ROHM-BA10358FV-E2 Datasheet
558Kb / 26P
   Ground Sense Operational Amplifiers
BA2904F-E2 ROHM-BA2904F-E2 Datasheet
558Kb / 26P
   Ground Sense Operational Amplifiers
LM358F-E2 ROHM-LM358F-E2 Datasheet
1Mb / 48P
   Ground Sense Operational Amplifiers
01.Aug.2016 Rev.005
BA10358F-E2 ROHM-BA10358F-E2 Datasheet
554Kb / 26P
   Ground Sense Operational Amplifiers
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29


bảng dữ liệu tải về

Go To PDF Page


Link URL




Chính sách bảo mật
ALLDATASHEET.VN
Cho đến nay ALLDATASHEET có giúp ích cho doanh nghiệp của bạn hay không?  [ DONATE ] 

Alldatasheet là   |   Quảng cáo   |   Liên lạc với chúng tôi   |   Chính sách bảo mật   |   Trao đổi link   |   Tìm kiếm theo nhà sản xuất
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com