công cụ tìm kiếm bảng dữ liệu linh kiện điện tử
  Vietnamese  ▼
ALLDATASHEET.VN

X  

BA2107G-TR bảng dữ liệu(PDF) 3 Page - Rohm

tên linh kiện BA2107G-TR
Giải thích chi tiết về linh kiện  Low Noise Operational Amplifiers
Download  29 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
nhà sản xuất  ROHM [Rohm]
Trang chủ  http://www.rohm.com
Logo ROHM - Rohm

BA2107G-TR bảng dữ liệu(HTML) 3 Page - Rohm

  BA2107G-TR Datasheet HTML 1Page - Rohm BA2107G-TR Datasheet HTML 2Page - Rohm BA2107G-TR Datasheet HTML 3Page - Rohm BA2107G-TR Datasheet HTML 4Page - Rohm BA2107G-TR Datasheet HTML 5Page - Rohm BA2107G-TR Datasheet HTML 6Page - Rohm BA2107G-TR Datasheet HTML 7Page - Rohm BA2107G-TR Datasheet HTML 8Page - Rohm BA2107G-TR Datasheet HTML 9Page - Rohm Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 29 page
background image
Datasheet
www.rohm.com
TSZ02201-0RAR1G200090-1-2
© 2012 ROHM Co., Ltd. All rights reserved.
3/26
31.OCT.2012 Rev.001
TSZ22111・15・00
BA2107G, BA2115xxx
●Absolute Maximum Ratings (Ta=25℃)
○BA2107, BA2115
Parameter
Symbol
Ratings
Unit
Supply Voltage
VCC-VEE
+14
V
Power dissipation
Pd
SSOP5
675
*1*4
mW
SOP8
780
*2*4
SOP-J8
675
*1*4
MSOP8
590
*3*4
Differential Input Voltage
*5
Vid
+14
V
Input Common-mode Voltage Range
Vicm
(VEE-0.3) to VEE+14
V
Operating Supply Voltage
Vopr
2 to 14(±1 to ±7)
V
Operating Temperature
Topr
-40 to +85
Storage Temperature
Tstg
-55 to 150
Maximum Junction Temperature
Tjmax
+150
Note: Absolute maximum rating item indicates the condition which must not be exceeded.
Application of voltage in excess of absolute maximum rating or use out absolute maximum rated temperature environment may cause
deterioration of characteristics.
*1
To use at temperature above Ta=25℃ reduce 5.4mW/℃
*2
To use at temperature above Ta=25℃ reduce 6.2mW/℃
*3
To use at temperature above Ta=25℃ reduce 4.8mW/℃
*4
Mounted on a FR4 glass epoxy PCB(70mm×70mm×1.6mm).
*5
The voltage difference between inverting input and non-inverting input is the differential input voltage.
Then input terminal voltage is set to more than VEE.
●Electrical Characteristics
○BA2107 (Unless otherwise specified VCC=+2.5V, VEE=-2.5V, Ta=25℃)
Parameter
Symbol
Limits
Unit
Condition
Min.
Typ.
Max.
Input Offset Voltage
*6
Vio
-
1
6
mV
VOUT=0V, Vicm=0V
Input Offset Current
*6
Iio
-
2
200
nA
VOUT=0V, Vicm=0V
Input Bias Current
*7
Ib
-
150
400
nA
VOUT=0V, Vicm=0V
Supply Current
ICC
-
1.8
3.0
mA
Av=0dB, RL=∞, VIN+=0V
Maximum Output Voltage(High)
VOH
4.5
4.8
-
V
RL≧2.5k
Ω, VOHmin=VCC-0.5V
-
11.6
-
RL≧10k
Ω, VCC=12V, VEE=0V
VRL=6V, VOH=VCC-0.4V
-
15.5
-
RL≧10k
Ω, VCC=16V, VEE=0V
VRL=8V, VOH=VCC-0.5V
Maximum Output Voltage(Low)
VOL
0.5
0.2
-
V
RL≧2.5k
Ω, VOLmin=VEE+0.5V
-
0.4
-
RL≧10k
Ω, VCC=12V, VEE=0V
VRL=6V, VOL=VEE+0.4V
-
0.5
-
RL≧10k
Ω, VCC=16V, VEE=0V
VRL=8V, VOL=VEE+0.5V
Output Source Current
Isource
-
1.4
-
mA
-
Output Sink Current
Isink
-
90
-
mA
-
Large Signal Voltage Gain
Av
60
80
-
dB
RL≧10k
Ω, VOUT=2.5±2V
Vicm=2.5V
Input Common-mode Voltage Range
Vicm
1.0
-
4.0
V
VEE1.0V to VCC-1.0V
Common-mode Rejection Ratio
CMRR
60
74
-
dB
Vicm=1.0V to 4.0V
Power Supply Rejection Ratio
PSRR
60
80
-
dB
VCC=2V to 16V
Slew Rate
SR
-
4
-
V/μs Av=0dB, VIN=2VP-P
Gain Bandwidth Product
GBW
-
12
-
MHz
f=10kHz
Unity Gain Frequency
fT
-
3.4
-
MHz
0dB cross frequency
Input Referred Noise Voltage
Vn
-
7
-
Hz
nV/
Rg=600
Ω, DIN-AUDIO
-
0.9
-
μVrms Rg=600Ω, DIN-AUDIO
Total Harmonic Distortion
THD+N
-
0.008
-
Av=20dB, f=1kHz, DIN-AUDIO
*6
Absolute value
*7
Current direction: Since first input stage is composed with PNP transistor, input bias current flows out of IC.


Số phần tương tự - BA2107G-TR

nhà sản xuấttên linh kiệnbảng dữ liệuGiải thích chi tiết về linh kiện
logo
Rohm
BA2107G-TR ROHM-BA2107G-TR Datasheet
1Mb / 29P
   Low Noise Operational Amplifiers
BA2107G-TR ROHM-BA2107G-TR Datasheet
2Mb / 35P
   Low Noise Operational Amplifiers
More results

Mô tả tương tự - BA2107G-TR

nhà sản xuấttên linh kiệnbảng dữ liệuGiải thích chi tiết về linh kiện
logo
Rohm
BA14741F ROHM-BA14741F Datasheet
426Kb / 21P
   Low Noise Operational Amplifiers
BA2115FJ ROHM-BA2115FJ Datasheet
1Mb / 29P
   Low Noise Operational Amplifiers
logo
Texas Instruments
NE5534 TI-NE5534_08 Datasheet
489Kb / 18P
[Old version datasheet]   LOW-NOISE OPERATIONAL AMPLIFIERS
NE5534 TI-NE5534 Datasheet
314Kb / 15P
[Old version datasheet]   LOW-NOISE OPERATIONAL AMPLIFIERS
logo
Rohm
BA4558F ROHM-BA4558F_09 Datasheet
864Kb / 34P
   Operational Amplifiers: Low Noise
logo
Texas Instruments
NE5534 TI-NE5534_07 Datasheet
459Kb / 18P
[Old version datasheet]   LOW-NOISE OPERATIONAL AMPLIFIERS
logo
Rohm
BA4510F-E2 ROHM-BA4510F-E2 Datasheet
963Kb / 49P
   Low Noise Operational Amplifiers
BA4580RF-E2 ROHM-BA4580RF-E2 Datasheet
957Kb / 49P
   Low Noise Operational Amplifiers
BA4560FJ-E2 ROHM-BA4560FJ-E2 Datasheet
581Kb / 44P
   Low Noise Operational Amplifiers
BA2107G ROHM-BA2107G_14 Datasheet
2Mb / 35P
   Low Noise Operational Amplifiers
BA8522RF-E2 ROHM-BA8522RF-E2 Datasheet
690Kb / 26P
   Low Noise Operational Amplifiers
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29


bảng dữ liệu tải về

Go To PDF Page


Link URL




Chính sách bảo mật
ALLDATASHEET.VN
Cho đến nay ALLDATASHEET có giúp ích cho doanh nghiệp của bạn hay không?  [ DONATE ] 

Alldatasheet là   |   Quảng cáo   |   Liên lạc với chúng tôi   |   Chính sách bảo mật   |   Trao đổi link   |   Tìm kiếm theo nhà sản xuất
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com