công cụ tìm kiếm bảng dữ liệu linh kiện điện tử |
|
74AHCT1G66 bảng dữ liệu(PDF) 10 Page - NXP Semiconductors |
|
74AHCT1G66 bảng dữ liệu(HTML) 10 Page - NXP Semiconductors |
10 / 17 page 74AHC_AHCT1G66_4 © NXP B.V. 2008. All rights reserved. Product data sheet Rev. 04 — 18 December 2008 10 of 17 NXP Semiconductors 74AHC1G66; 74AHCT1G66 Single-pole single-throw analog switch 11.2 Additional dynamic characteristics Test data is given in Table 11. Definitions for test circuit: RT = Termination resistance should be equal to output impedance Zo of the pulse generator. CL = Load capacitance including jig and probe capacitance. RL = Load resistance. S1 = Test selection switch. Fig 10. Test circuit for measuring switching times VM VM tW tW 10 % 90 % 0 V VI VI negative pulse positive pulse 0 V VM VM 90 % 10 % tf tr tr tf 001aad983 DUT VCC VCC VI VO RT RL S1 CL open G Table 11. Test data Type Input Load S1 position VI tr, tf CL RL tPHL, tPLH tPZH, tPHZ tPZL, tPLZ 74AHC1G66 GND to VCC 3 ns 15 pF, 50 pF 1 k Ω open GND VCC 74AHCT1G66 GND to 3 V 3 ns 15 pF, 50 pF 1 k Ω open GND VCC Table 12. Additional dynamic characteristics for 74AHC1G66 and 74AHCT1G66 GND = 0 V; tr = tf = 3.0 ns; CL = 50 pF; unless otherwise specified. All typical values are measured at Tamb =25 °C. Symbol Parameter Conditions Min Typ Max Unit THD total harmonic distortion fi = 1 kHz; RL = 10 kΩ; see Figure 11 VCC = 3.0 V to 3.6 V - 0.025 - % VCC = 4.5 V to 5.5 V - 0.015 - % fi = 10 kHz; RL = 10 kΩ; see Figure 11 VCC = 3.0 V to 3.6 V; VI = 2.5 V - 0.025 - % VCC = 4.5 V to 5.5 V; VI = 4.0 V - 0.015 - % |
Số phần tương tự - 74AHCT1G66 |
|
Mô tả tương tự - 74AHCT1G66 |