công cụ tìm kiếm bảng dữ liệu linh kiện điện tử |
|
LM23058DRG bảng dữ liệu(PDF) 1 Page - LightKey Optoelectronics Ltd. |
|
LM23058DRG bảng dữ liệu(HTML) 1 Page - LightKey Optoelectronics Ltd. |
1 / 3 page LightKey SPEC NO: DS10121834 REV: A.4 CHECKED: Emily Zhou APPROVED: M.H. Lin PAGE: 1/3 HTTP://WWW.DISPLAYLEDS.COM TEL: 0086-574-86322282 DATE: Jul/20/2011 Datasheet of 2.30 inch 5x8 Dual Color Dot Matrix LED Display LM23058C/DRG Series – 2.30 inch 5x8 Dual Color Dot Matrix LED Display ATTENTION OBSERVE PRECAUTIONS FOR HANDLING ELECTROSTATIC DISCHARGE SENSITIVE DEVICES Features 60.60mm (1.20inch) digit high Dot size: Diameter 5.00 mm Pitch: 7.62 mm Wide viewing angle Emitted colors: red and green I.C. compatible Low power consumption White dot, grey or black face Available options Alternative emitting luminosity: Standard or high brightness version Alternative emitted color Alternative emitted color Alternative dot color Alternative face Both CC and CA versions are available Cropped terminal pins RoHS compliant Package Dimensions 2.54×9=22.86 Ø0.51 1 1 2 3 4 5 6 7 8 2 34 5 COL. ROW 7.62×4=30.48 37.8(1.51 ) 5 Ø.0(0.20 ) Notes: 1. All dimensions are in millimeters (inches), Tolerance is + 0.25mm (0.01inch) unless other wise noted. 2. Specifications are subject to change without notice. 3. The gap between the reflector and PCB shall not exceed 0.25mm. |
Số phần tương tự - LM23058DRG |
|
Mô tả tương tự - LM23058DRG |