công cụ tìm kiếm bảng dữ liệu linh kiện điện tử
  Vietnamese  ▼
ALLDATASHEET.VN

X  

3-141 bảng dữ liệu(PDF) 9 Page - List of Unclassifed Manufacturers

tên linh kiện 3-141
Giải thích chi tiết về linh kiện  High-Speed Interconnect Technology
Download  282 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
nhà sản xuất  ETC2 [List of Unclassifed Manufacturers]
Trang chủ  
Logo ETC2 - List of Unclassifed Manufacturers

3-141 bảng dữ liệu(HTML) 9 Page - List of Unclassifed Manufacturers

Back Button 3-141 Datasheet HTML 5Page - List of Unclassifed Manufacturers 3-141 Datasheet HTML 6Page - List of Unclassifed Manufacturers 3-141 Datasheet HTML 7Page - List of Unclassifed Manufacturers 3-141 Datasheet HTML 8Page - List of Unclassifed Manufacturers 3-141 Datasheet HTML 9Page - List of Unclassifed Manufacturers 3-141 Datasheet HTML 10Page - List of Unclassifed Manufacturers 3-141 Datasheet HTML 11Page - List of Unclassifed Manufacturers 3-141 Datasheet HTML 12Page - List of Unclassifed Manufacturers 3-141 Datasheet HTML 13Page - List of Unclassifed Manufacturers Next Button
Zoom Inzoom in Zoom Outzoom out
 9 / 282 page
background image
2-2
Call Toll Free: 1 (800) 323-9612
Barrier Blocks
■ Interposing barriers between terminals yield higher electrical ratings and provide additional
protection against frayed wire shorting.
■ A wide variety of barrier blocks makes it possible to select the combination of mechanical and
electrical characteristics that best meet the exact requirements of your application.
■ A wide selection of optional terminals and fanning strips permits the equipment designer to
choose the method of termination most suitable for his environmental specifications and
manufacturing requirements.
Insulation Material: Molded monoblock, general purpose
phenolic, black, UL Rated 94V-1
Eyelets: Material - Brass
Plating - Nickel
Screws: Material - Steel
Plating - Nickel over copper flash
Solder Terminals: Material - Brass
Plating - Electro-Tin
Marker Strip Material: Nema Grade XPC, UL Rated 94V-O
Operating Temperature: -55° to +300°F
Certifications: UL Recognized - File E61245
CSA - LR 31996
Marketed exclusively through distribution.


Số phần tương tự - 3-141

nhà sản xuấttên linh kiệnbảng dữ liệuGiải thích chi tiết về linh kiện
logo
Tyco Electronics
3-1414937-3 MACOM-3-1414937-3 Datasheet
315Kb / 4P
   Power Relay F7
logo
TE Connectivity Ltd
3-1414937-3 TEC-3-1414937-3 Datasheet
343Kb / 3P
   Automotive Relays Plug-in Maxi ISO Relays
3-1414937-3 TEC-3-1414937-3 Datasheet
343Kb / 3P
   Automotive Relays Plug-in Maxi ISO Relays
logo
Tyco Electronics
3-1415001-2 MACOM-3-1415001-2 Datasheet
315Kb / 4P
   Power Relay F7
logo
TE Connectivity Ltd
3-1415001-2 TEC-3-1415001-2 Datasheet
343Kb / 3P
   Automotive Relays Plug-in Maxi ISO Relays
More results

Mô tả tương tự - 3-141

nhà sản xuấttên linh kiệnbảng dữ liệuGiải thích chi tiết về linh kiện
logo
Vincotech
10-FZ072PB120SM03-M815F03 VINCOTECH-10-FZ072PB120SM03-M815F03 Datasheet
1Mb / 18P
   High speed IGBT5 technology
logo
Infineon Technologies A...
IKZ75N65EH5 INFINEON-IKZ75N65EH5 Datasheet
2Mb / 16P
   High speed H5 technology offering
Rev.2.1,2014-10-31
logo
Tyco Electronics
1410142-1 MACOM-1410142-1 Datasheet
494Kb / 6P
   High Speed Backplane Interconnect Solutions
logo
Infineon Technologies A...
IKP30N65H5 INFINEON-IKP30N65H5 Datasheet
2Mb / 17P
   High speed H5 technology offering
Rev.2.2,2014-12-04
SKW30N60HS INFINEON-SKW30N60HS Datasheet
435Kb / 14P
   HIGH SPEED IGBT IN NPT-TECHNOLOGY
Rev. 2 Aug-02
SGB15N60HS INFINEON-SGB15N60HS Datasheet
326Kb / 11P
   High Speed IGBT in NPT-technology
Rev 2.1 Jan 05
SGB15N60HS INFINEON-SGB15N60HS_06 Datasheet
820Kb / 11P
   High Speed IGBT in NPT-technology
Rev 2.3 Oct 06
SKB06N60HS INFINEON-SKB06N60HS Datasheet
356Kb / 14P
   High Speed IGBT in NPT-technology
Rev. 2.2 June 06
SKB15N60HS INFINEON-SKB15N60HS Datasheet
348Kb / 14P
   High Speed IGBT in NPT-technology
Rev 2.2 June 06
SKW20N60HS INFINEON-SKW20N60HS Datasheet
358Kb / 14P
   High Speed IGBT in NPT-technology
Rev. 2.2 June 06
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


bảng dữ liệu tải về

Go To PDF Page


Link URL




Chính sách bảo mật
ALLDATASHEET.VN
Cho đến nay ALLDATASHEET có giúp ích cho doanh nghiệp của bạn hay không?  [ DONATE ] 

Alldatasheet là   |   Quảng cáo   |   Liên lạc với chúng tôi   |   Chính sách bảo mật   |   Trao đổi link   |   Tìm kiếm theo nhà sản xuất
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com