công cụ tìm kiếm bảng dữ liệu linh kiện điện tử
  Vietnamese  ▼
ALLDATASHEET.VN

X  

CA24WC128KI-TE13 bảng dữ liệu(PDF) 1 Page - Catalyst Semiconductor

tên linh kiện CA24WC128KI-TE13
Giải thích chi tiết về linh kiện  128K-Bit I2C Serial CMOS E2PROM
Download  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
nhà sản xuất  CATALYST [Catalyst Semiconductor]
Trang chủ  http://www.catalyst-semiconductor.com
Logo CATALYST - Catalyst Semiconductor

CA24WC128KI-TE13 bảng dữ liệu(HTML) 1 Page - Catalyst Semiconductor

  CA24WC128KI-TE13 Datasheet HTML 1Page - Catalyst Semiconductor CA24WC128KI-TE13 Datasheet HTML 2Page - Catalyst Semiconductor CA24WC128KI-TE13 Datasheet HTML 3Page - Catalyst Semiconductor CA24WC128KI-TE13 Datasheet HTML 4Page - Catalyst Semiconductor CA24WC128KI-TE13 Datasheet HTML 5Page - Catalyst Semiconductor CA24WC128KI-TE13 Datasheet HTML 6Page - Catalyst Semiconductor CA24WC128KI-TE13 Datasheet HTML 7Page - Catalyst Semiconductor CA24WC128KI-TE13 Datasheet HTML 8Page - Catalyst Semiconductor  
Zoom Inzoom in Zoom Outzoom out
 1 / 8 page
background image
1
DESCRIPTION
The CAT24WC128 is a 128K-bit Serial CMOS E2PROM
internally organized as 16384 words of 8 bits each.
Catalyst’s advanced CMOS technology substantially
reduces
device
power
requirements.
The
Preliminary
* Catalyst Semiconductor is licensed by Philips Corporation to carry the I2C Bus Protocol.
s Write Protect Feature
– Entire Array Protected When WP at V
IH
s 100,000 Program/Erase Cycles
s 100 Year Data Retention
s 8-Pin DIP, 8-Pin SOIC or 14-pin TSSOP
CAT24WC128 features a 64-byte page write buffer. The
device operates via the I2C bus serial interface and is
available in 8-pin DIP, 8-pin SOIC or 14-pin TSSOP
packages.
PIN CONFIGURATION
BLOCK DIAGRAM
PIN FUNCTIONS
Pin Name
Function
SDA
Serial Data/Address
SCL
Serial Clock
WP
Write Protect
VCC
+1.8V to +6V Power Supply
VSS
Ground
24WC128 F02
CAT24WC128
128K-Bit I2C Serial CMOS E2PROM
s 1MHz I2C Bus Compatible*
s 1.8 to 6 Volt Operation
s Low Power CMOS Technology
s 64-Byte Page Write Buffer
s Self-Timed Write Cycle with Auto-Clear
s Commercial, Industrial and Automotive
Temperature Ranges
FEATURES
DIP Package (P)
SOIC Package (J,K)
24WC128 F01
© 1999 by Catalyst Semiconductor, Inc.
Characteristics subject to change without notice
NC
NC
VSS
NC
NC
VCC
WP
SCL
SDA
1
2
3
4
8
7
6
5
NC
VCC
WP
SCL
SDA
1
2
3
4
8
7
6
5
VSS
NC
DOUT
ACK
SENSE AMPS
SHIFT REGISTERS
CONTROL
LOGIC
WORD ADDRESS
BUFFERS
START/STOP
LOGIC
STATE COUNTERS
E2PROM
256X512
VCC
EXTERNAL LOAD
COLUMN
DECODERS
XDEC
DATA IN STORAGE
HIGH VOLTAGE/
TIMING CONTROL
VSS
WP
SCL
SDA
256
512
Doc. No. 25060-00 6/99
S-1
NC
NC
NC
NC
NC
2
3
4
13
12
11
5
6
7
10
9
8
114
SDA
WP
NC
NC
NC
SCL
NC
VSS
VCC
TSSOP Package (U14)


Số phần tương tự - CA24WC128KI-TE13

nhà sản xuấttên linh kiệnbảng dữ liệuGiải thích chi tiết về linh kiện
logo
Tyco Electronics
CA24 MACOM-CA24 Datasheet
359Kb / 2P
   Cascadable Amplifier 5 to 1500 MHz
logo
M/A-COM Technology Solu...
CA24 MA-COM-CA24 Datasheet
1Mb / 2P
   Cascadable Amplifier 5 to 1500 MHz
CA24 MA-COM-CA24 Datasheet
640Kb / 3P
   Cascadable Amplifier
logo
C&K Components
CA24-J1371-07-DQ CK-COMPONENTS-CA24-J1371-07-DQ Datasheet
159Kb / 4P
   Illuminated Power Rocker Switches
2003
CA24-J1371-07-HQ CK-COMPONENTS-CA24-J1371-07-HQ Datasheet
159Kb / 4P
   Illuminated Power Rocker Switches
2003
More results

Mô tả tương tự - CA24WC128KI-TE13

nhà sản xuấttên linh kiệnbảng dữ liệuGiải thích chi tiết về linh kiện
logo
Catalyst Semiconductor
CAT24WC129 CATALYST-CAT24WC129 Datasheet
74Kb / 8P
   128K-Bit I2C Serial CMOS E2PROM
CAT25C128 CATALYST-CAT25C128 Datasheet
60Kb / 11P
   128K/256K-Bit SPI Serial CMOS E2PROM
CAT25C64 CATALYST-CAT25C64 Datasheet
99Kb / 9P
   64K/128K-Bit SPI Serial CMOS E2PROM
CAT24WC129 CATALYST-CAT24WC129_04 Datasheet
585Kb / 9P
   128K-Bit I2C Serial CMOS EEPROM
CAT24WC128 CATALYST-CAT24WC128_05 Datasheet
404Kb / 9P
   128K-Bit I2C Serial CMOS EEPROM
CAT24WC32 CATALYST-CAT24WC32 Datasheet
404Kb / 10P
   32K/64K-Bit I2C Serial CMOS E2PROM
CAT24WC33 CATALYST-CAT24WC33 Datasheet
74Kb / 8P
   32K/64K-Bit I2C Serial CMOS E2PROM
logo
Microchip Technology
24LC128 MICROCHIP-24LC128 Datasheet
952Kb / 38P
   128K I2C??CMOS Serial EEPROM
2010
24AA128 MICROCHIP-24AA128_07 Datasheet
443Kb / 26P
   128K I2C CMOS Serial EEPROM
2007
24AA128 MICROCHIP-24AA128_09 Datasheet
618Kb / 32P
   128K I2C??CMOS Serial EEPROM
2009
More results


Html Pages

1 2 3 4 5 6 7 8


bảng dữ liệu tải về

Go To PDF Page


Link URL




Chính sách bảo mật
ALLDATASHEET.VN
Cho đến nay ALLDATASHEET có giúp ích cho doanh nghiệp của bạn hay không?  [ DONATE ] 

Alldatasheet là   |   Quảng cáo   |   Liên lạc với chúng tôi   |   Chính sách bảo mật   |   Trao đổi link   |   Tìm kiếm theo nhà sản xuất
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com