công cụ tìm kiếm bảng dữ liệu linh kiện điện tử |
|
ADG702BRT-REEL7 bảng dữ liệu(PDF) 8 Page - Analog Devices |
|
ADG702BRT-REEL7 bảng dữ liệu(HTML) 8 Page - Analog Devices |
8 / 12 page ADG701/ADG702 Rev. C | Page 8 of 12 TERMINOLOGY Table 7. Term Description RON Ohmic resistance between D and S. RFLAT(ON) Flatness is defined as the difference between the maximum and minimum value of on resistance as measured over the specified analog signal range. IS (OFF) Source leakage current with the switch off. ID (OFF) Drain leakage current with the switch off. ID, IS (ON) Channel leakage current with the switch on. VD (VS) Analog voltage on terminals D and S. CS (OFF) Off switch source capacitance. CD (OFF) Off switch drain capacitance. CD, CS (ON) On switch capacitance. tON Delay between applying the digital control input and the output switching on. See Figure 14. tOFF Delay between applying the digital control input and the output switching off. Off Isolation A measure of unwanted signal coupling through an off switch. Charge Injection A measure of the glitch impulse transferred from the digital input to the analog output during switching. Bandwidth The frequency at which the output is attenuated by −3 dB. On Response The frequency response of the on switch. On Loss The voltage drop across the on switch seen in Figure 10 as the number of decibels that the signal is from 0 dB at very low frequencies. |
Số phần tương tự - ADG702BRT-REEL7 |
|
Mô tả tương tự - ADG702BRT-REEL7 |
|
|
Link URL |
Chính sách bảo mật |
ALLDATASHEET.VN |
Cho đến nay ALLDATASHEET có giúp ích cho doanh nghiệp của bạn hay không? [ DONATE ] |
Alldatasheet là | Quảng cáo | Liên lạc với chúng tôi | Chính sách bảo mật | Trao đổi link | Tìm kiếm theo nhà sản xuất All Rights Reserved©Alldatasheet.com |
Russian : Alldatasheetru.com | Korean : Alldatasheet.co.kr | Spanish : Alldatasheet.es | French : Alldatasheet.fr | Italian : Alldatasheetit.com Portuguese : Alldatasheetpt.com | Polish : Alldatasheet.pl | Vietnamese : Alldatasheet.vn Indian : Alldatasheet.in | Mexican : Alldatasheet.com.mx | British : Alldatasheet.co.uk | New Zealand : Alldatasheet.co.nz |
Family Site : ic2ic.com |
icmetro.com |