công cụ tìm kiếm bảng dữ liệu linh kiện điện tử
  Vietnamese  ▼
ALLDATASHEET.VN

X  

LM108AJRQML bảng dữ liệu(PDF) 11 Page - Texas Instruments

tên linh kiện LM108AJRQML
Giải thích chi tiết về linh kiện  LM108/LM108AQML Operational Amplifiers
Download  22 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
nhà sản xuất  TI [Texas Instruments]
Trang chủ  http://www.ti.com
Logo TI - Texas Instruments

LM108AJRQML bảng dữ liệu(HTML) 11 Page - Texas Instruments

Back Button LM108AJRQML Datasheet HTML 7Page - Texas Instruments LM108AJRQML Datasheet HTML 8Page - Texas Instruments LM108AJRQML Datasheet HTML 9Page - Texas Instruments LM108AJRQML Datasheet HTML 10Page - Texas Instruments LM108AJRQML Datasheet HTML 11Page - Texas Instruments LM108AJRQML Datasheet HTML 12Page - Texas Instruments LM108AJRQML Datasheet HTML 13Page - Texas Instruments LM108AJRQML Datasheet HTML 14Page - Texas Instruments LM108AJRQML Datasheet HTML 15Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 11 / 22 page
background image
LM108A Rad Hard — Electrical Characteristics
DC Parameters
The following conditions apply to all the following parameters, unless otherwise specified.
±V
CC = ±20V, VCM = 0V, RS =50
Symbol
Parameter
Conditions
Notes
Min
Max
Units
Sub-
groups
V
IO
Input Offset Voltage
+V
CC = 35V, -VCC = -5V,
V
CM = -15V
-0.5
0.5
mV
1
-1.0
1.0
mV
2, 3
+V
CC = 5V, -VCC = -35V,
V
CM = 15V
-0.5
0.5
mV
1
-1.0
1.0
mV
2, 3
-0.5
0.5
mV
1
-1.0
1.0
mV
2, 3
+V
CC = +5V, -VCC = -5V
-0.5
0.5
mV
1
-1.0
1.0
mV
2, 3
Delta V
IO /
Delta T
Temperature Coefficient of
Input Offset Voltage
25˚C
≤ T
A
≤ +125˚C
(Note 9)
-5.0
5.0
µV/˚C
2
-55˚C
≤ T
A
≤ 25˚C
(Note 9)
-5.0
5.0
µV/˚C
3
I
IO
Input Offset Current
+V
CC = 35V, -VCC = -5V,
V
CM = -15V
-0.2
0.2
nA
1
-0.4
0.4
nA
2, 3
+V
CC = 5V, -VCC = -35V,
V
CM = 15V
-0.2
0.2
nA
1
-0.4
0.4
nA
2, 3
-0.2
0.2
nA
1
-0.4
0.4
nA
2, 3
+V
CC = +5V, -VCC = -5V
-0.2
0.2
nA
1
-0.4
0.4
nA
2, 3
Delta I
IO/
Delta T
Temperature Coefficient of
Input Offset Current
25˚C
≤ T
A
≤ +125˚C
(Note 9)
-2.5
2.5
pA/˚C
2
-55˚C
≤ T
A
≤ 25˚C
(Note 9)
-2.5
2.5
pA/˚C
3
±I
IB
Input Bias Current
+V
CC = 35V, -VCC = -5V,
V
CM = -15V
-0.1
2.0
nA
1
-1.0
2.0
nA
2
-0.1
3.0
nA
3
+V
CC = 5V, -VCC = -35V,
V
CM = 15V
-0.1
2.0
nA
1
-1.0
2.0
nA
2
-0.1
3.0
nA
3
-0.1
2.0
nA
1
-1.0
2.0
nA
2
-0.1
3.0
nA
3
+V
CC = +5V, -VCC = -5V
-0.1
2.0
nA
1
-1.0
2.0
nA
2
-0.1
3.0
nA
3
+PSRR
Power Supply Rejection Ratio
+V
CC = 10V, -VCC = -20V
-16
16
µV/V
1, 2, 3
-PSRR
Power Supply Rejection Ratio
+V
CC = 20V, -VCC = -10V
-16
16
µV/V
1, 2, 3
CMRR
Common Mode Rejection Ratio V
CM = ± 15V
96
dB
1, 2, 3
+I
OS
Short Circuit Current
+V
CC = +15V,
-V
CC = -15V, t
≤ 25mS
-20
mA
1, 2, 3
-I
OS
Short Circuit Current
+V
CC = +15V,
-V
CC = -15V, t
≤ 25mS
20
mA
1, 2, 3
I
CC
Power Supply Current
+V
CC = +15V,
-V
CC = -15V
0.6
mA
1, 2
0.8
mA
3
+V
OP
Output Voltage Swing
R
L = 10K
16
V
4,5,6
-V
OP
Output Voltage Swing
R
L = 10K
-16
V
4,5,6
+A
VS
Open Loop Voltage Gain
R
L = 10K
Ω, Vout = +15V
(Note 10)
80
V/mV
4
(Note 10)
40
V/mV
5, 6
www.national.com
10


Số phần tương tự - LM108AJRQML

nhà sản xuấttên linh kiệnbảng dữ liệuGiải thích chi tiết về linh kiện
logo
National Semiconductor ...
LM108AJ-8 NSC-LM108AJ-8 Datasheet
158Kb / 8P
   Operational Amplifiers
logo
Texas Instruments
LM108AJAN TI1-LM108AJAN Datasheet
749Kb / 18P
[Old version datasheet]   LM108AJAN Operational Amplifiers
LM108AJAN TI1-LM108AJAN Datasheet
380Kb / 13P
[Old version datasheet]   Operational Amplifiers
LM108AJAN-SP TI1-LM108AJAN-SP Datasheet
380Kb / 13P
[Old version datasheet]   Operational Amplifiers
LM108AJAN TI1-LM108AJAN_13 Datasheet
380Kb / 13P
[Old version datasheet]   Operational Amplifiers
More results

Mô tả tương tự - LM108AJRQML

nhà sản xuấttên linh kiệnbảng dữ liệuGiải thích chi tiết về linh kiện
logo
Texas Instruments
LM108AQML TI-LM108AQML_15 Datasheet
659Kb / 21P
[Old version datasheet]   LM108-N/LM108AQML Operational Amplifiers
LM208-N TI1-LM208-N Datasheet
1Mb / 20P
[Old version datasheet]   LM108/LM208/LM308 Operational Amplifiers
logo
Rochester Electronics
LM108 ROCHESTER-LM108 Datasheet
337Kb / 4P
   OPERATIONAL AMPLIFIER Industry Part Number LM108
logo
Linear Technology
LM308A LINER-LM308A_15 Datasheet
459Kb / 8P
   OPERATIONAL AMPLIFIERS
logo
Analog Devices
AD8529 AD-AD8529_15 Datasheet
400Kb / 16P
   Operational Amplifiers
REV. D
logo
Texas Instruments
LM112 TI1-LM112_11 Datasheet
450Kb / 8P
[Old version datasheet]   Operational Amplifiers
LM107 TI1-LM107_11 Datasheet
444Kb / 12P
[Old version datasheet]   Operational Amplifiers
logo
National Semiconductor ...
LM101A NSC-LM101A_00 Datasheet
608Kb / 20P
   Operational Amplifiers
logo
Maxwell Technologies
OP284 MAXWELL-OP284 Datasheet
861Kb / 16P
   Operational Amplifiers
logo
National Semiconductor ...
LM108 NSC-LM108 Datasheet
289Kb / 10P
   Operational Amplifiers
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22


bảng dữ liệu tải về

Go To PDF Page


Link URL




Chính sách bảo mật
ALLDATASHEET.VN
Cho đến nay ALLDATASHEET có giúp ích cho doanh nghiệp của bạn hay không?  [ DONATE ] 

Alldatasheet là   |   Quảng cáo   |   Liên lạc với chúng tôi   |   Chính sách bảo mật   |   Trao đổi link   |   Tìm kiếm theo nhà sản xuất
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com