công cụ tìm kiếm bảng dữ liệu linh kiện điện tử
  Vietnamese  ▼
ALLDATASHEET.VN

X  

ADS8861IDGS bảng dữ liệu(PDF) 11 Page - Texas Instruments

Click here to check the latest version.
tên linh kiện ADS8861IDGS
Giải thích chi tiết về linh kiện  16-Bit 1-MSPS Serial Interface microPower Miniature True-Differential Input SAR Analog-to-Digital Converter
Download  48 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
nhà sản xuất  TI1 [Texas Instruments]
Trang chủ  http://www.ti.com
Logo TI1 - Texas Instruments

ADS8861IDGS bảng dữ liệu(HTML) 11 Page - Texas Instruments

Back Button ADS8861IDGS Datasheet HTML 7Page - Texas Instruments ADS8861IDGS Datasheet HTML 8Page - Texas Instruments ADS8861IDGS Datasheet HTML 9Page - Texas Instruments ADS8861IDGS Datasheet HTML 10Page - Texas Instruments ADS8861IDGS Datasheet HTML 11Page - Texas Instruments ADS8861IDGS Datasheet HTML 12Page - Texas Instruments ADS8861IDGS Datasheet HTML 13Page - Texas Instruments ADS8861IDGS Datasheet HTML 14Page - Texas Instruments ADS8861IDGS Datasheet HTML 15Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 11 / 48 page
background image
±200
±180
±160
±140
±120
±100
±80
±60
±40
±20
0
0
100
200
300
400
500
Input Frequency (kHz)
C011
AVDD = 3 V
REF = 2.5 V
T
A = 25ƒC
f
IN = 1 kHz
SNR = 93.5 dB
THD =
±118 dB
±200
±180
±160
±140
±120
±100
±80
±60
±40
±20
0
0
100
200
300
400
500
Input Frequency (kHz)
C012
AVDD = 3 V
REF = 5 V
T
A = 25ƒC
f
IN = 1 kHz
SNR = 96.1 dB
THD =
±112 dB
0
10
20
30
40
50
60
70
80
-1
0
1
2
3
ADC Output Code
C00
AVDD = 3 V
REF = 2.5 V
T
A = 25
oC
0
10
20
30
40
50
60
70
80
-1
0
1
2
ADC Output Code
C01
AVDD = 3 V
REF = 5 V
T
A = 25
oC
-1
-0.75
-0.5
-0.25
0
0.25
0.5
0.75
1
2.5
3
3.5
4
4.5
5
Reference Voltage (V)
C00
Maximum INL
Minimum INL
AVDD = 3 V
T
A = 25
oC
-1
-0.75
-0.5
-0.25
0
0.25
0.5
0.75
1
2.5
3
3.5
4
4.5
5
Reference Voltage (V)
C00
AVDD = 3 V
T
A = 25
oC
Maximum DNL
Minimum DNL
ADS8861
www.ti.com
SBAS557A – MAY 2013 – REVISED DECEMBER 2013
TYPICAL CHARACTERISTICS (continued)
At TA = +25°C, AVDD = 3 V, DVDD = 3 V, VREF = 5 V, and fSAMPLE = 1 MSPS, unless otherwise noted.
Figure 12. INL vs REFERENCE VOLTAGE
Figure 13. DNL vs REFERENCE VOLTAGE
Figure 14. DC INPUT HISTOGRAM (VREF = 2.5 V)
Figure 15. DC INPUT HISTOGRAM (VREF = 5 V)
Figure 16. TYPICAL FFT (VREF = 2.5 V)
Figure 17. TYPICAL FFT (VREF = 5 V)
Copyright © 2013, Texas Instruments Incorporated
Submit Documentation Feedback
11
Product Folder Links: ADS8861


Số phần tương tự - ADS8861IDGS

nhà sản xuấttên linh kiệnbảng dữ liệuGiải thích chi tiết về linh kiện
logo
Texas Instruments
ADS8861IDGS TI1-ADS8861IDGS Datasheet
1Mb / 49P
[Old version datasheet]   16-Bit, 1-MSPS, Serial Interface, microPower, Miniature, True-Differential Input, SAR Analog-to-Digital Converter
ADS8861IDGSR TI1-ADS8861IDGSR Datasheet
1Mb / 49P
[Old version datasheet]   16-Bit, 1-MSPS, Serial Interface, microPower, Miniature, True-Differential Input, SAR Analog-to-Digital Converter
More results

Mô tả tương tự - ADS8861IDGS

nhà sản xuấttên linh kiệnbảng dữ liệuGiải thích chi tiết về linh kiện
logo
Texas Instruments
ADS8861 TI1-ADS8861_14 Datasheet
1Mb / 49P
[Old version datasheet]   16-Bit, 1-MSPS, Serial Interface, microPower, Miniature, True-Differential Input, SAR Analog-to-Digital Converter
ADS8881 TI-ADS8881 Datasheet
893Kb / 44P
[Old version datasheet]   18-Bit, 1-MSPS, Serial Interface, microPower, Miniature, True-Differential Input, SAR Analog-to-Digital Converter
ADS8881C TI1-ADS8881C Datasheet
1Mb / 57P
[Old version datasheet]   ADS8881x 18-Bit, 1-MSPS, Serial Interface, microPower, Miniature, True-Differential Input, SAR Analog-to-Digital Converter
ADS8881C TI1-ADS8881C_15 Datasheet
1Mb / 57P
[Old version datasheet]   Serial Interface, microPower, Miniature, True-Differential Input, SAR Analog-to-Digital Converter
ADS8865 TI1-ADS8865_14 Datasheet
1Mb / 49P
[Old version datasheet]   16-Bit, 400-kSPS, Serial Interface, microPower, Miniature, True-Differential Input, SAR Analog-to-Digital Converter
ADS8863 TI1-ADS8863_14 Datasheet
1Mb / 49P
[Old version datasheet]   16-Bit, 680-kSPS, Serial Interface, microPower, Miniature, True-Differential Input, SAR Analog-to-Digital Converter
ADS8867 TI1-ADS8867_14 Datasheet
1Mb / 45P
[Old version datasheet]   16-Bit, 100-kSPS, Serial Interface, microPower, Miniature, True-Differential Input, SAR Analog-to-Digital Converter
ADS8860 TI1-ADS8860_14 Datasheet
1Mb / 46P
[Old version datasheet]   16-Bit, 1-MSPS, Serial Interface, microPower, Miniature Single-Ended Input, SAR Analog-to-Digital Converter
ADS8860IDRCT TI1-ADS8860IDRCT Datasheet
1Mb / 45P
[Old version datasheet]   16-Bit 1-MSPS Serial Interface microPower Miniature Single-Ended Input SAR Analog-to-Digital Converter
ADS8887IDRCT TI-ADS8887IDRCT Datasheet
1Mb / 44P
[Old version datasheet]   18-Bit, 100-kSPS, Serial Interface, microPower, Miniature, True-Differential Input, SAR Analog-to-Digital Converter
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48


bảng dữ liệu tải về

Go To PDF Page


Link URL




Chính sách bảo mật
ALLDATASHEET.VN
Cho đến nay ALLDATASHEET có giúp ích cho doanh nghiệp của bạn hay không?  [ DONATE ] 

Alldatasheet là   |   Quảng cáo   |   Liên lạc với chúng tôi   |   Chính sách bảo mật   |   Trao đổi link   |   Tìm kiếm theo nhà sản xuất
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com