công cụ tìm kiếm bảng dữ liệu linh kiện điện tử
  Vietnamese  ▼
ALLDATASHEET.VN

X  

ADP7104 bảng dữ liệu(PDF) 10 Page - Analog Devices

tên linh kiện ADP7104
Giải thích chi tiết về linh kiện  EVAL-AD7903SDZ User Guide UG-609
Download  32 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
nhà sản xuất  AD [Analog Devices]
Trang chủ  http://www.analog.com
Logo AD - Analog Devices

ADP7104 bảng dữ liệu(HTML) 10 Page - Analog Devices

Back Button ADP7104 Datasheet HTML 6Page - Analog Devices ADP7104 Datasheet HTML 7Page - Analog Devices ADP7104 Datasheet HTML 8Page - Analog Devices ADP7104 Datasheet HTML 9Page - Analog Devices ADP7104 Datasheet HTML 10Page - Analog Devices ADP7104 Datasheet HTML 11Page - Analog Devices ADP7104 Datasheet HTML 12Page - Analog Devices ADP7104 Datasheet HTML 13Page - Analog Devices ADP7104 Datasheet HTML 14Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 10 / 32 page
background image
UG-609
EVAL-AD7903SDZ User Guide
Rev. 0 | Page 10 of 32
LINK CONFIGURATION OPTIONS
Care should be taken before applying power and signals to the
evaluation board to ensure that all link positions are as required
by the operating mode. There are two modes in which to operate
the evaluation board. The evaluation board can be operated in
SDP controlled mode to be used with the SDP board, or the
evaluation board can be used in standalone mode.
When operating in SDP controlled mode, ensure that VIO is
3.3 V. Operating with a VIO greater than 3.3 V in SDP controlled
mode may damage the SDP board.
The Default Position column of Table 3 shows the default
positions in which the links are set when the evaluation board is
packaged. When the board is shipped, it is assumed that you are
going to operate the evaluation board with the SDP board (SDP
controlled mode).
Table 3. Solder Links—Factory Default Settings
Link
Setting
Function
Comment
SL1
A
+VS
Change to B if using bench supplies.
SL2
A
−VS
Change to B if using bench supplies.
SL3
A
−VS
Change to B if using bench supplies.
SL4
A
+VS
Change to B if using bench supplies.
SL5
A
Analog input
Do not alter.
SL6
A
Analog input
Do not alter.
LK3
A
V_SDP
Change to B if using bench supplies.
LK4
A
VREF
Change to B if using bench supplies.
LK5
A
VDD for ADC
Change to B if using bench supplies.
LK6
A
U12 output connects to
U14 input
Change to B if U14 inverting input needs to be connected to ground.
LK7
A
U17 output connects to
U16 input
Change to B if U16 inverting input needs to be connected to ground.
LK8
A
ADC2 input
Change to B if using ADC1 input.
LK9
A
ADC2 input
Change to B if using ADC1 input.
LK10
A
U17 input
Change to B if U17 needs to be bypassed.
LK11
A
U17 input
Change to B if U17 needs to be bypassed.
LK12
A
U16 input
Change to B if U16 needs to be bypassed.


Số phần tương tự - ADP7104

nhà sản xuấttên linh kiệnbảng dữ liệuGiải thích chi tiết về linh kiện
logo
Analog Devices
ADP7104 AD-ADP7104 Datasheet
727Kb / 28P
   20 V, 500 mA, Low Noise, CMOS LDO
REV. B
ADP7104ACPZ-1.5-R7 AD-ADP7104ACPZ-1.5-R7 Datasheet
727Kb / 28P
   20 V, 500 mA, Low Noise, CMOS LDO
REV. B
ADP7104ACPZ-1.8-R7 AD-ADP7104ACPZ-1.8-R7 Datasheet
727Kb / 28P
   20 V, 500 mA, Low Noise, CMOS LDO
REV. B
ADP7104ACPZ-2.5-R7 AD-ADP7104ACPZ-2.5-R7 Datasheet
727Kb / 28P
   20 V, 500 mA, Low Noise, CMOS LDO
REV. B
ADP7104ACPZ-3.0-R7 AD-ADP7104ACPZ-3.0-R7 Datasheet
727Kb / 28P
   20 V, 500 mA, Low Noise, CMOS LDO
REV. B
More results

Mô tả tương tự - ADP7104

nhà sản xuấttên linh kiệnbảng dữ liệuGiải thích chi tiết về linh kiện
logo
Analog Devices
UG-851 AD-UG-851 Datasheet
1Mb / 15P
   EVAL-AD7606SDZ/EVAL-AD7607SDZ/EVAL-AD7608SDZ User Guide
UG-223 AD-UG-223 Datasheet
743Kb / 20P
   This user guide describes the EVAL-AD7193EBZ evaluation
logo
Infineon Technologies A...
UG2020-29 INFINEON-UG2020-29 Datasheet
3Mb / 39P
   EVAL-M1-IM535 user guide iMOTION??modular application design kit
V1.0 2020-09-30
logo
Connor-Winfield Corpora...
DOC-EVAL CONNOR-WINFIELD-DOC-EVAL Datasheet
698Kb / 1P
   Eval Board Quick Start Guide
FTS-FR125 CONNOR-WINFIELD-FTS-FR125 Datasheet
2Mb / 2P
   Eval Board Quick Start Guide
logo
List of Unclassifed Man...
DOC1925 ETC1-DOC1925 Datasheet
2Mb / 61P
   User Guide
logo
Texas Instruments
ADS1232REF TI1-ADS1232REF Datasheet
667Kb / 30P
[Old version datasheet]   USER GUIDE
logo
STMicroelectronics
ST9 STMICROELECTRONICS-ST9 Datasheet
1Mb / 146P
   USER GUIDE
logo
Motorola, Inc
MC9S12H256 MOTOROLA-MC9S12H256 Datasheet
2Mb / 130P
   Device User Guide
logo
Freescale Semiconductor...
MC9S12DG128MPVE FREESCALE-MC9S12DG128MPVE Datasheet
2Mb / 128P
   Device User Guide
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32


bảng dữ liệu tải về

Go To PDF Page


Link URL




Chính sách bảo mật
ALLDATASHEET.VN
Cho đến nay ALLDATASHEET có giúp ích cho doanh nghiệp của bạn hay không?  [ DONATE ] 

Alldatasheet là   |   Quảng cáo   |   Liên lạc với chúng tôi   |   Chính sách bảo mật   |   Trao đổi link   |   Tìm kiếm theo nhà sản xuất
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com