công cụ tìm kiếm bảng dữ liệu linh kiện điện tử
  Vietnamese  ▼
ALLDATASHEET.VN

X  

SBU60 bảng dữ liệu(PDF) 1 Page - MPS Industries, Inc.

tên linh kiện SBU60
Giải thích chi tiết về linh kiện  SBU 60 series
Download  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
nhà sản xuất  MPSIND [MPS Industries, Inc.]
Trang chủ  http://www.mpsind.com/index.html
Logo MPSIND - MPS Industries, Inc.

SBU60 bảng dữ liệu(HTML) 1 Page - MPS Industries, Inc.

  SBU60 Datasheet HTML 1Page - MPS Industries, Inc. SBU60 Datasheet HTML 2Page - MPS Industries, Inc.  
Zoom Inzoom in Zoom Outzoom out
 1 / 2 page
background image
Sym.
Parameter
Test Conditions
Min.
Typ.
Max.
Unit
Vin
Input Voltage
Operating Voltage
90
264
VAC
Fin
Input Frequency
47
63
Hz
Wo
Output Power Range
Vin=90 to 264VAC
0
63
W
Vo
Output Voltage Range
See rating chart
V
Io
Output Current Range
See rating chart
A
Iil
Input Current (Low Line)
Io=Full load, Vin=115VAC
1.6
A
Iih
Input Current (High Line)
Io=Full load, Vin=230VAC
1.0
A
Irl
Low Line Inrush Current
Io=Full load, 25
°c, Cool start,
Vin=115VAC
12
15
A
Irh
High Line Inrush Current
Io=Full load, 25
°c, Cool start,
Vin=230VAC
26
30
A
Eff
Efficiency
Io=Full Load, Vin=230VAC
70
80
88
%
REG-i
Line Regulation
Io=Full Load
0.5
1
%
REG-o
Load Regulation
Vin=230VAC
3
6
%
OVP
Over Voltage Protection
112
132
%
OCP
Over Current Protection
110
150
%
Ttr
Transient Response
Io=Full Load to Half Load, Vin=100VAC
4
mS
Thold
Hold-Up Time
Io=Full Load, Vin=110VAC
12
mS
Ts
Start Up Time
Io=Full Load, Vin=100VAC
0.3
1
2
S
Vrn
Ripple & Noise (Pe ak to Peak)
Full Load, Vin=90VAC
1
2
%
Ilk
Safety Ground Leakage Curr ent
Io=Full Load, Vin=240VAC
0.4
0.45
mA
Tc
Temperature Coefficient
All output
-0.04
0.04
%/
°c
SBU60 SERIES
Description:
Wide Input Voltage 90 to 264 VAC,47 to 63 Hz
Internal EMI filter
Single to Quad Output
Input connector mates with Molex housing 09-50-3051 and
Molex 2878 series crimp terminal
Output connector mates with Molex housing 09-50-3061 (or
09-50-3081) and Molex 2878 series crimp terminal
Output Voltage Available From 3 VDC Thru 50 VDC
Input Surge Current, Over Voltage and Over Load protection
Size: 3"x5"x1.09"
Class I Insulation
Two Years Warranty
Electrical Characteristics:
Environmental :
Safety Approvals :
CB
The SBU60 series of compact, open frame constructed, AC/DC
switching mode power supplies provide 63 Watts of continuous
output power .They are ideally suited for use in CRT terminals
,disc drive systems, microprocess or based systems, portable
equipments and many other applications. All models meet FCC
Part-15 class B and CISPR-22 class B emission Limits and are
designed to comply with UL/c-UL(UL 60950),ITS/GS(EN 60950)
and new CE requirements. All units are 100% burned in and
tested.
Bauart
gepruft
Testing &
Certification
ITS
Features:
63W Open Frame Switching Power Supplies For I.T.E.
S&E
Safety Specifications:
Relative Humidity
5
95
%
Operating Temperature
Storage Temperature
0
70
85
-40
Toper
Hr
Tstg
Pd
Sym.
Parameter
Min. Typ. Max.
Unit
Derate linearly from 100% load at 40 C to 50% load at 70 C
Te s t Conditions
C
C
Parameter
Te s t Conditions
Min. Typ. Max.
Unit
Dielectric Withstanding Voltage
for Primary to secondary
Primary to secondary
4242
VDC
Primary to ground
2121
Test Voltage=500VDC
50
M
Vin=220VAC
B
CLASS
Sym.
Vps
Vpg
Ri
CISPR
FCC
Isolation Resistance
EMI requirements for CISPR-22
Vin=110VAC
VDC
B
CLASS
Dielectric Withstanding Voltage
for Primary to Ground
EMI requirements for FCC PART-15


Số phần tương tự - SBU60

nhà sản xuấttên linh kiệnbảng dữ liệuGiải thích chi tiết về linh kiện
logo
DB Lectro Inc
SBU60 DBLECTRO-SBU60 Datasheet
205Kb / 2P
   63W Open Frame Switching Power Supplies For I.T.E.
logo
Volgen Kaga Electronics...
SBU60 VOLGEN-SBU60 Datasheet
491Kb / 2P
   63W Open Frame Switching Power Supplies For I.T.E.
logo
DB Lectro Inc
SBU60-101 DBLECTRO-SBU60-101 Datasheet
205Kb / 2P
   63W Open Frame Switching Power Supplies For I.T.E.
logo
Volgen Kaga Electronics...
SBU60-101 VOLGEN-SBU60-101 Datasheet
491Kb / 2P
   63W Open Frame Switching Power Supplies For I.T.E.
logo
DB Lectro Inc
SBU60-102 DBLECTRO-SBU60-102 Datasheet
205Kb / 2P
   63W Open Frame Switching Power Supplies For I.T.E.
More results

Mô tả tương tự - SBU60

nhà sản xuấttên linh kiệnbảng dữ liệuGiải thích chi tiết về linh kiện
logo
Texas Instruments
TS3USBCA4 TI1-TS3USBCA4_18 Datasheet
1Mb / 40P
[Old version datasheet]   USB Type-C SBU Multiplexer
logo
ON Semiconductor
FUSB251 ONSEMI-FUSB251 Datasheet
322Kb / 19P
   Type-C CC and SBU Protection IC
February, 2019 ??Rev. 0
logo
NXP Semiconductors
NX20P0407 NXP-NX20P0407 Datasheet
496Kb / 18P
   USB Type-C CC and SBU Protection IC
Rev. 1.3 ??22 August 2019
logo
Texas Instruments
TS3USBCA4 TI1-TS3USBCA4 Datasheet
156Kb / 5P
[Old version datasheet]   USB Type-C SBU Multiplexer with MIC/AGND
logo
Kinetic Technologies.
KTU1121A KINETIC-KTU1121A Datasheet
705Kb / 19P
   USB Type-C Port Protector for CC and SBU Pins
March 2022 - Revision 04a
KTU1120 KINETIC-KTU1120 Datasheet
147Kb / 2P
   USB Type-C Port Protector for CC and SBU Pins
August 2021 - Revision 04a
logo
TRACO Electronic AG
TEN60 TRACOPOWER-TEN60 Datasheet
943Kb / 5P
   TEN 60 Series, 60 Watt
Rev. November 30, 2022
logo
Kinetic Technologies.
KTU1131 KINETIC-KTU1131 Datasheet
571Kb / 15P
   USB Type-C Port Protector for CC, SBU and D/- Pins
May 2022 - Revision 04d
KTU1101 KINETIC-KTU1101 Datasheet
935Kb / 15P
   USB Type-C Port Protector for CC and SBU Pins
December 2020 - Revision 04c
KTU1121 KINETIC-KTU1121 Datasheet
704Kb / 19P
   USB Type-C Port Protector for CC and SBU Pins
December 2021 - Revision 04b
More results


Html Pages

1 2


bảng dữ liệu tải về

Go To PDF Page


Link URL




Chính sách bảo mật
ALLDATASHEET.VN
Cho đến nay ALLDATASHEET có giúp ích cho doanh nghiệp của bạn hay không?  [ DONATE ] 

Alldatasheet là   |   Quảng cáo   |   Liên lạc với chúng tôi   |   Chính sách bảo mật   |   Trao đổi link   |   Tìm kiếm theo nhà sản xuất
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com