công cụ tìm kiếm bảng dữ liệu linh kiện điện tử
  Vietnamese  ▼
ALLDATASHEET.VN

X  

LM3940IT-33 bảng dữ liệu(PDF) 7 Page - Texas Instruments

tên linh kiện LM3940IT-33
Giải thích chi tiết về linh kiện  LM3940 1A Low Dropout Regulator for 5V to 3.3V Conversion
Download  18 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
nhà sản xuất  TI1 [Texas Instruments]
Trang chủ  http://www.ti.com
Logo TI1 - Texas Instruments

LM3940IT-33 bảng dữ liệu(HTML) 7 Page - Texas Instruments

Back Button LM3940IT-33 Datasheet HTML 3Page - Texas Instruments LM3940IT-33 Datasheet HTML 4Page - Texas Instruments LM3940IT-33 Datasheet HTML 5Page - Texas Instruments LM3940IT-33 Datasheet HTML 6Page - Texas Instruments LM3940IT-33 Datasheet HTML 7Page - Texas Instruments LM3940IT-33 Datasheet HTML 8Page - Texas Instruments LM3940IT-33 Datasheet HTML 9Page - Texas Instruments LM3940IT-33 Datasheet HTML 10Page - Texas Instruments LM3940IT-33 Datasheet HTML 11Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 7 / 18 page
background image
LM3940
www.ti.com
SNVS114E – MAY 1999 – REVISED MARCH 2013
IIN = IL + IG
PD = (VIN − VOUT) IL + (VIN) IG
Figure 20. Power Dissipation Diagram
The next parameter which must be calculated is the maximum allowable temperature rise, TR (max). This is
calculated by using the formula:
TR (max) = TJ (max) − TA (max)
Where: TJ (max) is the maximum allowable junction temperature, which is 125°C for commercial grade parts.
TA (max) is the maximum ambient temperature which will be encountered in the application.
Using the calculated values for TR(max) and PD, the maximum allowable value for the junction-to-ambient
thermal resistance,
θ(JA), can now be found:
θ(JA) = TR (max)/PD
IMPORTANT: If the maximum allowable value for
θ(JA) is found to be ≥ 60°C/W for the TO-220 package, ≥
80°C/W for the DDPAK/TO-263 package, or
≥174°C/W for the SOT-223 package, no heatsink is needed since
the package alone will dissipate enough heat to satisfy these requirements.
If the calculated value for
θ(JA)falls below these limits, a heatsink is required.
HEATSINKING TO-220 PACKAGE PARTS
The TO-220 can be attached to a typical heatsink, or secured to a copper plane on a PC board. If a copper plane
is to be used, the values of
θ(JA) will be the same as shown in the HEATSINKING TO-263 section for the
DDPAK/TO-263.
If a manufactured heatsink is to be selected, the value of heatsink-to-ambient thermal resistance,
θ(H−A), must
first be calculated:
θ(H−A) = θ(JA) − θ(C−H) − θ(J−C)
Where:
θ(J−C) is defined as the thermal resistance from the junction to the surface of the case. A value of 4°C/W
can be assumed for
θ(J−C) for this calculation.
θ(C−H) is defined as the thermal resistance between the case and the surface of the heatsink. The value of
θ(C−H) will vary from about 1.5°C/W to about 2.5°C/W (depending on method of attachment, insulator, etc.).
If the exact value is unknown, 2°C/W should be assumed for
θ(C−H).
When a value for
θ(H−A) is found using the equation shown above, a heatsink must be selected that has a value
that is less than or equal to this number.
θ(H−A) is specified numerically by the heatsink manufacturer in the catalog, or shown in a curve that plots
temperature rise vs. power dissipation for the heatsink.
HEATSINKING DDPAK/TO-263 AND SOT-223 PACKAGE PARTS
Both the DDPAK/TO-263 (“KTT”) and SOT-223 (“DCY”) packages use a copper plane on the PCB and the PCB
itself as a heatsink. To optimize the heat sinking ability of the plane and PCB, solder the tab of the package to
the plane.
Figure 21 shows for the DDPAK/TO-263 the measured values of
θ(JA) for different copper area sizes using a
typical PCB with 1 ounce copper and no solder mask over the copper area used for heatsinking.
Copyright © 1999–2013, Texas Instruments Incorporated
Submit Documentation Feedback
7
Product Folder Links: LM3940


Số phần tương tự - LM3940IT-33

nhà sản xuấttên linh kiệnbảng dữ liệuGiải thích chi tiết về linh kiện
logo
National Semiconductor ...
LM3940IT-3.3 NSC-LM3940IT-3.3 Datasheet
291Kb / 11P
   1A Low Dropout Regulator for 5V to 3.3V Conversion
LM3940IT-3.3 NSC-LM3940IT-3.3 Datasheet
367Kb / 11P
   1A Low Dropout Regulator for 5V to 3.3V Conversion
logo
Texas Instruments
LM3940IT-3.3 TI1-LM3940IT-3.3 Datasheet
1Mb / 18P
[Old version datasheet]   LM3940 1A Low Dropout Regulator for 5V to 3.3V Conversion
LM3940IT-3.3/NOPB TI1-LM3940IT-3.3/NOPB Datasheet
1Mb / 18P
[Old version datasheet]   LM3940 1A Low Dropout Regulator for 5V to 3.3V Conversion
More results

Mô tả tương tự - LM3940IT-33

nhà sản xuấttên linh kiệnbảng dữ liệuGiải thích chi tiết về linh kiện
logo
Texas Instruments
LM3940 TI1-LM3940 Datasheet
1Mb / 18P
[Old version datasheet]   LM3940 1A Low Dropout Regulator for 5V to 3.3V Conversion
logo
National Semiconductor ...
LM3940 NSC-LM3940 Datasheet
291Kb / 11P
   1A Low Dropout Regulator for 5V to 3.3V Conversion
LM3940 NSC-LM3940_03 Datasheet
367Kb / 11P
   1A Low Dropout Regulator for 5V to 3.3V Conversion
logo
Texas Instruments
LM3940 TI-LM3940_15 Datasheet
1Mb / 24P
[Old version datasheet]   LM3940 1-A Low-Dropout Regulator for 5-V to 3.3-V Conversion
logo
Global Mixed-mode Techn...
G960 GMT-G960 Datasheet
56Kb / 1P
   3.3V 1A Low Dropout Regulator
logo
List of Unclassifed Man...
G960 ETC-G960 Datasheet
100Kb / 7P
   3.3V 1A Low Dropout Regulator
logo
Silicon Standard Corp.
SS8027G SSC-SS8027G Datasheet
299Kb / 10P
   3.3V 1A Low Dropout Regulator
logo
Global Mixed-mode Techn...
G98MXX GMT-G98MXX Datasheet
77Kb / 1P
   5V~12V 1A Low Dropout Regulator
G9105 GMT-G9105 Datasheet
404Kb / 9P
   5V 1A Low Dropout Regulator with Enable
logo
First Components Intern...
FGM78R05 FCI-FGM78R05 Datasheet
206Kb / 7P
   1A / 5V Output low dropout voltage regulator;
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18


bảng dữ liệu tải về

Go To PDF Page


Link URL




Chính sách bảo mật
ALLDATASHEET.VN
Cho đến nay ALLDATASHEET có giúp ích cho doanh nghiệp của bạn hay không?  [ DONATE ] 

Alldatasheet là   |   Quảng cáo   |   Liên lạc với chúng tôi   |   Chính sách bảo mật   |   Trao đổi link   |   Tìm kiếm theo nhà sản xuất
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com