công cụ tìm kiếm bảng dữ liệu linh kiện điện tử
  Vietnamese  ▼
ALLDATASHEET.VN

X  

ADG152DGB bảng dữ liệu(PDF) 4 Page - MTU Onsite Energy Corporation

tên linh kiện ADG152DGB
Giải thích chi tiết về linh kiện  DIESEL GENERATOR SET
Download  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
nhà sản xuất  MTU [MTU Onsite Energy Corporation]
Trang chủ  http://www.mtuonsiteenergy.com
Logo MTU - MTU Onsite Energy Corporation

ADG152DGB bảng dữ liệu(HTML) 4 Page - MTU Onsite Energy Corporation

  ADG152DGB Datasheet HTML 1Page - MTU Onsite Energy Corporation ADG152DGB Datasheet HTML 2Page - MTU Onsite Energy Corporation ADG152DGB Datasheet HTML 3Page - MTU Onsite Energy Corporation ADG152DGB Datasheet HTML 4Page - MTU Onsite Energy Corporation  
Zoom Inzoom in Zoom Outzoom out
 4 / 4 page
background image
4 /// / 50 Hz 144 kVA
// A Tognum Group Company: MTU Onsite Energy Systems GmbH / 94099 Ruhstorf / Germany / Phone + 49 8531 97 82-0 / Fax + 49 8531 97 82-1510 /
sales_oer@mtu-online.com /www.mtuonsiteenergy.com
NOISE EMISSION (SOUND PROOF)
Sound power LWA: dB(A)
95
Sound power LPA@1m: dB(A)
78
Sound power LPA@7m: dB(A)
66
RATING DEFINITIONS AND CONDITIONS
//
Prime power ratings apply to installations where utility power is unavailable or unreliable. At varying load, the number of
generator set operating hours is unlimited. A 10% overload capacity is available for one hour in twelve. Ratings are in
accordance with ISO 8528-1, ISO 3046-1, BS 5514, AS 2789, and DIN 6271.
//
Limited time power ratings apply to installations served by a reliable utility source. The standby rating is applicable to constant
or varying loads for the duration of a power outage. No overload capability for this rating. Ratings are in accordance with
ISO 8528-1, ISO 3046-1, BS 5514, AS 2789 and DIN 6271.
//
Deration factor:
Altitude: Consult your local MTU Onsite Energy distributor for altitude derations.
Temperature: Consult your local MTU Onsite Energy distributor for temperature derations.
Materials and specifications subject to change without notice.
WEIGHTS AND DIMENSIONS
System
Dimensions (L x W x H)
Weight (dry/less tank)
Sound Proof Unit (SPU)
2487 x 1110 x 1874 mm
approx. 1767 kg
Drawing above for illustration purposes only, based on standard sound proof 400 volt engine-generator set. Do not use for installation design. See website for unit specific template
drawings.
2487
1110


Số phần tương tự - ADG152DGB

nhà sản xuấttên linh kiệnbảng dữ liệuGiải thích chi tiết về linh kiện
logo
Analog Devices
ADG1517 AD-ADG1517 Datasheet
195Kb / 12P
   1.6 廓 On Resistance, 15 V iCMOS SPST Switch
REV. 0
ADG1517BCPZ-REEL7 AD-ADG1517BCPZ-REEL7 Datasheet
195Kb / 12P
   1.6 廓 On Resistance, 15 V iCMOS SPST Switch
REV. 0
ADG1519 AD-ADG1519 Datasheet
663Kb / 15P
   3.8 廓 On-Resistance, SPDT Switch
Rev. 0
ADG1519BCPZ-RL7 AD-ADG1519BCPZ-RL7 Datasheet
663Kb / 15P
   3.8 廓 On-Resistance, SPDT Switch
Rev. 0
ADG1534 AD-ADG1534 Datasheet
567Kb / 15P
   4.5 Ω RON, 1.8 V Logic-Compatible Quad SPDT Switch
Rev. 0
More results

Mô tả tương tự - ADG152DGB

nhà sản xuấttên linh kiệnbảng dữ liệuGiải thích chi tiết về linh kiện
logo
MTU Onsite Energy Corpo...
1400-XC6DT2-PRIME MTU-1400-XC6DT2-PRIME Datasheet
390Kb / 4P
   DIESEL GENERATOR SET
1750-XC6DT2-STANDBY MTU-1750-XC6DT2-STANDBY Datasheet
380Kb / 4P
   DIESEL GENERATOR SET
ADG0102D MTU-ADG0102D Datasheet
424Kb / 4P
   DIESEL GENERATOR SET
DS250D6S MTU-DS250D6S Datasheet
287Kb / 4P
   DIESEL GENERATOR SET
DS350D6S MTU-DS350D6S Datasheet
424Kb / 4P
   DIESEL GENERATOR SET
615-XC6DT2 MTU-615-XC6DT2 Datasheet
234Kb / 4P
   DIESEL GENERATOR SET
1600-XC6DT2-PRIME MTU-1600-XC6DT2-PRIME Datasheet
370Kb / 4P
   DIESEL GENERATOR SET
3250-XC6DT2-STANDBY MTU-3250-XC6DT2-STANDBY Datasheet
294Kb / 4P
   DIESEL GENERATOR SET
ADG0028D MTU-ADG0028D Datasheet
413Kb / 4P
   DIESEL GENERATOR SET
DS30D6S MTU-DS30D6S Datasheet
128Kb / 4P
   DIESEL GENERATOR SET
More results


Html Pages

1 2 3 4


bảng dữ liệu tải về

Go To PDF Page


Link URL




Chính sách bảo mật
ALLDATASHEET.VN
Cho đến nay ALLDATASHEET có giúp ích cho doanh nghiệp của bạn hay không?  [ DONATE ] 

Alldatasheet là   |   Quảng cáo   |   Liên lạc với chúng tôi   |   Chính sách bảo mật   |   Trao đổi link   |   Tìm kiếm theo nhà sản xuất
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com