công cụ tìm kiếm bảng dữ liệu linh kiện điện tử
  Vietnamese  ▼
ALLDATASHEET.VN

X  

LM2758TLEV bảng dữ liệu(PDF) 1 Page - Texas Instruments

tên linh kiện LM2758TLEV
Giải thích chi tiết về linh kiện  LM2758 Switched Capacitor Flash LED Driver in DSBGA
Download  18 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
nhà sản xuất  TI1 [Texas Instruments]
Trang chủ  http://www.ti.com
Logo TI1 - Texas Instruments

LM2758TLEV bảng dữ liệu(HTML) 1 Page - Texas Instruments

  LM2758TLEV Datasheet HTML 1Page - Texas Instruments LM2758TLEV Datasheet HTML 2Page - Texas Instruments LM2758TLEV Datasheet HTML 3Page - Texas Instruments LM2758TLEV Datasheet HTML 4Page - Texas Instruments LM2758TLEV Datasheet HTML 5Page - Texas Instruments LM2758TLEV Datasheet HTML 6Page - Texas Instruments LM2758TLEV Datasheet HTML 7Page - Texas Instruments LM2758TLEV Datasheet HTML 8Page - Texas Instruments LM2758TLEV Datasheet HTML 9Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 18 page
background image
LM2758
RSET
ISET
PGND
SGND
EN1
EN2
VIN
2.2 PF
C1
+
C2
+
C2
-
C1
-
1 PF
1 PF
2.2 PF
CPOUT
LED-
+
-
2.7V to 5.5V
C2
C1
CIN
COUT
LM2758
www.ti.com
SNVS551D – APRIL 2008 – REVISED MAY 2013
LM2758 Switched Capacitor Flash LED Driver in DSBGA
Check for Samples: LM2758
1
FEATURES
APPLICATIONS
2
Up to 700 mA Output Current
Camera Flash in Mobile Phones
Ultra-Small Solution Size
Flash for Digital Cameras
No Inductor, Only 4 Capacitors and a
DESCRIPTION
Resistor Required
LM2758 is an integrated low-noise, high-current
1.514 mm x 1.996 mm x 0.6 mm Thin
switched capacitor DC/DC converter with a regulated
DSBGA package
current sink. The device is capable of driving loads up
90% Peak Efficiency
to 700 mA from a single-cell Li-Ion battery. Maximum
efficiency is achieved over the input voltage range by
Indicator, Torch and Flash Modes
actively selecting the proper gain based on the LED
Time-Out Circuitry Limits Flash Duration to
forward voltage and current requirements.
814 msec. (typ.)
One external low-power resistor sets the desired
Adaptive 1x and 1.5x Gains for Maximum
current for Indicator, Torch and Flash modes. To
Efficiency
protect the devices and the flash LED, internal Time-
True Shutdown
out circuitry turns off the LM2758 in case of a faulty
Internal Soft-Start Eliminates Inrush Current
prolonged Flash mode. Internal soft-start circuitry
limits the amount of inrush current during start-up.
LM2758 is offered in a tiny 12-bump thin DSBGA
package.
Typical Application Circuit
1
Please be aware that an important notice concerning availability, standard warranty, and use in critical applications of
Texas Instruments semiconductor products and disclaimers thereto appears at the end of this data sheet.
2
All trademarks are the property of their respective owners.
PRODUCTION DATA information is current as of publication date.
Copyright © 2008–2013, Texas Instruments Incorporated
Products conform to specifications per the terms of the Texas
Instruments standard warranty. Production processing does not
necessarily include testing of all parameters.


Số phần tương tự - LM2758TLEV

nhà sản xuấttên linh kiệnbảng dữ liệuGiải thích chi tiết về linh kiện
logo
National Semiconductor ...
LM2758TL NSC-LM2758TL Datasheet
1,012Kb / 14P
   Switched Capacitor Flash LED Driver in micro SMD
logo
Texas Instruments
LM2758TL/NOPB TI1-LM2758TL/NOPB Datasheet
928Kb / 23P
[Old version datasheet]   LM2758 Switched Capacitor Flash LED Driver in DSBGA Package
logo
National Semiconductor ...
LM2758TLX NSC-LM2758TLX Datasheet
1,012Kb / 14P
   Switched Capacitor Flash LED Driver in micro SMD
logo
Texas Instruments
LM2758TLX/NOPB TI1-LM2758TLX/NOPB Datasheet
928Kb / 23P
[Old version datasheet]   LM2758 Switched Capacitor Flash LED Driver in DSBGA Package
More results

Mô tả tương tự - LM2758TLEV

nhà sản xuấttên linh kiệnbảng dữ liệuGiải thích chi tiết về linh kiện
logo
Texas Instruments
LM2758 TI1-LM2758 Datasheet
928Kb / 23P
[Old version datasheet]   LM2758 Switched Capacitor Flash LED Driver in DSBGA Package
logo
National Semiconductor ...
LM2758 NSC-LM2758 Datasheet
1,012Kb / 14P
   Switched Capacitor Flash LED Driver in micro SMD
LM2753 NSC-LM2753 Datasheet
520Kb / 8P
   High Power Switched Capacitor Voltage Convertor/Flash LED Driver
logo
Texas Instruments
LM2787 TI-LM2787_15 Datasheet
292Kb / 9P
[Old version datasheet]   LM2787 Low Noise Regulated Switched Capacitor Voltage Inverter in DSBGA
LM2759 TI1-LM2759_17 Datasheet
2Mb / 22P
[Old version datasheet]   1A Switched Capacitor Flash LED Driver with I2C Compatible Interface
logo
National Semiconductor ...
LM2759 NSC-LM2759_10 Datasheet
1Mb / 14P
   1A Switched Capacitor Flash LED Driver with I2C Compatible Interface
LM2754 NSC-LM2754 Datasheet
1Mb / 11P
   800mA Switched Capacitor Flash LED Driver with Time-Out Protection
logo
Texas Instruments
LM2753 TI1-LM2753 Datasheet
1Mb / 20P
[Old version datasheet]   LM2753 High-Power Switched-Capacitor Voltage Converter and Flash LED Driver
LM2759 TI1-LM2759_13 Datasheet
2Mb / 21P
[Old version datasheet]   LM2759 1A Switched Capacitor Flash LED Driver with I2C Compatible Interface
LM2754 TI1-LM2754 Datasheet
2Mb / 19P
[Old version datasheet]   LM2754 800mA Switched Capacitor Flash LED Driver with Time-Out Protection
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18


bảng dữ liệu tải về

Go To PDF Page


Link URL




Chính sách bảo mật
ALLDATASHEET.VN
Cho đến nay ALLDATASHEET có giúp ích cho doanh nghiệp của bạn hay không?  [ DONATE ] 

Alldatasheet là   |   Quảng cáo   |   Liên lạc với chúng tôi   |   Chính sách bảo mật   |   Trao đổi link   |   Tìm kiếm theo nhà sản xuất
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com