công cụ tìm kiếm bảng dữ liệu linh kiện điện tử
  Vietnamese  ▼
ALLDATASHEET.VN

X  

TS0016A bảng dữ liệu(PDF) 2 Page - TAI-SAW TECHNOLOGY CO., LTD.

tên linh kiện TS0016A
Giải thích chi tiết về linh kiện  SMD 7.0x5.0 LVDS SAW Oscillator
Download  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
nhà sản xuất  TAI-SAW [TAI-SAW TECHNOLOGY CO., LTD.]
Trang chủ  http://www.taisaw.com
Logo TAI-SAW - TAI-SAW TECHNOLOGY CO., LTD.

TS0016A bảng dữ liệu(HTML) 2 Page - TAI-SAW TECHNOLOGY CO., LTD.

  TS0016A Datasheet HTML 1Page - TAI-SAW TECHNOLOGY CO., LTD. TS0016A Datasheet HTML 2Page - TAI-SAW TECHNOLOGY CO., LTD. TS0016A Datasheet HTML 3Page - TAI-SAW TECHNOLOGY CO., LTD. TS0016A Datasheet HTML 4Page - TAI-SAW TECHNOLOGY CO., LTD. TS0016A Datasheet HTML 5Page - TAI-SAW TECHNOLOGY CO., LTD. TS0016A Datasheet HTML 6Page - TAI-SAW TECHNOLOGY CO., LTD. TS0016A Datasheet HTML 7Page - TAI-SAW TECHNOLOGY CO., LTD. TS0016A Datasheet HTML 8Page - TAI-SAW TECHNOLOGY CO., LTD.  
Zoom Inzoom in Zoom Outzoom out
 2 / 8 page
background image
TAI-SAW TECHNOLOGY CO., LTD.
2
TST DCC
Release document
TAI-SAW TECHNOLOGY CO., LTD.
No. 3, Industrial 2nd Rd., Ping-Chen Industrial District,
Taoyuan, 324, Taiwan, R.O.C.
TEL: 886-3-4690038
FAX: 886-3-4697532
E-mail: tstsales@mail.taisaw.com
Web: www.taisaw.com
SMD 7.0x5.0 LVDS SAW Oscillator
MODEL NO.: TS0016A
REV. NO.:1.0
Conditions:
Limits
Parameter
Symbol
min.
typ.
max.
Units
Supply Voltage
Vcc
2.375
2.5
2.625
V
Load Impedance
-
-
100
-
Ω
Operating Temperature Range
Ta
-10
-
70
Electrical Specifications:
For different applications, the specification change is possible. Please contact TST sales
representative or application engineer for your requirement.
Limits
Parameter
Symbol
min.
typ.
max.
Units
Conditions
Output Frequency
-
-
78.125
-
MHz
Frequency tolerance
-
-100
-
100
ppm
Include Ta range
Current Consumption
-
-
-
66
mA
OE=Vcc L_LVDS=100Ω
Differential output voltage*1
VOD
247
-
454
mV
Differential output error*1
VOD
-
-
50
mV
Measurement cct.1,OE=open,
RL=100Ω,OUT-OUTN differential
voltage,f=100MHz
Offset voltage*1
Vos
1.125
-
1.375
V
Offset error*1
Vos
-
-
50
mV
Measurementcct.1,OE=open,
RL=100Ω,OUT-OUTN mid-level
potential,f=100MHz
HIGH-level input voltage*1
VIH
0.7VCC
-
-
V
OE terminal
LOW-level input voltage*1
VIL
-
-
0.3VCC
V
OE terminal
LVDS Rise time *1
tr
-
-
0.4
ns
20%- 80% - of differential
output voltage
LVDS Fall time *1
tf
-
-
0.4
ns
80%- 20% - of differential
output voltage
Output clock duty cycle*1
SYM
45
-
55
%
At outputs crossing point
Oscillation Start Up time
t_str
-
-
10
msec.
t=0 at Vcc min
Phase Jitter
tPJ
-
-
1
ps
Integration of Phase noise Offset
12KHz~20 MHz
Frequency Aging
-
-
+-10
ppm/yr
25 deg.C 1
st year.
*1 Please see page 6:Timing chart
RoHS Compliant
Lead free
Lead-free soldering


Số phần tương tự - TS0016A

nhà sản xuấttên linh kiệnbảng dữ liệuGiải thích chi tiết về linh kiện
logo
TAI-SAW TECHNOLOGY CO.,...
TS0012A TAI-SAW-TS0012A Datasheet
376Kb / 7P
   SMD 5.0x7.0 LVPECL SAW OSCILLATOR
logo
Bothhand USA, LP.
TS0013 BOTHHAND-TS0013 Datasheet
26Kb / 1P
   10/100 BASE PCMCIA TRANSFORMER
logo
TAI-SAW TECHNOLOGY CO.,...
TS0013A TAI-SAW-TS0013A Datasheet
388Kb / 7P
   SMD 7.0x5.0 CMOS SAW Oscillator
TS0014A TAI-SAW-TS0014A Datasheet
383Kb / 7P
   SMD 7.0x5.0 LVDS SAW Oscillator
TS0017A TAI-SAW-TS0017A Datasheet
389Kb / 7P
   SMD 7.0x5.0 LVDS SAW Oscillator
More results

Mô tả tương tự - TS0016A

nhà sản xuấttên linh kiệnbảng dữ liệuGiải thích chi tiết về linh kiện
logo
TAI-SAW TECHNOLOGY CO.,...
TS0017A TAI-SAW-TS0017A Datasheet
389Kb / 7P
   SMD 7.0x5.0 LVDS SAW Oscillator
TS0018A TAI-SAW-TS0018A Datasheet
406Kb / 7P
   SMD 7.0x5.0 LVDS SAW Oscillator
TS0021A TAI-SAW-TS0021A Datasheet
412Kb / 8P
   SMD 7.0x5.0 LVDS SAW Oscillator
TS0014A TAI-SAW-TS0014A Datasheet
383Kb / 7P
   SMD 7.0x5.0 LVDS SAW Oscillator
TS0019A TAI-SAW-TS0019A Datasheet
404Kb / 7P
   SMD 7.0x5.0 LVPECL SAW OSCILLATOR
TS0013A TAI-SAW-TS0013A Datasheet
388Kb / 7P
   SMD 7.0x5.0 CMOS SAW Oscillator
TW0389A TAI-SAW-TW0389A Datasheet
363Kb / 7P
   SMD 7.0x5.0 2.048MHz Crystal Oscillator
REV. NO.: 1.0
TW0341A TAI-SAW-TW0341A Datasheet
277Kb / 7P
   SMD 7.0x5.0 125MHz Crystal Oscillator
REV. NO.: 1
logo
Yuechung International ...
OSCLD-S7 YIC-OSCLD-S7 Datasheet
328Kb / 1P
   OSCLD-S7 Series : LVDS SMD Crystal Clock Oscillator 7.0x5.0 mm
logo
TAI-SAW TECHNOLOGY CO.,...
TW0185A TAI-SAW-TW0185A Datasheet
369Kb / 7P
   SMD 7.0x5.0 33.333MHz Crystal Oscillator
More results


Html Pages

1 2 3 4 5 6 7 8


bảng dữ liệu tải về

Go To PDF Page


Link URL




Chính sách bảo mật
ALLDATASHEET.VN
Cho đến nay ALLDATASHEET có giúp ích cho doanh nghiệp của bạn hay không?  [ DONATE ] 

Alldatasheet là   |   Quảng cáo   |   Liên lạc với chúng tôi   |   Chính sách bảo mật   |   Trao đổi link   |   Tìm kiếm theo nhà sản xuất
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com