công cụ tìm kiếm bảng dữ liệu linh kiện điện tử
  Vietnamese  ▼
ALLDATASHEET.VN

X  

AD8041ANZ bảng dữ liệu(PDF) 10 Page - List of Unclassifed Manufacturers

tên linh kiện AD8041ANZ
Giải thích chi tiết về linh kiện  MICROCIRCUIT, LINEAR, 160 MHz, RAIL-TO-RAIL AMPLIFIER WITH DISABLE, MONOLITHIC SILICON
Download  13 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
nhà sản xuất  ETC [List of Unclassifed Manufacturers]
Trang chủ  
Logo ETC - List of Unclassifed Manufacturers

AD8041ANZ bảng dữ liệu(HTML) 10 Page - List of Unclassifed Manufacturers

Back Button AD8041ANZ Datasheet HTML 5Page - List of Unclassifed Manufacturers AD8041ANZ Datasheet HTML 6Page - List of Unclassifed Manufacturers AD8041ANZ Datasheet HTML 7Page - List of Unclassifed Manufacturers AD8041ANZ Datasheet HTML 8Page - List of Unclassifed Manufacturers AD8041ANZ Datasheet HTML 9Page - List of Unclassifed Manufacturers AD8041ANZ Datasheet HTML 10Page - List of Unclassifed Manufacturers AD8041ANZ Datasheet HTML 11Page - List of Unclassifed Manufacturers AD8041ANZ Datasheet HTML 12Page - List of Unclassifed Manufacturers AD8041ANZ Datasheet HTML 13Page - List of Unclassifed Manufacturers  
Zoom Inzoom in Zoom Outzoom out
 10 / 13 page
background image
STANDARD
MICROCIRCUIT DRAWING
SIZE
A
5962-96839
DLA LAND AND MARITIME
COLUMBUS, OHIO 43218-3990
REVISION LEVEL
E
SHEET
10
DSCC FORM 2234
APR 97
TABLE IIA. Electrical test requirements.
Test requirements
Subgroups
(in accordance with
MIL-STD-883,
method 5005, table I)
Subgroups
(in accordance with
MIL-PRF-38535, table III)
Device
class M
Device
class Q
Device
class V
Interim electrical
parameters (see 4.2)
---
---
1
Final electrical
parameters (see 4.2)
1,2,3 1/
1,2,3 1/
1,2,3 2/
Group A test
requirements (see 4.4)
1,2,3
1,2,3
1,2,3
Group C end-point electrical
parameters (see 4.4)
1
1
1,2,3 2/
Group D end-point electrical
parameters (see 4.4)
1
1
1,2,3
Group E end-point electrical
parameters (see 4.4)
---
1
1
1/ PDA applies to subgroup 1.
2/ Delta limits as specified in TABLE IIB shall be computed with reference to the previous interim
electrical parameters. Delta parameters are excluded from PDA.
TABLE IIB. Burn-in and operating life test delta parameters. 1/
Parameter
Delta limits
Units
IS
1
mA
VOS
1
mV
IIB
0.5
A
1/ Deltas are performed at room temperature.
4.4.2 Group C inspection. The group C inspection end-point electrical parameters shall be as specified in table IIA herein.
4.4.2.1 Additional criteria for device class M. Steady-state life test conditions, method 1005 of MIL-STD-883:
a.
Test condition B. The test circuit shall be maintained by the manufacturer under document revision level control and
shall be made available to the preparing or acquiring activity upon request. The test circuit shall specify the inputs,
outputs, biases, and power dissipation, as applicable, in accordance with the intent specified in method 1005 of
MIL-STD-883.
b.
TA = +125C, minimum.
c.
Test duration: 1,000 hours, except as permitted by method 1005 of MIL-STD-883.


Số phần tương tự - AD8041ANZ

nhà sản xuấttên linh kiệnbảng dữ liệuGiải thích chi tiết về linh kiện
logo
Analog Devices
AD8041AN AD-AD8041AN Datasheet
250Kb / 16P
   160 MHz Rail-to-Rail Amplifier with Disable
REV. B
AD8041AN AD-AD8041AN Datasheet
311Kb / 18P
   160 MHz Rail-to-Rail Amplifier with Disable
More results

Mô tả tương tự - AD8041ANZ

nhà sản xuấttên linh kiệnbảng dữ liệuGiải thích chi tiết về linh kiện
logo
List of Unclassifed Man...
AD8041ARZ ETC1-AD8041ARZ Datasheet
100Kb / 13P
   MICROCIRCUIT, LINEAR, 160 MHz, RAIL-TO-RAIL AMPLIFIER WITH DISABLE, MONOLITHIC SILICON
5962L9683903VHA ETC-5962L9683903VHA Datasheet
100Kb / 13P
   MICROCIRCUIT, LINEAR, 160 MHz, RAIL-TO-RAIL AMPLIFIER WITH DISABLE, MONOLITHIC SILICON
logo
Analog Devices
AD8041 AD-AD8041 Datasheet
250Kb / 16P
   160 MHz Rail-to-Rail Amplifier with Disable
REV. B
AD8041 AD-AD8041_15 Datasheet
505Kb / 17P
   160 MHz Rail-to-Rail Amplifier with Disable
REV. B
AD8041 AD-AD8041_17 Datasheet
311Kb / 18P
   160 MHz Rail-to-Rail Amplifier with Disable
logo
List of Unclassifed Man...
5962R0051701VCA ETC-5962R0051701VCA Datasheet
126Kb / 12P
   MICROCIRCUIT, LINEAR, QUAD, RAIL-TO-RAIL, PRECISION, OPERATIONAL AMPLIFIER, MONOLITHIC SILICON
5962R0051701VDA ETC-5962R0051701VDA Datasheet
126Kb / 12P
   MICROCIRCUIT, LINEAR, QUAD, RAIL-TO-RAIL,PRECISION, OPERATIONAL AMPLIFIER, MONOLITHIC SILICON
logo
Analog Devices
AD810ANZ AD-AD810ANZ Datasheet
76Kb / 13P
   MICROCIRCUIT, LINEAR, VIDEO OPERATIONAL AMPLIFIER WITH DISABLE, MONOLITHIC SILICON
DSCC FORM 2233 APR 97
AD8042 AD-AD8042_15 Datasheet
556Kb / 17P
   Dual 160 MHz Rail-to-Rail Amplifier
Rev. E
AD8042 AD-AD8042_07 Datasheet
435Kb / 16P
   Dual 160 MHz Rail-to-Rail Amplifier
Rev. E
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13


bảng dữ liệu tải về

Go To PDF Page


Link URL




Chính sách bảo mật
ALLDATASHEET.VN
Cho đến nay ALLDATASHEET có giúp ích cho doanh nghiệp của bạn hay không?  [ DONATE ] 

Alldatasheet là   |   Quảng cáo   |   Liên lạc với chúng tôi   |   Chính sách bảo mật   |   Trao đổi link   |   Tìm kiếm theo nhà sản xuất
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com